전자부품 데이터시트 검색엔진 |
|
ST380CH04C0L 데이터시트(PDF) 5 Page - International Rectifier |
|
ST380CH04C0L 데이터시트(HTML) 5 Page - International Rectifier |
5 / 7 page ST380CH..C Series 5 Bulletin I25169 rev. C 04/00 www.irf.com Outline Table Fig. 1 - Current Ratings Characteristics Fig. 2 - Current Ratings Characteristics 20 30 40 50 60 70 80 90 100 110 120 130 140 150 0 200 4 0 0 600 80 0 1 000 12 00 140 0 DC 30° 60° 90° 120° 180° A v e ra g e O n -st a te C u rre n t ( A ) C on d uc tion Pe riod ST 380C H..C Se ries ( Sin g le S id e C o oled ) R ( D C ) = 0 .0 9 K / W thJ -hs 40 50 60 70 80 90 10 0 11 0 12 0 13 0 14 0 15 0 0 1 00 2 0 0 300 400 50 0 6 00 7 0 0 8 00 30 ° 60 ° 90 ° 12 0 ° 18 0 ° A v e ra g e O n - sta te C u rre n t ( A ) Co n d uc tio n Ang le ST 3 8 0 C H ..C S e rie s (Sin g le S id e C o o le d ) R ( D C ) = 0 .0 9 K /W thJ -hs DIA. MAX. 4.75 (0.19) 28 (1.10) 6.5 (0.26) 0.3 (0.01) MIN. 0.3 (0.01) MIN. ANODE TO GATE CREEPAGE DISTANCE: 11.18 (0.44) MIN. STRIKE DISTANCE: 7.62 (0.30) MIN. 25.3 (0.99) 14.1 / 15.1 (0.56 / 0.59) 25°± 5° GATE TERM. FOR 1.47 (0.06) DIA. PIN RECEPTACLE 25.3 (0.99) 40.5 (1.59) DIA. MAX. DIA. MAX. 2 HOLES 3.56 (0.14) x 1.83 (0.07) MIN. DEEP 42 (1.65) MAX. Case Style TO-200AB (E-PUK) All dimensions in millimeters (inches) Quote between upper and lower pole pieces has to be considered after application of Mounting Force (see Thermal and Mechanical Specification) |
유사한 부품 번호 - ST380CH04C0L |
|
유사한 설명 - ST380CH04C0L |