전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ST380CH06C1L 데이터시트(PDF) 1 Page - International Rectifier

부품명 ST380CH06C1L
상세설명  PHASE CONTROL THYRISTORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

ST380CH06C1L 데이터시트(HTML) 1 Page - International Rectifier

  ST380CH06C1L Datasheet HTML 1Page - International Rectifier ST380CH06C1L Datasheet HTML 2Page - International Rectifier ST380CH06C1L Datasheet HTML 3Page - International Rectifier ST380CH06C1L Datasheet HTML 4Page - International Rectifier ST380CH06C1L Datasheet HTML 5Page - International Rectifier ST380CH06C1L Datasheet HTML 6Page - International Rectifier ST380CH06C1L Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
960A
PHASE CONTROL THYRISTORS
Hockey Puk Version
ST380CH..C SERIES
1
Bulletin I25169 rev. C 04/00
www.irf.com
Typical Applications
DC motor controls
Controlled DC power supplies
AC controllers
I
T(AV)
960
A
@ T
hs
80
°C
I
T(RMS)
2220
A
@ Ths
25
°C
I
TSM
@ 50Hz
12500
A
@ 60Hz
13000
A
I2t@ 50Hz
782
KA2s
@ 60Hz
713
KA2s
V
DRM
/V
RRM
400 to 600
V
t
q
typical
100
µs
T
J
- 40 to 150
°C
Parameters
ST380CH..C
Units
Major Ratings and Characteristics
Features
Center amplifying gate
Metal case with ceramic insulator
International standard case TO-200AB (E-PUK)
Low profile hockey-puk to increase current-carrying capability
Extended temperature range
case style TO-200AB (E-PUK)


유사한 부품 번호 - ST380CH06C1L

제조업체부품명데이터시트상세설명
logo
International Rectifier
ST380CH06C1LPBF IRF-ST380CH06C1LPBF Datasheet
92Kb / 8P
   PHASE CONTROL THYRISTORS
logo
Vishay Siliconix
ST380CH06C1LPBF VISHAY-ST380CH06C1LPBF Datasheet
199Kb / 7P
   Phase Control Thyristors (Hockey PUK Version), 960 A
Revision: 11-Aug-08
More results

유사한 설명 - ST380CH06C1L

제조업체부품명데이터시트상세설명
logo
International Rectifier
ST730C08L0 IRF-ST730C08L0 Datasheet
82Kb / 8P
   PHASE CONTROL THYRISTORS
logo
IXYS Corporation
CS8-08IO2 IXYS-CS8-08IO2 Datasheet
51Kb / 3P
   Phase Control Thyristors
logo
International Rectifier
ST1200C12K0 IRF-ST1200C12K0 Datasheet
87Kb / 7P
   PHASE CONTROL THYRISTORS
110RKI IRF-110RKI Datasheet
136Kb / 8P
   PHASE CONTROL THYRISTORS
logo
Vishay Siliconix
ST300C08C0L VISHAY-ST300C08C0L Datasheet
238Kb / 9P
   Phase Control Thyristors
Revision: 25-Nov-13
VS-180RKI40 VISHAY-VS-180RKI40 Datasheet
194Kb / 9P
   Phase Control Thyristors
Revision: 11-Mar-14
VS-ST780CL VISHAY-VS-ST780CL Datasheet
237Kb / 9P
   Phase Control Thyristors
Revision: 15-Apr-14
logo
AEGIS SEMICONDUTORES LT...
A5N:1000.22H AEGIS-A5N:1000.22H Datasheet
333Kb / 4P
   Phase Control Thyristors
A5N:1400.16 AEGIS-A5N:1400.16 Datasheet
319Kb / 4P
   Phase Control Thyristors
logo
IXYS Corporation
CS300-12IO3 IXYS-CS300-12IO3 Datasheet
66Kb / 3P
   Phase Control Thyristors
CS1011-18IO1 IXYS-CS1011-18IO1 Datasheet
28Kb / 2P
   Phase Control Thyristors
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com