전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ST380CH04C2L 데이터시트(PDF) 7 Page - International Rectifier

부품명 ST380CH04C2L
상세설명  PHASE CONTROL THYRISTORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

ST380CH04C2L 데이터시트(HTML) 7 Page - International Rectifier

  ST380CH04C2L Datasheet HTML 1Page - International Rectifier ST380CH04C2L Datasheet HTML 2Page - International Rectifier ST380CH04C2L Datasheet HTML 3Page - International Rectifier ST380CH04C2L Datasheet HTML 4Page - International Rectifier ST380CH04C2L Datasheet HTML 5Page - International Rectifier ST380CH04C2L Datasheet HTML 6Page - International Rectifier ST380CH04C2L Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
ST380CH..C Series
7
Bulletin I25169 rev. C 04/00
www.irf.com
Fig. 9 - On-state Voltage Drop Characteristics
Fig. 10 - Thermal Impedance Z
thJ-hs Characteristics
Fig. 11 - Gate Characteristics
10 0
1000
10000
0 .511.522 .533 .5
T = 2 5°C
J
In stantaneous O n-state V olta ge (V)
ST380CH ..C Series
T = 1 50°C
J
0. 0 0 1
0. 0 1
0. 1
0 . 0 0 1
0 .0 1
0 .1
1
1 0
Sq u a re W a v e P ulse D u ra t io n (s)
S te a dy St a t e V a lu e
R
= 0 .0 9 K / W
( S in g le S id e C ooled )
R
= 0 .0 4 K / W
(D o ub le S id e C o o le d )
(D C O pe ra tio n )
thJ- hs
thJ- hs
S T3 80C H .. C Se ries
0. 1
1
10
10 0
0 . 0 0 1
0 .0 1
0 .1
1
1 0
1 0 0
VG D
IG D
(b )
(a )
(2 )
(3 )
In st a n tan e o u s G ate C ur re n t ( A )
a) R e c o m m e n de d lo ad lin e fo r
b ) R e c o m m e n de d lo a d lin e fo r
<=3 0% ra te d d i/d t : 10 V, 1 0o hm s
Fre q u e n c y L im it e d by P G ( A V )
ra te d d i/d t : 2 0 V , 1 0 o h m s; t r< =1 µ s
t r<= 1 µ s
D e vic e : ST 380C H .. C Se ries
(1 ) P G M = 1 0 W , t p = 4 m s
(2 ) P G M = 2 0 W , t p = 2 m s
(3 ) P G M = 4 0 W , t p = 1 m s
( 4 ) P G M = 6 0 W , t p = 0. 66m s
R e c t a n g u la r g a t e pu lse
(1 )
(4 )


유사한 부품 번호 - ST380CH04C2L

제조업체부품명데이터시트상세설명
logo
International Rectifier
ST380CH04C2LPBF IRF-ST380CH04C2LPBF Datasheet
92Kb / 8P
   PHASE CONTROL THYRISTORS
More results

유사한 설명 - ST380CH04C2L

제조업체부품명데이터시트상세설명
logo
International Rectifier
ST730C08L0 IRF-ST730C08L0 Datasheet
82Kb / 8P
   PHASE CONTROL THYRISTORS
logo
IXYS Corporation
CS8-08IO2 IXYS-CS8-08IO2 Datasheet
51Kb / 3P
   Phase Control Thyristors
logo
International Rectifier
ST1200C12K0 IRF-ST1200C12K0 Datasheet
87Kb / 7P
   PHASE CONTROL THYRISTORS
110RKI IRF-110RKI Datasheet
136Kb / 8P
   PHASE CONTROL THYRISTORS
logo
Vishay Siliconix
ST300C08C0L VISHAY-ST300C08C0L Datasheet
238Kb / 9P
   Phase Control Thyristors
Revision: 25-Nov-13
VS-180RKI40 VISHAY-VS-180RKI40 Datasheet
194Kb / 9P
   Phase Control Thyristors
Revision: 11-Mar-14
VS-ST780CL VISHAY-VS-ST780CL Datasheet
237Kb / 9P
   Phase Control Thyristors
Revision: 15-Apr-14
logo
AEGIS SEMICONDUTORES LT...
A5N:1000.22H AEGIS-A5N:1000.22H Datasheet
333Kb / 4P
   Phase Control Thyristors
A5N:1400.16 AEGIS-A5N:1400.16 Datasheet
319Kb / 4P
   Phase Control Thyristors
logo
IXYS Corporation
CS300-12IO3 IXYS-CS300-12IO3 Datasheet
66Kb / 3P
   Phase Control Thyristors
CS1011-18IO1 IXYS-CS1011-18IO1 Datasheet
28Kb / 2P
   Phase Control Thyristors
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com