전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FZT956QTA 데이터시트(PDF) 2 Page - Diodes Incorporated

부품명 FZT956QTA
상세설명  200V PNP MEDIUM POWER TRANSISTOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIODES [Diodes Incorporated]
홈페이지  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FZT956QTA 데이터시트(HTML) 2 Page - Diodes Incorporated

  FZT956QTA Datasheet HTML 1Page - Diodes Incorporated FZT956QTA Datasheet HTML 2Page - Diodes Incorporated FZT956QTA Datasheet HTML 3Page - Diodes Incorporated FZT956QTA Datasheet HTML 4Page - Diodes Incorporated FZT956QTA Datasheet HTML 5Page - Diodes Incorporated FZT956QTA Datasheet HTML 6Page - Diodes Incorporated FZT956QTA Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
FZT956
Datasheet Number: DS36119 Rev. 6 - 2
2 of 7
www.diodes.com
April 2017
© Diodes Incorporated
FZT956
Absolute Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Collector-Base Voltage
VCBO
-220
V
Collector-Emitter Voltage
VCEO
-200
V
Emitter-Base Voltage
VEBO
-7
V
Continuous Collector Current
IC
-2
A
Peak Pulse Current
ICM
-5
A
Thermal Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Power Dissipation
Linear Derating Factor
(Note 6)
PD
3.0
24
W
mW
/°C
(Note 7)
1.6
12.8
Thermal Resistance, Junction to Ambient
(Note 6)
RθJA
42
°C/W
(Note 7)
RθJA
78
Thermal Resistance Junction to Lead
(Note 8)
RθJL
8.8
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
ESD Ratings (Note 9)
Characteristic
Symbol
Value
Unit
JEDEC Class
Electrostatic Discharge - Human Body Model
ESD HBM
4,000
V
3A
Electrostatic Discharge - Machine Model
ESD MM
400
V
C
Notes:
6. For a device mounted with the collector lead on 52mm x 52mm 2oz copper that is on a single sided 1.6mm FR4 PCB; device is
measured under still air conditions whilst operating in a steady-state.
7. Same as Note 6, except mounted on 25mm x 25mm 1oz copper.
8. Thermal resistance from junction to solder-point (at the end of the collector lead).
9. Refer to JEDEC specification JESD22-A114 and JESD22-A115.


유사한 부품 번호 - FZT956QTA

제조업체부품명데이터시트상세설명
logo
Zetex Semiconductors
FZT956 ZETEX-FZT956 Datasheet
115Kb / 5P
   PNP SILICON PLANAR HIGH CURRENT (HIGH PERFORMANCE) TRANSISTORS
logo
Guangdong Kexin Industr...
FZT956 KEXIN-FZT956 Datasheet
40Kb / 2P
   NPN Silicon Planar High Voltage Transistor
logo
Diodes Incorporated
FZT956 DIODES-FZT956 Datasheet
235Kb / 5P
   SOT223 PNP SILICON PLANAR HIGH CURRENT
FZT956 DIODES-FZT956 Datasheet
235Kb / 5P
   SOT223 PNP SILICON PLANAR HIGH CURRENT (HIGH PERFORMANCE) TRANSISTORS
FZT956TA DIODES-FZT956TA Datasheet
235Kb / 5P
   SOT223 PNP SILICON PLANAR HIGH CURRENT (HIGH PERFORMANCE) TRANSISTORS
More results

유사한 설명 - FZT956QTA

제조업체부품명데이터시트상세설명
logo
Diodes Incorporated
ZXTP03200BG DIODES-ZXTP03200BG_16 Datasheet
433Kb / 7P
   200V PNP MEDIUM POWER LOW SATURATION TRANSISTOR
FZT796A DIODES-FZT796A_16 Datasheet
801Kb / 7P
   200V PNP MEDIUM POWER HIGH GAIN TRANSISTOR
FZT956 DIODES-FZT956_15 Datasheet
585Kb / 7P
   200V PNP MEDIUM POWER TRANSISTOR IN SOT223
ZTX796A DIODES-ZTX796A_15 Datasheet
1,023Kb / 7P
   200V PNP MEDIUM POWER HIGH GAIN TRANSISTOR IN E-LINE
logo
NXP Semiconductors
PBSS5540Z PHILIPS-PBSS5540Z Datasheet
44Kb / 8P
   PNP medium power transistor
1999 Aug 04
logo
Guangdong Kexin Industr...
BC869 KEXIN-BC869 Datasheet
53Kb / 2P
   PNP Medium Power Transistor
logo
Chenmko Enterprise Co. ...
2SA1036KPT CHENMKO-2SA1036KPT Datasheet
102Kb / 3P
   Medium Power PNP Transistor
logo
Galaxy Semi-Conductor H...
BC869 BILIN-BC869 Datasheet
142Kb / 3P
   PNP medium power Transistor
logo
Chenmko Enterprise Co. ...
2SB1188PT CHENMKO-2SB1188PT Datasheet
242Kb / 3P
   PNP Medium Power Transistor
logo
Guangdong Kexin Industr...
KCP69 KEXIN-KCP69 Datasheet
79Kb / 2P
   PNP medium power transistor
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com