전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FZT956QTA 데이터시트(PDF) 3 Page - Diodes Incorporated

부품명 FZT956QTA
상세설명  200V PNP MEDIUM POWER TRANSISTOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIODES [Diodes Incorporated]
홈페이지  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FZT956QTA 데이터시트(HTML) 3 Page - Diodes Incorporated

  FZT956QTA Datasheet HTML 1Page - Diodes Incorporated FZT956QTA Datasheet HTML 2Page - Diodes Incorporated FZT956QTA Datasheet HTML 3Page - Diodes Incorporated FZT956QTA Datasheet HTML 4Page - Diodes Incorporated FZT956QTA Datasheet HTML 5Page - Diodes Incorporated FZT956QTA Datasheet HTML 6Page - Diodes Incorporated FZT956QTA Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
FZT956
Datasheet Number: DS36119 Rev. 6 - 2
3 of 7
www.diodes.com
April 2017
© Diodes Incorporated
FZT956
Thermal Characteristics and Derating Information
100m
1
10
100
10m
100m
1
10
Single Pulse. T
amb
=25°C
52mmX52mm
single sided 2oz Cu
V
CE(sat)
Limit
100µs
1ms
10ms
100ms
1s
DC
Safe Operating Area
-V
CE
Collector-Emitter Voltage (V)
0
20
40
60
80
100 120 140 160
0.0
0.5
1.0
1.5
2.0
2.5
3.0
2 5 m m X 2 5 m m
sin g le sid ed 1 o z Cu
5 2 m m X 5 2 m m
sin g le sid ed 2 o z Cu
Derating Curve
Temperature (°C)
100µ
1m
10m 100m
1
10
100
1k
0
10
20
30
40
5 2 m m X 5 2 m m
sin g le sid ed 2 o z Cu
Transient Thermal Impedance
D=0.5
D=0.2
D=0.1
Single Pulse
D=0.05
Pulse Width (s)
100µ
1m
10m 100m
1
10
100
1k
1
10
100
Single Pulse. T
amb
=25°C
52mmX52mm
single sided 2oz Cu
Pulse Power Dissipation
Pulse Width (s)


유사한 부품 번호 - FZT956QTA

제조업체부품명데이터시트상세설명
logo
Zetex Semiconductors
FZT956 ZETEX-FZT956 Datasheet
115Kb / 5P
   PNP SILICON PLANAR HIGH CURRENT (HIGH PERFORMANCE) TRANSISTORS
logo
Guangdong Kexin Industr...
FZT956 KEXIN-FZT956 Datasheet
40Kb / 2P
   NPN Silicon Planar High Voltage Transistor
logo
Diodes Incorporated
FZT956 DIODES-FZT956 Datasheet
235Kb / 5P
   SOT223 PNP SILICON PLANAR HIGH CURRENT
FZT956 DIODES-FZT956 Datasheet
235Kb / 5P
   SOT223 PNP SILICON PLANAR HIGH CURRENT (HIGH PERFORMANCE) TRANSISTORS
FZT956TA DIODES-FZT956TA Datasheet
235Kb / 5P
   SOT223 PNP SILICON PLANAR HIGH CURRENT (HIGH PERFORMANCE) TRANSISTORS
More results

유사한 설명 - FZT956QTA

제조업체부품명데이터시트상세설명
logo
Diodes Incorporated
ZXTP03200BG DIODES-ZXTP03200BG_16 Datasheet
433Kb / 7P
   200V PNP MEDIUM POWER LOW SATURATION TRANSISTOR
FZT796A DIODES-FZT796A_16 Datasheet
801Kb / 7P
   200V PNP MEDIUM POWER HIGH GAIN TRANSISTOR
FZT956 DIODES-FZT956_15 Datasheet
585Kb / 7P
   200V PNP MEDIUM POWER TRANSISTOR IN SOT223
ZTX796A DIODES-ZTX796A_15 Datasheet
1,023Kb / 7P
   200V PNP MEDIUM POWER HIGH GAIN TRANSISTOR IN E-LINE
logo
NXP Semiconductors
PBSS5540Z PHILIPS-PBSS5540Z Datasheet
44Kb / 8P
   PNP medium power transistor
1999 Aug 04
logo
Guangdong Kexin Industr...
BC869 KEXIN-BC869 Datasheet
53Kb / 2P
   PNP Medium Power Transistor
logo
Chenmko Enterprise Co. ...
2SA1036KPT CHENMKO-2SA1036KPT Datasheet
102Kb / 3P
   Medium Power PNP Transistor
logo
Galaxy Semi-Conductor H...
BC869 BILIN-BC869 Datasheet
142Kb / 3P
   PNP medium power Transistor
logo
Chenmko Enterprise Co. ...
2SB1188PT CHENMKO-2SB1188PT Datasheet
242Kb / 3P
   PNP Medium Power Transistor
logo
Guangdong Kexin Industr...
KCP69 KEXIN-KCP69 Datasheet
79Kb / 2P
   PNP medium power transistor
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com