전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2451350820 데이터시트(PDF) 1 Page - Molex Electronics Ltd.

부품명 2451350820
상세설명  Mini-Fit Jr. to Mini-Fit Jr. Off-the-Shelf (OTS) Overmolded Cable Assembly, Dual Row
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOLEX1 [Molex Electronics Ltd.]
홈페이지  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

2451350820 데이터시트(HTML) 1 Page - Molex Electronics Ltd.

  2451350820 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 03/22/2018
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
2451350820
Status:
Active
Overview:
Mini-Fit Jr. Power Connectors
Description:
Mini-Fit Jr. to Mini-Fit Jr. Off-the-Shelf (OTS) Overmolded Cable Assembly, Dual Row,
2.0m Length, 8 Circuits, Black
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Packaging Specification 2027040005-PK (PDF)
Product Literature (PDF)
General
Product Family
Cable Assemblies
Series
245135
Application
Power
Assembly Configuration
Dual Ended Connectors
Connector to Connector
Mini-Fit Jr. Both Ends
Overmolded
Yes
Overview
Mini-Fit Jr. Power Connectors
Product Literature Order No
987650-3291
Product Name
Mini-Fit Jr. OTS
UPC
889056879637
Physical
Cable Length
2.0m
Circuits (Loaded)
8
Color - Resin
Black
Gender
Female-Female
Lock to Mating Part
Yes
Material - Metal
Copper Alloy
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Material - Resin
Nylon
Net Weight
263.437/g
Packaging Type
Bag
Pitch - Mating Interface
4.20mm
Plating min - Mating
2.540µm
Plating min - Termination
2.540µm
Single Ended
No
Termination Interface: Style
Crimp or Compression
Wire Insulation Diameter
5.40mm
Wire Size AWG
18
Wire/Cable Type
UL 2464
Electrical
Current - Maximum per Contact
6.0A
Voltage - Maximum
300V AC
Material Info
Reference - Drawing Numbers
Packaging Specification
2027040005-PK
Sales Drawing
2014400058-000
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Compliant
REACH SVHC
Not Contained Per
-ED/01/2018 (15
January 2018)
Halogen-Free
Status
Not Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Green Image
ELV
Not Relevant
RoHS Phthalates
Not Contained
Search Parts in this Series
245135 Series
Mates With
Dual Row Plug Housing 5559 <br>Dual Row
Header 5566 , 5569 , 87427
This document was generated on 03/22/2018
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


유사한 부품 번호 - 2451350820

제조업체부품명데이터시트상세설명
logo
Molex Electronics Ltd.
2451350820 MOLEX-2451350820_V01 Datasheet
25Kb / 1P
   Mini-Fit Jr.-to-Mini-Fit Jr. Off-the-Shelf (OTS) Overmolded Cable Assembly, Dual Row, 2.0m Length, 8 Circuits, Black
More results

유사한 설명 - 2451350820

제조업체부품명데이터시트상세설명
logo
Molex Electronics Ltd.
2451350410 MOLEX1-2451350410 Datasheet
47Kb / 1P
   Mini-Fit Jr. to Mini-Fit Jr. Off-the-Shelf (OTS) Overmolded Cable Assembly, Dual Row
2451350805 MOLEX1-2451350805 Datasheet
49Kb / 1P
   Mini-Fit Jr. to Mini-Fit Jr. Off-the-Shelf (OTS) Overmolded Cable Assembly, Dual Row
2451350810 MOLEX1-2451350810 Datasheet
49Kb / 1P
   Mini-Fit Jr. to Mini-Fit Jr. Off-the-Shelf (OTS) Overmolded Cable Assembly, Dual Row
2451351005 MOLEX1-2451351005 Datasheet
49Kb / 1P
   Mini-Fit Jr. to Mini-Fit Jr. Off-the-Shelf (OTS) Overmolded Cable Assembly, Dual Row
2451350210 MOLEX1-2451350210 Datasheet
44Kb / 1P
   Mini-Fit Jr. to Mini-Fit Jr. Off-the-Shelf (OTS) Overmolded Cable Assembly, Dual Row
2451350220 MOLEX1-2451350220 Datasheet
44Kb / 1P
   Mini-Fit Jr. to Mini-Fit Jr. Off-the-Shelf (OTS) Overmolded Cable Assembly, Dual Row
2451350405 MOLEX1-2451350405 Datasheet
47Kb / 1P
   Mini-Fit Jr. to Mini-Fit Jr. Off-the-Shelf (OTS) Overmolded Cable Assembly, Dual Row
2451350620 MOLEX1-2451350620 Datasheet
45Kb / 1P
   Mini-Fit Jr. to Mini-Fit Jr. Off-the-Shelf (OTS) Overmolded Cable Assembly, Dual Row
2451351020 MOLEX1-2451351020 Datasheet
49Kb / 1P
   Mini-Fit Jr. to Mini-Fit Jr. Off-the-Shelf (OTS) Overmolded Cable Assembly, Dual Row
2451350610 MOLEX1-2451350610 Datasheet
45Kb / 1P
   Mini-Fit Jr. to Mini-Fit Jr. Off-the-Shelf (OTS) Overmolded Cable Assembly, Dual Row
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com