전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DMW48S15-1000 데이터시트(PDF) 6 Page - Wall Industries,Inc.

부품명 DMW48S15-1000
상세설명  Single and Dual Output
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  WALL [Wall Industries,Inc.]
홈페이지  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DMW48S15-1000 데이터시트(HTML) 6 Page - Wall Industries,Inc.

  DMW48S15-1000 Datasheet HTML 1Page - Wall Industries,Inc. DMW48S15-1000 Datasheet HTML 2Page - Wall Industries,Inc. DMW48S15-1000 Datasheet HTML 3Page - Wall Industries,Inc. DMW48S15-1000 Datasheet HTML 4Page - Wall Industries,Inc. DMW48S15-1000 Datasheet HTML 5Page - Wall Industries,Inc. DMW48S15-1000 Datasheet HTML 6Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Wall Industries, Inc. 37 Industrial Drive Exeter, NH 03833
02/24/2010
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 6 of 6
DMW Ultra Wide Series
Single and Dual Output
4:1 Ultra Wide Input Voltage Range
Up to 15.3 Watts DC/DC Converters
Rev C
probe and thermocouple
Position of air velocity
50mm / 2in
Air Flow
15mm / 0.6in
DUT
Output Ripple Reduction
A good quality low ESR capacitor placed as close as possible across the load will give the best ripple and noise performance. To reduce output ripple, it is
recommended to use 4.7µF capacitors at the output.
Thermal Considerations
Many conditions affect the thermal performance of the power module, such as orientation, airflow over the module, and board spacing. To avoid exceeding
the maximum temperature rating of the components inside the power module, the case temperature must be kept below 100°C. The derating curves are
determined from measurements obtained in an experimental apparatus.
COMPANY INFORMATION:
Wall Industries, Inc. has created custom and modified units for over 40 years. Our in-house research and development engineers will provide a solution that
exceeds your performance requirements on time and on budget. Our ISO9001-2008 certification is just one example of our commitment to producing a high
quality, well documented product for our customers.
Our past projects demonstrate our commitment to you, our customer. Wall Industries, Inc. has a reputation for working closely with its customers to ensure
each solution meets or exceeds form, fit and function requirements. We will continue to provide ongoing support for your project above and beyond the
design and production phases. Give us a call today to discuss your future projects.
Contact Wall Industries for further information:
Phone:
(603)778-2300
Toll Free:
(888)587-9255
Fax:
(603)778-9797
E-mail:
sales@wallindustries.com
Web:
www.wallindustries.com
Address:
5 Watson Brook Rd.
Exeter, NH 03833
Load
Load
+
DC Power
Source
-
+Vin
+Out
Dual Output
DC / DC
Com.
Converter
-Vin
-Out
Cout
Cout
DC / DC
Load
+
DC Power
Source
-
+Vin
+Out
Single Output
Converter
-Vin
-Out
Cout


유사한 부품 번호 - DMW48S15-1000

제조업체부품명데이터시트상세설명
logo
Wall Industries,Inc.
DMW48S15-1000 WALL-DMW48S15-1000 Datasheet
236Kb / 9P
   Single and Dual Output 15 Watt DC/DC Converter 4:1 Ultra Wide Input Voltage Range
DMW48S15-1000 WALL-DMW48S15-1000 Datasheet
161Kb / 6P
   15.3 Watts DC/DC Converters
More results

유사한 설명 - DMW48S15-1000

제조업체부품명데이터시트상세설명
logo
PEAK electronics GmbH
P26TG-123R3E21MLF PEAK-P26TG-123R3E21MLF Datasheet
151Kb / 3P
   SINGLE and DUAL Output
logo
Arch Electronics Corp.
AOC_SERIES ARCH-AOC_SERIES Datasheet
222Kb / 3P
   Single and Dual Output
logo
PEAK electronics GmbH
P8SG-053R3ELF PEAK-P8SG-053R3ELF Datasheet
138Kb / 3P
   Single and Dual Output
P34TG-243R3E41MLF PEAK-P34TG-243R3E41MLF Datasheet
136Kb / 3P
   Single and Dual Output
P42TG-122R5E21MLF PEAK-P42TG-122R5E21MLF Datasheet
136Kb / 3P
   Single and Dual Output
logo
Wall Industries,Inc.
MM12S3.3-5500 WALL-MM12S3.3-5500 Datasheet
236Kb / 8P
   Single and Dual Output
logo
PEAK electronics GmbH
P48WG-243R3E41LF PEAK-P48WG-243R3E41LF Datasheet
101Kb / 4P
   Single and Dual Output
PEA1-0505ELF PEAK-PEA1-0505ELF Datasheet
149Kb / 3P
   Single and Dual Output
logo
Arch Electronics Corp.
AHC08_SERIES ARCH-AHC08_SERIES Datasheet
239Kb / 4P
   Single and Dual Output
logo
Artesyn Technologies
AFC5 ARTESYN-AFC5 Datasheet
55Kb / 2P
   Single and dual output
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com