전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CS4231A 데이터시트(PDF) 1 Page - List of Unclassifed Manufacturers

부품명 CS4231A
상세설명  PARALLEL INTERFACE MULTIMEDIA AUDIO CODEC
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC - List of Unclassifed Manufacturers

CS4231A 데이터시트(HTML) 1 Page - List of Unclassifed Manufacturers

  CS4231A Datasheet HTML 1Page - List of Unclassifed Manufacturers CS4231A Datasheet HTML 2Page - List of Unclassifed Manufacturers CS4231A Datasheet HTML 3Page - List of Unclassifed Manufacturers CS4231A Datasheet HTML 4Page - List of Unclassifed Manufacturers CS4231A Datasheet HTML 5Page - List of Unclassifed Manufacturers CS4231A Datasheet HTML 6Page - List of Unclassifed Manufacturers CS4231A Datasheet HTML 7Page - List of Unclassifed Manufacturers CS4231A Datasheet HTML 8Page - List of Unclassifed Manufacturers CS4231A Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 76 page
background image
Features
Windows Sound SystemTM
Compatible Codec
ADPCM Compression/Decompression
Extensive Software Support
MPC Level 2 Compatible Mixer
Dual DMA Registers support Full
Duplex Operation
On-Chip FIFOs for higher performance
Selectable Serial Audio Data Port
Pin Compatible with CS4231/CS4248
General Description
The CS4231A includes stereo 16-bit audio converters
and complete on-chip filtering for record and playback
of 16-bit audio data. In addition, analog mixing and
programmable gain and attenuation are included to
provide a complete audio subsystem. A selectable se-
rial port can pass audio data to and from DSPs or
ASICs. Crystal-developed high-performance software
drivers for various operating systems are available that
support all the CS4231A features including full duplex
transfers. The CS4231A is a pin compatible upgrade to
the CS4231 and CS4248.
ORDERING INFORMATION:
CS4231A-KL
0 to 70
°C
68-pin PLCC
CS4231A-KQ
0 to 70
°C
100-pin TQFP
SEPT ’94
DS139PP2
1
Crystal Semiconductor Corporation
P.O. Box 17847, Austin, TX 78760
(512) 445-7222 Fax: (512) 445-7581
Parallel Interface, Multimedia Audio Codec
Semiconductor Corporation
CS4231A
This document contains information for a new product. Crystal
Semiconductor reserves the right to modify this product without notice.
Preliminary Product Information
Mute
Gain
Gain
Mux
LMIC
RMIC
LLINE
RLINE
LAUX1
RAUX1
LOUT
ROUT
RAUX2
LAUX2
Mute
AGND1
AGND2
20dB Gain
VREF
VREFI
VREF
XTAL2I
XTAL2O
Oscillators
LFILT RFILT
D<7:0>
A<1:0>
CS
WR
PDRQ
CDRQ
PDAK
CDAK
8
2
IRQ
DBDIR
DBEN
XCTL1
XCTL0
Parallel
Bus
Interface
PDWN
Mute
MIN
MOUT
Linear
µ-law
A-law
ADPCM
Linear
µ-law
A-law
ADPCM
DGND3/4/7/8
DGND1 DGND2
XTAL1I
XTAL1O
VD1
VD2
FIFO
16
Samples
VD3
VD4
16 Bit Timer
VA1 VA2
16-bit
A/D
16-bit
A/D
Mix
Gain
Mix
Gain
Mix
Gain
Mix
Gain
16-bit
D/A
16-bit
D/A
Optional
Dither
Loopback
Digital
Attenuation
RD
FIFO
16
Samples
SDOUT SDIN SCLK FSYNC
I4
I5
I3
I2
I26
I8
I18
I19
I26
I1
I0
I0
I1
I0
I1
I13
I10
I8
I8 or I28
I20,I21
I 16
I6
I7
TEST
Audio Data Serial Port
I16
Copyright
© Crystal Semiconductor Corporation 1994
(All Rights Reserved)


유사한 부품 번호 - CS4231A

제조업체부품명데이터시트상세설명
logo
Shenzhenshi YONGFUKANG ...
CS4230E YONGFUKANG-CS4230E Datasheet
2Mb / 11P
   Charge Pump
logo
Cirrus Logic
CS42324 CIRRUS-CS42324 Datasheet
1Mb / 71P
   10-In, 6-Out, 2 Vrms Audio CODEC
CS42324-CQZ CIRRUS-CS42324-CQZ Datasheet
1Mb / 71P
   10-In, 6-Out, 2 Vrms Audio CODEC
CS42324-DQZ CIRRUS-CS42324-DQZ Datasheet
1Mb / 71P
   10-In, 6-Out, 2 Vrms Audio CODEC
CS42325 CIRRUS-CS42325 Datasheet
1Mb / 71P
   10-In, 6-Out, 2 Vrms Audio CODEC with Headphone
More results

유사한 설명 - CS4231A

제조업체부품명데이터시트상세설명
logo
Cirrus Logic
CS4215 CIRRUS-CS4215 Datasheet
878Kb / 52P
   16-Bit Multimedia Audio Codec
logo
Hynix Semiconductor
STAC9704 HYNIX-STAC9704 Datasheet
218Kb / 49P
   Multimedia Audio Codec for AC97
logo
Realtek Semiconductor C...
ALC5624 REALTEK-ALC5624 Datasheet
1Mb / 78P
   HAND-HELD MULTIMEDIA I2S AUDIO CODEC
logo
Wolfson Microelectronic...
WM8993 WOLFSON-WM8993 Datasheet
2Mb / 229P
   Audio Hub CODEC for Multimedia Phones
logo
Realtek Semiconductor C...
ALC5624-GR REALTEK-ALC5624-GR Datasheet
1Mb / 73P
   HAND-HELD MULTIMEDIA I2S AUDIO CODEC
logo
Asahi Kasei Microsystem...
AK4544A AKM-AK4544A Datasheet
381Kb / 35P
   AC97 MULTIMEDIA AUDIO CODEC WITH SRC
logo
Wolfson Microelectronic...
WM9701A WOLFSON-WM9701A Datasheet
192Kb / 24P
   Low Power AC97 Multimedia Audio Codec
logo
YAMAHA CORPORATION
YMZ263B YAMAHA-YMZ263B Datasheet
932Kb / 18P
   MULTIMEDIA AUDIO GAME INTERFACE CONTROLLER
logo
Asahi Kasei Microsystem...
AK4543 AKM-AK4543 Datasheet
385Kb / 31P
   AC??7 Rev 2.1 Multimedia Audio CODEC
AK4541 AKM-AK4541 Datasheet
383Kb / 31P
   AC??7 Rev 2.1 Multimedia Audio CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com