전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CS4231A 데이터시트(PDF) 11 Page - List of Unclassifed Manufacturers

부품명 CS4231A
상세설명  PARALLEL INTERFACE MULTIMEDIA AUDIO CODEC
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC - List of Unclassifed Manufacturers

CS4231A 데이터시트(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button CS4231A Datasheet HTML 7Page - List of Unclassifed Manufacturers CS4231A Datasheet HTML 8Page - List of Unclassifed Manufacturers CS4231A Datasheet HTML 9Page - List of Unclassifed Manufacturers CS4231A Datasheet HTML 10Page - List of Unclassifed Manufacturers CS4231A Datasheet HTML 11Page - List of Unclassifed Manufacturers CS4231A Datasheet HTML 12Page - List of Unclassifed Manufacturers CS4231A Datasheet HTML 13Page - List of Unclassifed Manufacturers CS4231A Datasheet HTML 14Page - List of Unclassifed Manufacturers CS4231A Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 76 page
background image
CS4231A
74F245
DIR
G
D
A
T
A
D
A
T
A
D7
D0
DBEN
DBDIR
PDRQ
CDRQ
IRQ
CDAK
PDAK
63
62
14
12
57
11
13
Board Digital
Ground
34 37
AGND1,2
ISA
BUS
D7
D0
DRQ<X>
DRQ<Y>
DAK<X>
IRQ<Z>
Auxilary
Inputs
39
0.33
µF
LAUX1
42
0.33
µF
RAUX1
38
0.33
µF
LAUX2
30
0.33
µF
Line
Inputs
LLINE
27
0.33
µF
RLINE
21
XTAL2I
22
XTAL2O
17
XTAL1I
18
XTAL1O
24.576MHz
16.9344MHz
33 pF
33 pF
33 pF
33 pF
29
0.33
µF
Microphone
Inputs
LMIC
28
0.33
µF
RMIC
33
0.1
µF
10
µF
VREFI
This trace
must be
very short
32
0.47
µF
VREF
43
0.33
µF
RAUX2
46
0.33
µF
MIN
XCTL0
XCTL1
56
58
SAI
SAO
IOWC
IORC
A1
A0
WR
RD
60
61
9
10
CS
59
SA 19:2
AEN
Address
Decode
18
1
µF
LOUT
40
47k
1
µF
ROUT
41
47k
47
1
µF
MOUT
Board Analog
Ground
26
31
RFILT
LFILT
1000 pF
NPO
1000 pF
NPO
+
VA1
VA2
15
7
1
35
1
µF
+
+5V
Supply
Ferrite Bead
0.1
µF
0.1
µF
2.0
19
0.1
µF
36
0.1
µF
+5V Analog (preferred)
If a separate +5V analog
supply is available, attach here
and remove the 2.0
Ω resistor
1
µF +
VD2
1
µF +
0.1
µF
VD1
VD3
VD4
TEST
55
DGND1,2
DGND3, 4, 7, 8
28
16 20 53 64
PDWN
23
DAK<Y>
PLCC
Pinout
(
)
A
B
88
SCLK
FSYNC
SDOUT
SDIN
51
50
52
49
DSP
or
ASIC
47k
VD3/4
(Optional)
Figure 1. Recommended Connection Diagram
(See Figures 16 & 17 for Layout Recommendations)
CS4231A
DS139PP2
11


유사한 부품 번호 - CS4231A

제조업체부품명데이터시트상세설명
logo
Shenzhenshi YONGFUKANG ...
CS4230E YONGFUKANG-CS4230E Datasheet
2Mb / 11P
   Charge Pump
logo
Cirrus Logic
CS42324 CIRRUS-CS42324 Datasheet
1Mb / 71P
   10-In, 6-Out, 2 Vrms Audio CODEC
CS42324-CQZ CIRRUS-CS42324-CQZ Datasheet
1Mb / 71P
   10-In, 6-Out, 2 Vrms Audio CODEC
CS42324-DQZ CIRRUS-CS42324-DQZ Datasheet
1Mb / 71P
   10-In, 6-Out, 2 Vrms Audio CODEC
CS42325 CIRRUS-CS42325 Datasheet
1Mb / 71P
   10-In, 6-Out, 2 Vrms Audio CODEC with Headphone
More results

유사한 설명 - CS4231A

제조업체부품명데이터시트상세설명
logo
Cirrus Logic
CS4215 CIRRUS-CS4215 Datasheet
878Kb / 52P
   16-Bit Multimedia Audio Codec
logo
Hynix Semiconductor
STAC9704 HYNIX-STAC9704 Datasheet
218Kb / 49P
   Multimedia Audio Codec for AC97
logo
Realtek Semiconductor C...
ALC5624 REALTEK-ALC5624 Datasheet
1Mb / 78P
   HAND-HELD MULTIMEDIA I2S AUDIO CODEC
logo
Wolfson Microelectronic...
WM8993 WOLFSON-WM8993 Datasheet
2Mb / 229P
   Audio Hub CODEC for Multimedia Phones
logo
Realtek Semiconductor C...
ALC5624-GR REALTEK-ALC5624-GR Datasheet
1Mb / 73P
   HAND-HELD MULTIMEDIA I2S AUDIO CODEC
logo
Asahi Kasei Microsystem...
AK4544A AKM-AK4544A Datasheet
381Kb / 35P
   AC97 MULTIMEDIA AUDIO CODEC WITH SRC
logo
Wolfson Microelectronic...
WM9701A WOLFSON-WM9701A Datasheet
192Kb / 24P
   Low Power AC97 Multimedia Audio Codec
logo
YAMAHA CORPORATION
YMZ263B YAMAHA-YMZ263B Datasheet
932Kb / 18P
   MULTIMEDIA AUDIO GAME INTERFACE CONTROLLER
logo
Asahi Kasei Microsystem...
AK4543 AKM-AK4543 Datasheet
385Kb / 31P
   AC??7 Rev 2.1 Multimedia Audio CODEC
AK4541 AKM-AK4541 Datasheet
383Kb / 31P
   AC??7 Rev 2.1 Multimedia Audio CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com