전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

315-11-122-41-001000 데이터시트(PDF) 2 Page - Mill-Max Mfg. Corp.

부품명 315-11-122-41-001000
상세설명  Interconnect Socket Low Profile Solder Tail Socket
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MILL-MAX [Mill-Max Mfg. Corp.]
홈페이지  http://www.mill-max.com
Logo MILL-MAX - Mill-Max Mfg. Corp.

315-11-122-41-001000 데이터시트(HTML) 2 Page - Mill-Max Mfg. Corp.

  315-11-122-41-001000 Datasheet HTML 1Page - Mill-Max Mfg. Corp. 315-11-122-41-001000 Datasheet HTML 2Page - Mill-Max Mfg. Corp. 315-11-122-41-001000 Datasheet HTML 3Page - Mill-Max Mfg. Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BRASS ALLOY 360 per ASTM B 16, or 385 per ASTM B455
Properties of BRASS ALLOY 360 ASTM B 16:
Chemical composition: Cu 63% (max), Pb 3.7% (max)†, Fe .35% (max), Zn remainder
Temper as machined: H02/H04
Yield Strength: 25-45 ksi
Tensile strength: 57-80 ksi
Hardness as machined: 80-90 Rockwell B
Electrical conductivity: 26% IACS*
Melting point: 1000°C/840°C (liquidus/solidus)
Properties of BRASS ALLOY 385 ASTM B 455:
Chemical composition: Cu 60% (max), Pb 3.5% (max)†, Fe .35% (max), Zn remainder
Temper as machined: H02/H04
Yield Strength: 16 ksi(min)
Tensile strength: 48 ksi(min)
Hardness as machined: 80-90 Rockwell B
Electrical conductivity: 28% IACS*
Melting point: 1000°C/840°C (liquidus/solidus)
After machining, brass parts are often annealed (softened) for subsequent bending, swaging or crimping. A partial anneal
down to 60±10 RB is recommended for 90° bends, a full anneal down to 35±15 RB is recommended for pins or terminals
that are swaged (riveted) to a circuit board or crimped to a wire.
†RoHS-2 directive 2011/65/EU, exemption 6c allows up to 4% lead as an alloy agent in copper.
*International Annealed Copper Standard, i.e. as a % of pure copper.
 INSULATOR INFORMATION:
PCT Polyester, (Thermx CG933, black)
High Temperature
Properties of PCT Polyester:
Brand: Thermx
Grade: CG-933
Rated voltage: 100 VRMS/150 VDC
Insulation resistance: 10,000 Megaohms min.
Material Heat Deflection Temp (per ASTM D 648): 529°F (276°C) @ 66 psi
Dielectric strength: 1000 VRMS min. (700 VRMS min. for series 117 Shrink DIP)
Note: Materials above 446°F (230°C) are considered suitable for "eutectic" reflow soldering, above 500°F (260°C) for
"lead-free" reflow soldering.
Certificate of Compliance:
This is to Certify that the product described above is manufactured to Mill-Max quality standards in accordance with all
applicable specifications and drawing. Mill-Max certifies this product to be free from defects of materials and workmanship.
This Certificate of Compliance covers the following requirements:
Dimensional (all features verified to be within tolerances described on the applicable drawing).
Raw Material (materials and properties verified to be as described on the applicable drawing).
Plating (platings as required, thickness verified, and performance including solderability per mil-standard).
Performance (insertion extraction or other force requirements as described on the applicable drawing).
Compliance Statement for RoHS and RoHS-2, 
on the restriction of the use of certain hazardous substances in electrical 
and electronic equipment, for Mill-Max products.
1. Directive 2015/863/EU of 31 March 2015 amending Annex II to Directive 2011/65/EU of the European Parliament and of
the Council as regards the list of restricted substances.
2. Directive 2011/65/EU of the European Parliament and of the Council of 8 June 2011 on the restriction of the use of
certain hazardous substances in electrical and electronic equipment (recast)
3. Directive 2002/95/EC of the European Parliament and of the Council of January 27 2003 on the restriction of the use of
certain hazardous substances in electrical and electronic equipment.
In reference to the directives described above, Mill-Max Mfg.Corp. certifies that its product labeled as RoHS and RoHS-2 are
compliant to the above directives with exemption 6c, (copper alloy containing up to 4 % lead by weight). No warranty or
liability of indemnification is expressed or implied with this information.
Mill-Max Mfg. Corp. Datasheet — Last Modified 4/24/2018
Page 2 of 3


유사한 부품 번호 - 315-11-122-41-001000

제조업체부품명데이터시트상세설명
logo
Mill-Max Mfg. Corp.
315-11-122-41-003000 MILL-MAX-315-11-122-41-003000 Datasheet
122Kb / 3P
   Interconnect Socket Low Profile Solder Tail Socket
More results

유사한 설명 - 315-11-122-41-001000

제조업체부품명데이터시트상세설명
logo
Mill-Max Mfg. Corp.
315-11-104-41-001000 MILL-MAX-315-11-104-41-001000 Datasheet
122Kb / 3P
   Interconnect Socket Low Profile Solder Tail Socket
315-11-112-41-001000 MILL-MAX-315-11-112-41-001000 Datasheet
122Kb / 3P
   Interconnect Socket Low Profile Solder Tail Socket
315-11-117-41-001000 MILL-MAX-315-11-117-41-001000 Datasheet
122Kb / 3P
   Interconnect Socket Low Profile Solder Tail Socket
315-11-121-41-001000 MILL-MAX-315-11-121-41-001000 Datasheet
122Kb / 3P
   Interconnect Socket Low Profile Solder Tail Socket
315-11-123-41-001000 MILL-MAX-315-11-123-41-001000 Datasheet
122Kb / 3P
   Interconnect Socket Low Profile Solder Tail Socket
315-11-124-41-001000 MILL-MAX-315-11-124-41-001000 Datasheet
122Kb / 3P
   Interconnect Socket Low Profile Solder Tail Socket
315-11-133-41-001000 MILL-MAX-315-11-133-41-001000 Datasheet
122Kb / 3P
   Interconnect Socket Low Profile Solder Tail Socket
315-11-162-41-001000 MILL-MAX-315-11-162-41-001000 Datasheet
122Kb / 3P
   Interconnect Socket Low Profile Solder Tail Socket
315-13-102-41-001000 MILL-MAX-315-13-102-41-001000 Datasheet
122Kb / 3P
   Interconnect Socket Low Profile Solder Tail Socket
315-13-119-41-001000 MILL-MAX-315-13-119-41-001000 Datasheet
122Kb / 3P
   Interconnect Socket Low Profile Solder Tail Socket
315-13-150-41-001000 MILL-MAX-315-13-150-41-001000 Datasheet
122Kb / 3P
   Interconnect Socket Low Profile Solder Tail Socket
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com