전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FDC37B72X 데이터시트(PDF) 8 Page - SMSC Corporation

부품명 FDC37B72X
상세설명  128 Pin Enhanced Super I/O Controller with ACPI Support
Download  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SMSC [SMSC Corporation]
홈페이지  http://www.smsc.com
Logo SMSC - SMSC Corporation

FDC37B72X 데이터시트(HTML) 8 Page - SMSC Corporation

Back Button FDC37B72X Datasheet HTML 4Page - SMSC Corporation FDC37B72X Datasheet HTML 5Page - SMSC Corporation FDC37B72X Datasheet HTML 6Page - SMSC Corporation FDC37B72X Datasheet HTML 7Page - SMSC Corporation FDC37B72X Datasheet HTML 8Page - SMSC Corporation FDC37B72X Datasheet HTML 9Page - SMSC Corporation FDC37B72X Datasheet HTML 10Page - SMSC Corporation FDC37B72X Datasheet HTML 11Page - SMSC Corporation FDC37B72X Datasheet HTML 12Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 244 page
background image
8
PIN
No./QFP
NAME
TOTAL
SYMBOL
BUFFER TYPE
10
Write Disk Data
1
nWDATA
O24
12
Head Select
1
nHDSEL
O24
8
Step Direction
1
nDIR
O24
9
Step Pulse
1
nSTEP
O24
17
Disk Change
1
nDSKCHG
IS
5
Drive Select 0
1
nDS0
O24
6
Drive Select 1/GP17
1
nDS1
IO24
3
Motor On 0
1
nMTR0
O24
4
Motor On 1/GP16
1
nMTR1
IO24
15
Write Protected
1
nWRTPRT
IS
14
Track 0
1
nTRKO
IS
13
Index Pulse Input
1
nINDEX
IS
1
Drive Density Select 0
1
DRVDEN0
O24
2
Drive Density Select 1/GP52/IRQ8/nSMI
1
DRVDEN1
IO24
GENERAL PURPOSE I/O (6)
77
General Purpose 10/nSMI
1
GP10
IO12
78
General Purpose 11/nRING/EETI (Note 4)
1
GP11
IO4
79
General Purpose 12/WDT/P17/P12/EETI
(Note 4)
1
GP12
IO4
80
General Purpose 13/LED Driver
1
GP13
IO24
81
General Purpose 14/Infrared Rx
1
GP14
IO4
82
General Purpose 15/Infrared Tx (Note 3)
1
GP15
IO24
BIOS INTERFACE (10)
83
ROM Bus 0/IRQ1/GP60/nSMI
1
RD0
IO12
84
ROM Bus 1/IRQ3/GP61/LED
1
RD1
IO24
85
ROM Bus 2/IRQ4/GP62/nRING
1
RD2
IO12
86
ROM Bus 3/IRQ5/GP63/WDT
1
RD3
IO12
87
ROM Bus 4/IRQ6/GP64/P17/P12
1
RD4
IO12
88
ROM Bus 5/IRQ7/GP65
1
RD5
IO12
89
ROM Bus 6/IRQ8/GP66
1
RD6
IO12
90
ROM Bus 7/IRQ10/GP67
1
RD7
IO12
91
nROMCS/IRQ11/GP53/EETI (Note 4)
1
nROMCS
IO12
92
nROMOE/IRQ12/GP54/EETI (Note 4)
1
nROMOE
IO12
SERIAL PORT 1 INTERFACE (8)
112
Receive Serial Data 1
1
RXD1
I
113
Transmit Serial Data 1
1
TXD1
O4
115
Request to Send 1
1
nRTS1/
SYSOP
IO4
116
Clear to Send 1
1
nCTS1
I
117
Data Terminal Ready 1
1
nDTR1
O4
114
Data Set Ready 1
1
nDSR1
I
119
Data Carrier Detect 1
1
nDCD1
I
118
Ring Indicator 1
1
nRI1
I


유사한 부품 번호 - FDC37B72X

제조업체부품명데이터시트상세설명
logo
SMSC Corporation
FDC37B72X SMSC-FDC37B72X Datasheet
831Kb / 238P
   128 Pin Enhanced Super I/O Controller with ACPI Support
FDC37B72X SMSC-FDC37B72X_07 Datasheet
831Kb / 238P
   128 Pin Enhanced Super I/O Controller with ACPI Support
More results

유사한 설명 - FDC37B72X

제조업체부품명데이터시트상세설명
logo
SMSC Corporation
FDC37B727-NS SMSC-FDC37B727-NS Datasheet
822Kb / 238P
   128 Pin Enhanced Super I/O Controller with ACPI Support
FDC37B72X SMSC-FDC37B72X_07 Datasheet
831Kb / 238P
   128 Pin Enhanced Super I/O Controller with ACPI Support
37M602 SMSC-37M602 Datasheet
650Kb / 182P
   ENHANCED SUPER I/O CONTROLLER WITH INFRARED SUPPORT
FDC37B78X SMSC-FDC37B78X Datasheet
1Mb / 258P
   Enhanced Super I/O Controller with ACPI Support, Real Time Clock and Consumer IR
FDC37B78X SMSC-FDC37B78X_07 Datasheet
880Kb / 249P
   Super I/O Controller with ACPI Support, Real Time Clock and Consumer IR
LPC47B27X SMSC-LPC47B27X Datasheet
1Mb / 196P
   100 PIN ENHANCED SUPER I/O CONTROLLER WITH LPC INTERFACE
LPC47B272 SMSC-LPC47B272 Datasheet
1Mb / 195P
   100 Pin Enhanced Super I/O Controller with LPC Interface
LPC47B34X SMSC-LPC47B34X Datasheet
645Kb / 250P
   128 Pin Enhanced Super I/O with LPC Interface for Consumer Applications
FDC37N3869 SMSC-FDC37N3869 Datasheet
725Kb / 136P
   3.3V SUPER I/O CONTROLLER WITH INFRARED SUPPORT
LPC47M112 SMSC-LPC47M112 Datasheet
1Mb / 208P
   ENHANCED SUPER I/O CONTROLLER WITH LPC INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com