전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

WY0222MCMBF0K 데이터시트(PDF) 1 Page - International Rectifier

부품명 WY0222MCMBF0K
상세설명  High Power Factor/Low THD
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

WY0222MCMBF0K 데이터시트(HTML) 1 Page - International Rectifier

  WY0222MCMBF0K Datasheet HTML 1Page - International Rectifier WY0222MCMBF0K Datasheet HTML 2Page - International Rectifier WY0222MCMBF0K Datasheet HTML 3Page - International Rectifier WY0222MCMBF0K Datasheet HTML 4Page - International Rectifier WY0222MCMBF0K Datasheet HTML 5Page - International Rectifier WY0222MCMBF0K Datasheet HTML 6Page - International Rectifier WY0222MCMBF0K Datasheet HTML 7Page - International Rectifier WY0222MCMBF0K Datasheet HTML 8Page - International Rectifier WY0222MCMBF0K Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
www.irf.com
IR21571 Ballast Control IC Design Kit
Features
= Drives:
1 x 32W T8 Lamp (IRPLLNR2U)
1 x 36W T8 Lamp (IRPLLNR2)
= Input:
90-140VAC/60Hz (IRPLLNR2U)
185-265VAC/50Hz (IRPLLNR2)
= High Power Factor/Low THD
= High Frequency Operation (42kHz)
= Lamp Filament Preheating
= Lamp Fault Protection with Auto-Restart
= Brownout Protection
= IR21571 HVIC Ballast Controller
Description
The IRPLLNR2 is a high efficiency, high power factor, fixed output
electronic ballast designed for driving rapid start fluorescent lamp types. The design contains an EMI
filter, active power factor correction and a ballast control circuit using the IR21571. This demo board is
intended to ease the evaluation of the IR21571 Ballast Control IC, demonstrate PCB layout techniques
and serve as an aid in the development of production ballast’s using the International Rectifier IR21571.
Ballast Block Diagram
EMI Filter
Rectifier
PFC
Half-Bridge
Output Stage
Line
Lamp
PFC Control
IR21571
UVLO
Lamp Fault
International Rectifier
• 233 Kansas Street, El Segundo, CA 90245 USA
IRPLLNR2


유사한 부품 번호 - WY0222MCMBF0K

제조업체부품명데이터시트상세설명
logo
International Rectifier
WY0222MCMBF0K IRF-WY0222MCMBF0K Datasheet
5Mb / 30P
   Drives 1 x 70W HID lamp
More results

유사한 설명 - WY0222MCMBF0K

제조업체부품명데이터시트상세설명
logo
Seoul Semiconductor
SMJQ13XXFNSX SEOUL-SMJQ13XXFNSX Datasheet
925Kb / 19P
   High Power Factor and Low THD
logo
Infineon Technologies A...
TDA4863 INFINEON-TDA4863_05 Datasheet
306Kb / 27P
   Power Factor Controller IC for High Power Factor and Low THD
Rev.2, Feb. 2005
TDA4863-2 INFINEON-TDA4863-2 Datasheet
221Kb / 27P
   Power Factor Controller IC for High Power Factor and Low THD
2004-02 V1.2
TDA4863-2 INFINEON-TDA4863-2_05 Datasheet
1Mb / 27P
   Power-Factor Controller (PFC) IC for High Power Factor and Low THD
Version 2.1, 22 Feb 2005
logo
Bel Fuse Inc.
SPAFCBK-11G BEL-SPAFCBK-11G Datasheet
2Mb / 37P
   High power quality (Power Factor and THD)
logo
Infineon Technologies A...
ICE1PD265G INFINEON-ICE1PD265G Datasheet
79Kb / 16P
   Power Factor Controller Cool- MOS: BoostSET IC for High Power Factor and low THD
10.09.01
logo
List of Unclassifed Man...
EN-822-300-V2P1-SIMPLE ETC2-EN-822-300-V2P1-SIMPLE Datasheet
276Kb / 6P
   Low THD, High Performance LED Driver
logo
Grenergy Opto, lnc.
GR8763 GRENERGY-GR8763 Datasheet
600Kb / 13P
   Power Factor Controller IC for High Power Factor
logo
Texas Instruments
UC3854N-F TI1-UC3854N-F Datasheet
312Kb / 12P
[Old version datasheet]   High Power Factor Preregulator
UC1852 TI1-UC1852_08 Datasheet
405Kb / 10P
[Old version datasheet]   High Power-Factor Preregulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com