전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LC03-3.3 데이터시트(PDF) 2 Page - Littelfuse

부품명 LC03-3.3
상세설명  LC03-3.3 Series 3.3V 150A Diode Array
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LITTELFUSE [Littelfuse]
홈페이지  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

LC03-3.3 데이터시트(HTML) 2 Page - Littelfuse

  LC03-3.3 Datasheet HTML 1Page - Littelfuse LC03-3.3 Datasheet HTML 2Page - Littelfuse LC03-3.3 Datasheet HTML 3Page - Littelfuse LC03-3.3 Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
© 2017 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 02/23/17
TVS Diode Arrays (SPA®Diodes)
Lightning Surge Protection - LC03-3.3 Series
Absolute Maximum Ratings
Parameter
Rating
Units
Peak Pulse Current (8/20µs)
150
A
Peak Pulse Power (8/20µs)
3300
W
IEC 61000-4-2, Direct Discharge, (Level 4)
30
kV
IEC 61000-4-2, Air Discharge, (Level 4)
30
kV
IEC 61000-4-5 (8/20µs)
150
A
Telcordia GR 1089 (Intra-Building) (2/10µs)
100
A
ITU K.20 (5/310µs)
40
A
Electrical Characteristics (T
OP = 25°C)
Thermal Information
Parameter
Rating
Units
SOIC Package
170
°C/W
Operating Temperature Range
–40 to 125
°C
Storage Temperature Range
–55 to 150
°C
Maximum Junction Temperature
150
°C
Maximum Lead Temperature (Soldering
20-40s) (SOIC - Lead Tips Only)
260
°C
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Reverse Stand-Off Voltage
V
RWM
I
T≤1µA
-
-
3.3
V
Reverse Breakdown Voltage
V
BR
I
T= 2µA
3.3
-
-
V
Snap Back Voltage
V
SB
I
T= 50mA
3.3
-
-
V
Reverse Leakage Current
I
R
V
RWM= 3.3V, T= 25°C
-
-
1
µA
Clamping Voltage, Line-Ground
V
C
I
PP= 50A, tp=8/20 µs
-
-
13
V
Clamping Voltage, Line-Ground
V
C
I
PP= 100A, tp=8/20 µs
-
-
17
V
Dynamic Resistance, Line-Ground
R
DYN
(V
C2-VC1)/(IPP2-IPP1)
-
0.15
-
W
Clamping Voltage, Line-Line
V
C
I
PP= 50A, tp=8/20 µs
-
-
15
V
Clamping Voltage, Line-Line
V
C
I
PP= 100A, tp=8/20 µs
-
-
20
V
Dynamic Resistance , Line-Line
R
DYN
(V
C2-VC1)/(IPP2-IPP1)
-
0.25
-
W
Junction Capacitance
C
j
Between I/O Pins and Ground
V
R=0V, f= 1MHz
-
9
12
pF
Between I/O Pins
V
R=0V, f= 1MHz
-
4.5
6
pF
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause
permanent damage to the device. This is a stress only rating and operation of the device
at these or any other conditions above those indicated in the operational sections of this
specification is not implied.
Figure 2: Current Derating Curve
Figure 1: Non-repetitive Peak Pulse Current vs. PulseTime
Pulse decay time (µs)
1
10
100
1000
110100
1000
Ambient Temperature (C)
0
20
40
60
80
100
120
020406080100
120140
160


유사한 부품 번호 - LC03-3.3

제조업체부품명데이터시트상세설명
logo
Semtech Corporation
LC03-3.3 SEMTECH-LC03-3.3 Datasheet
191Kb / 7P
   Low Capacitance 3.3 Volt TVS for High Speed Interfaces
LC03-3.3 SEMTECH-LC03-3.3 Datasheet
197Kb / 7P
   Low Capacitance 3.3 Volt TVS for High Speed Interfaces
logo
Shanghai Leiditech Elec...
LC03-3.3 LEIDITECH-LC03-3.3 Datasheet
196Kb / 3P
   Low Capacitance 3.3V TVS
logo
Applied Power Microelec...
LC03-3.3 APMICRO-LC03-3.3 Datasheet
812Kb / 5P
   Low Capacitance 3.3V TVS
logo
TECH PUBLIC Electronics...
LC03-3.3 TECHPUBLIC-LC03-3.3 Datasheet
2Mb / 5P
   Low Capacitance 3.3 TVS
More results

유사한 설명 - LC03-3.3

제조업체부품명데이터시트상세설명
logo
Littelfuse
LC03-3.3BTG LITTELFUSE-LC03-3.3BTG Datasheet
731Kb / 4P
   LC03-3.3 Series 3.3V 150A Diode Array
SP03-3-3 LITTELFUSE-SP03-3-3 Datasheet
732Kb / 4P
   SP03-3.3 Series 3.3V 150A Diode Array
SP03A-3.3 LITTELFUSE-SP03A-3.3 Datasheet
1Mb / 4P
   SP03A-3.3 Series 3.3V 150A Rail Clamp Array
SP4042 LITTELFUSE-SP4042 Datasheet
2Mb / 4P
   SP4042 Series 3.3V Diode Array
SP3312T LITTELFUSE-SP3312T Datasheet
780Kb / 4P
   SP3312T Series 3.3V 15A Diode Array
SP4065 LITTELFUSE-SP4065 Datasheet
902Kb / 4P
   SP4065 Series 3.3V 20A Diode Array
logo
Bourns Electronic Solut...
CD143A-SR2.8 BOURNS-CD143A-SR2.8 Datasheet
329Kb / 4P
   CD143A-SR2.8~3.3 - Steering/TVS Diode Array Series
CD143A-SR28 BOURNS-CD143A-SR28 Datasheet
181Kb / 5P
   CD143A-SR2.8~3.3 - Steering/TVS Diode Array Series
REV. 08/20
logo
Littelfuse
SP3374NUTG LITTELFUSE-SP3374NUTG Datasheet
702Kb / 5P
   SP3374NUTG 3.3V 40A Diode Array
2019 Littelfuse, Inc
logo
Alpha & Omega Semicondu...
AOZ8304 AOSMD-AOZ8304 Datasheet
935Kb / 8P
   Low Capacitance 3.3V TVS Diode Array
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com