전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74LVX374 데이터시트(PDF) 4 Page - Fairchild Semiconductor

부품명 74LVX374
상세설명  Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LVX374 데이터시트(HTML) 4 Page - Fairchild Semiconductor

  74LVX374 Datasheet HTML 1Page - Fairchild Semiconductor 74LVX374 Datasheet HTML 2Page - Fairchild Semiconductor 74LVX374 Datasheet HTML 3Page - Fairchild Semiconductor 74LVX374 Datasheet HTML 4Page - Fairchild Semiconductor 74LVX374 Datasheet HTML 5Page - Fairchild Semiconductor 74LVX374 Datasheet HTML 6Page - Fairchild Semiconductor 74LVX374 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.fairchildsemi.com
4
AC Electrical Characteristics
Note 4: Parameter guaranteed by design. tOSLH |tPLHm  tPLHn|, tOSHL |tPHLm  tPHLn|
Capacitance
Note 5: CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load.
Symbol
Parameter
VCC
TA 25qCTA 40qC to 85qC
Units
Conditions
(V)
Min
Typ
Max
Min
Max
fMAX
Maximum Clock
2.7
60
115
50
MHz
CL 15 pF
Frequency
45
60
40
CL 50 pF
3.3
r 0.3
100
160
85
CL 15 pF
60
95
55
CL 50 pF
tPLH
Propagation Delay Time
2.7
8.5
16.3
1.0
19.5
ns
CL 15 pF
tPHL
CP to On
11.0
19.8
1.0
23.0
CL 50 pF
3.3
r 0.3
6.7
10.6
1.0
12.5
CL 15 pF
9.214.11.0
16.0
CL 50 pF
tPZL
3-STATE Output
2.7
7.6
14.5
1.0
17.5
ns
CL 15 pF, RL 1 k:
tPZH
Enable Time
10.1
18.0
1.0
21.0
CL 50 pF, RL 1 k:
3.3
r 0.3
5.9
9.3
1.0
11.0
CL 15 pF, RL 1 k:
8.412.81.0
14.5
CL 50 pF, RL 1 k:
tPLZ
3-STATE Output
2.7
11.5
18.5
1.0
22.0
ns
CL 50 pF, RL 1 k:
tPHZ
Disable Time
3.3
r 0.3
9.6
13.2
1.0
15.0
CL 50 pF, RL 1 k:
tW
CP Pulse
2.7
7.5
8.0
ns
Width
3.3
r 0.3
5.0
5.5
tS
Setup Time
2.7
6.5
6.5
ns
Dn to CP
3.3
r 0.3
4.5
4.5
tH
Hold Time
2.7
2.0
2.0
ns
Dn to CP
3.3
r 0.3
2.0
2.0
tOSLH
Output to Output
2.7
1.5
1.5
ns
CL 50 pF
tOSHL
Skew (Note 4)
3.3
1.5
1.5
Symbol
Parameter
TA 25qCTA 40qC to 85qC
Units
Min
Typ
Max
Min
Max
CIN
Input Capacitance
4
10
10
pF
COUT
Output Capacitance
6
pF
CPD
Power Dissipation
32
pF
Capacitance (Note 5)


유사한 부품 번호 - 74LVX374

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
74LVX374 ONSEMI-74LVX374 Datasheet
101Kb / 8P
   Octal D-Type Flip-Flop with 3-State Outputs With 5V?뭈olerant Inputs
March, 2005 ??Rev. 2
logo
Fairchild Semiconductor
74LVX374 FAIRCHILD-74LVX374 Datasheet
81Kb / 6P
   Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
logo
STMicroelectronics
74LVX374 STMICROELECTRONICS-74LVX374 Datasheet
301Kb / 13P
   LOW VOLTAGE CMOS OCTAL D-TYPE FLIP-FLOP (3-STATE NON INV.) WITH 5V TOLERANT INPUTS
logo
Fairchild Semiconductor
74LVX374M FAIRCHILD-74LVX374M Datasheet
81Kb / 6P
   Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
74LVX374MTC FAIRCHILD-74LVX374MTC Datasheet
81Kb / 6P
   Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
More results

유사한 설명 - 74LVX374

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
74LVT374 FAIRCHILD-74LVT374 Datasheet
69Kb / 8P
   Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
74LVT574 FAIRCHILD-74LVT574 Datasheet
109Kb / 8P
   Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
74LVX374 FAIRCHILD-74LVX374 Datasheet
81Kb / 6P
   Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
74LVX574 FAIRCHILD-74LVX574 Datasheet
80Kb / 6P
   Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
74LVT574 FAIRCHILD-74LVT574_08 Datasheet
349Kb / 11P
   Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
74LVT374 FAIRCHILD-74LVT374_08 Datasheet
314Kb / 10P
   Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
74LVX574 FAIRCHILD-74LVX574_05 Datasheet
94Kb / 7P
   Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
74LVQ374 FAIRCHILD-74LVQ374 Datasheet
103Kb / 6P
   Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
logo
ON Semiconductor
74LVTH374 ONSEMI-74LVTH374 Datasheet
306Kb / 12P
   Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
January 2008 Rev. 1.5.0
logo
Fairchild Semiconductor
74LVQ374 FAIRCHILD-74LVQ374_01 Datasheet
74Kb / 7P
   Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com