전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FAN2559MP13X 데이터시트(PDF) 7 Page - ON Semiconductor

부품명 FAN2559MP13X
상세설명  Low Voltage CMOS LDO
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FAN2559MP13X 데이터시트(HTML) 7 Page - ON Semiconductor

Back Button FAN2559MP13X Datasheet HTML 3Page - ON Semiconductor FAN2559MP13X Datasheet HTML 4Page - ON Semiconductor FAN2559MP13X Datasheet HTML 5Page - ON Semiconductor FAN2559MP13X Datasheet HTML 6Page - ON Semiconductor FAN2559MP13X Datasheet HTML 7Page - ON Semiconductor FAN2559MP13X Datasheet HTML 8Page - ON Semiconductor FAN2559MP13X Datasheet HTML 9Page - ON Semiconductor FAN2559MP13X Datasheet HTML 10Page - ON Semiconductor FAN2559MP13X Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
FAN2558/FAN2559
PRODUCT SPECIFICATIONS
6
REV. 1.0.4 3/15/04
Functional Description
Utilizing BiCMOS technology, the FAN2525/FAN2559
product family is optimized for use in compact battery pow-
ered systems. These LDOs offer a unique combination of
high ripple rejection, low noise, low power consumption,
high tolerance for a variety of output capacitors, and less
than 1µA “OFF” current. In the circuit, a differential current
sense amplifier controls a series-pass P-Channel MOSFET to
achieve high ripple rejection. A separate error amplifier com-
pares the load voltage at the output with an onboard trimmed
low voltage bandgap reference for output regulation.
Thermal shutdown and current limit circuits protect the
device under extreme conditions. When the device tempera-
ture reaches 150°C, the output is disabled. When the device
cools down by 10°C, it is re-enabled. The user can shut down
the device using the Enable control pin at any time. The cur-
rent limit circuit is trimmed, which leads to consistent power
on /enable delays, and provides safe short circuit current
densities even in narrow traces of the PCB.
A carefully optimized control loop accommodates a wide
range of ESR values in the output bypass capacitor, allowing
the user to optimize space, cost, and performance require-
ments.
An Enable pin shuts down the regulator output to conserve
power, reducing supply current to less than 1µA.
The fixed-voltage FAN2559 has a noise bypass pin. Power
Good is available as a diagnostic function to indicate that the
output voltage has reduced within 5% of the nominal value.
The six pin adjustable-voltage version utilizes pin 5 to con-
nect to an external voltage divider which feeds back to the
regulator error amplifier, thus setting the output voltage to
the desired value.
Applications Information
External Capacitors – Selection
The FAN2558/FAN2559 gives the user the flexibility to uti-
lize a wide variety of capacitors compared to other LDOs.
An innovative design approach offers significantly reduced
sensitivity to ESR, which degrades regulator loop stability in
older designs. While the improvements featured in the
FAN2558/FAN2559 family greatly simplify the design task,
capacitor quality still must be considered if the designer is to
achieve optimal circuit performance. In general, ceramic
capacitors offer superior ESR performance, and a smaller
case size than tantalum capacitors.
Input Capacitor
An input capacitor of 2.2µF (nominal value) or greater,
connected between the Input pin and Ground, placed in close
proximity to the device, will improve transient response and
ripple rejection. Higher values will further improve ripple
rejection and transient response. An input capacitor is rec-
ommended when the input source, either a battery or a regu-
lated AC voltage, is located far from the device. Any good
quality ceramic, tantalum, or metal film capacitor will give
acceptable performance; however, in extreme cases capacitor
surge current ratings may have to be considered.
Output Capacitor
An output capacitor is required to maintain regulator loop
stability. Stable operation will be achieved with a wide vari-
ety of capacitors with ESR values ranging from 0m
Ω up to
400m
Ω. Multilayer ceramic, tantalum or aluminum electro-
lytic capacitors may be used. A nominal value of at least 1µF
is recommended. Note that the choice of output capacitor
affects load transient response, ripple rejection, and it has a
slight effect on noise performance as well.
An internal resistor of approximately 100
Ω is connected
between VOUT and GND in shutdown mode, to discharge the
output capacitor at a faster rate.
Bypass Capacitor (FAN2559 Only)
In the fixed-voltage configuration, connecting a capacitor
between the bypass pin and ground can significantly reduce
output noise. Values ranging from 0pF to 47nF can be used,
depending on the sensitivity to output noise in the applica-
tion.
At the high-impedance Bypass pin, care must be taken in the
PCB layout to minimize noise pickup, and capacitors must
be selected to minimize current loading (leakage). Noise
pickup from external sources can be considerable. Leakage
currents into the Bypass pin will directly affect regulator
accuracy and should be kept as low as possible; thus, high-
quality ceramic and film types are recommended for their
low leakage characteristics. Cost-sensitive applications not
concerned with noise can omit this capacitor.


유사한 부품 번호 - FAN2559MP13X

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN2559MP13X FAIRCHILD-FAN2559MP13X Datasheet
307Kb / 15P
   180mA Low Voltage CMOS LDO
More results

유사한 설명 - FAN2559MP13X

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN2558 FAIRCHILD-FAN2558 Datasheet
307Kb / 15P
   180mA Low Voltage CMOS LDO
logo
First Components Intern...
FC2129 FCI-FC2129 Datasheet
670Kb / 6P
   CMOS Low Dropout Voltage ( LDO ) Regulator
logo
SiGe Semiconductor, Inc...
AATIAN70 SIGE-AATIAN70 Datasheet
788Kb / 10P
   CMOS Low Voltage LDO Linear Regulator
logo
Seaward Electronics Inc...
SE5509 SEAWARD-SE5509_12 Datasheet
207Kb / 7P
   Low Power Low Noise LDO CMOS Voltage Regulator
logo
Leshan Radio Company
LR6219 LRC-LR6219 Datasheet
396Kb / 6P
   Low Dropout Voltage 300mA CMOS LDO Regulator
LR6218 LRC-LR6218 Datasheet
474Kb / 7P
   Low Dropout Voltage 300mA CMOS LDO Regulator
logo
Seaward Electronics Inc...
SE5508 SEAWARD-SE5508 Datasheet
181Kb / 7P
   150mA CMOS Low Noise LDO Voltage Regulator
SE5169 SEAWARD-SE5169 Datasheet
289Kb / 8P
   300mA CMOS Low Power LDO Voltage Regulator
logo
AiT Semiconductor Inc.
A6501 AITSEMI-A6501 Datasheet
664Kb / 10P
   CMOS LOW DROPOUT REGULATOR(LDO) 500mA LOW DROPOUT CMOS VOLTAGE REGULATOR
REV4.2
logo
Seaward Electronics Inc...
SE5121 SEAWARD-SE5121 Datasheet
153Kb / 5P
   600mA CMOS Low Power Low Noise LDO Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com