전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FAN2559MP15X 데이터시트(PDF) 5 Page - ON Semiconductor

부품명 FAN2559MP15X
상세설명  Low Voltage CMOS LDO
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FAN2559MP15X 데이터시트(HTML) 5 Page - ON Semiconductor

  FAN2559MP15X Datasheet HTML 1Page - ON Semiconductor FAN2559MP15X Datasheet HTML 2Page - ON Semiconductor FAN2559MP15X Datasheet HTML 3Page - ON Semiconductor FAN2559MP15X Datasheet HTML 4Page - ON Semiconductor FAN2559MP15X Datasheet HTML 5Page - ON Semiconductor FAN2559MP15X Datasheet HTML 6Page - ON Semiconductor FAN2559MP15X Datasheet HTML 7Page - ON Semiconductor FAN2559MP15X Datasheet HTML 8Page - ON Semiconductor FAN2559MP15X Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
4
REV. 1.0.4 3/15/04
FAN2558/FAN2559
PRODUCT SPECIFICATIONS
Electrical Characteristics
Note:
3. Guaranteed ±1% output voltage accuracy parts are available on customer request.
4. Measured at constant junction temperature using low duty cycle pulse testing.
5. VIN min = 2.7V or (VOUT + 1V), whichever is greater.
VIN = VIN min (note 5) to 5.5V, VEN = VIN, ILOAD = 100µA, TA = -40°C to +85°C, unless otherwise noted. Typical values
are at 25°C.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
VOUT
Output Voltage Accuracy
(Note 3)
ILOAD = 100µA-2
1
2
%
VOUT(ADJ) Output Voltage Range
(Adjustable)
ILOAD = 100µA1
VIN
V
∆VOUT_LNR Line Regulation
VIN min < VIN < 5.5V
-0.3
0.3
%/V
∆VOUT_LDR Load Regulation (Note 4)
ILOAD = 0.1mA to 150mA
2.5
4
%
ISD
Supply Current in Shutdown
Mode
VEN < 0.4V
PG = No Connection
0.1
µA
IGND
Ground Pin Current (Note 4)
ILOAD = 0mA, VIN = 5.5V
90
150
µA
ILOAD = 150mA, VIN = 5.5V
110
150
ILIM
Current Limit
VOUT = 0V
260
350
500
mA
TSD
Thermal Shutdown
Temperature
150
°C
Thermal Shutdown Hysteresis
10
°C
VENL
Enable Input Low
VIN = 5.5V, Shutdown
0.4
V
VENH
Enable Input High
VIN = 5.5V, Enabled
1.6
V
IE
Enable Input Current
VENL ≤ 0.4V, VIN = 5.5V
0.01
µA
VENH ≥ 1.6V, VIN = 5.5V
0.01
VPG
Low Threshold
% of VOUT PG ON
89
%
High Threshold
% of VOUT PG OFF
97
%
VPGL
PG Output Low Voltage
IPG_SINK = 100µA,
Fault Condition
0.02
0.1
V
IPG
PG Leakage Current
PG off, VPG =5.5V
0.01
µA
TEN
Enable Response Time
COUT = 1µF
CBYPASS = 10nF
30
300
µS
TON
Power "ON" Delay Time
COUT = 1µF
CBYPASS = 10nF
VENL ≥ 1.6V,
VIN = 0V to VOUT + 1V
300
500
µS
DPG
PG Delay time
1
5
mS
VDROP-OUT Dropout Voltage
(For Adjustable Output
Version)
VOUT > 2.7V and
ILOAD = 180mA
400
mV
VFB_ADJ
Feedback Voltage
(For Adjustable Output
Version)
0.59
V


유사한 부품 번호 - FAN2559MP15X

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN2559MP15X FAIRCHILD-FAN2559MP15X Datasheet
307Kb / 15P
   180mA Low Voltage CMOS LDO
More results

유사한 설명 - FAN2559MP15X

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN2558 FAIRCHILD-FAN2558 Datasheet
307Kb / 15P
   180mA Low Voltage CMOS LDO
logo
First Components Intern...
FC2129 FCI-FC2129 Datasheet
670Kb / 6P
   CMOS Low Dropout Voltage ( LDO ) Regulator
logo
SiGe Semiconductor, Inc...
AATIAN70 SIGE-AATIAN70 Datasheet
788Kb / 10P
   CMOS Low Voltage LDO Linear Regulator
logo
Seaward Electronics Inc...
SE5509 SEAWARD-SE5509_12 Datasheet
207Kb / 7P
   Low Power Low Noise LDO CMOS Voltage Regulator
logo
Leshan Radio Company
LR6219 LRC-LR6219 Datasheet
396Kb / 6P
   Low Dropout Voltage 300mA CMOS LDO Regulator
LR6218 LRC-LR6218 Datasheet
474Kb / 7P
   Low Dropout Voltage 300mA CMOS LDO Regulator
logo
Seaward Electronics Inc...
SE5508 SEAWARD-SE5508 Datasheet
181Kb / 7P
   150mA CMOS Low Noise LDO Voltage Regulator
SE5169 SEAWARD-SE5169 Datasheet
289Kb / 8P
   300mA CMOS Low Power LDO Voltage Regulator
logo
AiT Semiconductor Inc.
A6501 AITSEMI-A6501 Datasheet
664Kb / 10P
   CMOS LOW DROPOUT REGULATOR(LDO) 500mA LOW DROPOUT CMOS VOLTAGE REGULATOR
REV4.2
logo
Seaward Electronics Inc...
SE5121 SEAWARD-SE5121 Datasheet
153Kb / 5P
   600mA CMOS Low Power Low Noise LDO Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com