전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DM74S174N 데이터시트(PDF) 3 Page - Fairchild Semiconductor

부품명 DM74S174N
상세설명  Hex/Quad D Flip-Flop with Clear
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

DM74S174N 데이터시트(HTML) 3 Page - Fairchild Semiconductor

  DM74S174N Datasheet HTML 1Page - Fairchild Semiconductor DM74S174N Datasheet HTML 2Page - Fairchild Semiconductor DM74S174N Datasheet HTML 3Page - Fairchild Semiconductor DM74S174N Datasheet HTML 4Page - Fairchild Semiconductor DM74S174N Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
www.fairchildsemi.com
Absolute Maximum Ratings(Note 2)
Note 2: The “Absolute Maximum Ratings” are those values beyond which
the safety of the device cannot be guaranteed. The device should not be
operated at these limits. The parametric values defined in the Electrical
Characteristics tables are not guaranteed at the absolute maximum ratings.
The “Recommended Operating Conditions” table will define the conditions
for actual device operation.
Recommended Operating Conditions
Note 3: CL = 15 pF, RL = 280Ω, TA = 25°C and VCC = 5V.
Note 4: CL = 50 pF, RL = 280Ω, TA = 25°C and VCC = 5V.
Supply Voltage
7V
Input Voltage
5.5V
Operating Free Air Temperature Range
0
°C to +70°C
Storage Temperature Range
−65°C to +150°C
Symbol
Parameter
Min
Nom
Max
Units
VCC
Supply Voltage
4.75
5
5.25
V
VIH
HIGH Level Input Voltage
2
V
VIL
LOW Level Input Voltage
0.8
V
IOH
HIGH Level Output Current
−1mA
IOL
LOW Level Output Current
20
mA
fCLK
Clock Frequency (Note 3)
0
110
75
MHz
fCLK
Clock Frequency (Note 4)
0
90
65
MHz
tW
Pulse Width
Clock
7
ns
(Note 3)
Clear
10
Pulse Width
Clock
9
(Note 4)
Clear
12
tSU
Data Setup Time (Note 3)
5
ns
Data Setup Time (Note 4)
7
tH
Data Hold Time (Note 3)
3
ns
Data Hold Time (Note 4)
5
tREL
Clear Release Time (Note 3)
5
ns
Clear Release Time (Note 4)
7
TA
Free Air Operating Temperature
0
70
°C


유사한 부품 번호 - DM74S174N

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
DM74S174N FAIRCHILD-DM74S174N Datasheet
55Kb / 5P
   Hex/Quad D Flip-Flop with Clear
More results

유사한 설명 - DM74S174N

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
DM74S174 FAIRCHILD-DM74S174 Datasheet
55Kb / 5P
   Hex/Quad D Flip-Flop with Clear
DM74174 FAIRCHILD-DM74174 Datasheet
42Kb / 4P
   Hex/Quad D-Type Flip-Flop with Clear
logo
STMicroelectronics
74AC174 STMICROELECTRONICS-74AC174_01 Datasheet
257Kb / 11P
   HEX D-TYPE FLIP FLOP WITH CLEAR
logo
Toshiba Semiconductor
TC74VHC174F TOSHIBA-TC74VHC174F Datasheet
250Kb / 7P
   HEX D-TYPE FLIP-FLOP WITH CLEAR
TC74LVX174F TOSHIBA-TC74LVX174F_07 Datasheet
244Kb / 9P
   Hex D-Type Flip-Flop with Clear
TC74VHC174F TOSHIBA-TC74VHC174F_07 Datasheet
233Kb / 10P
   Hex D-Type Flip Flop with Clear
logo
Texas Instruments
SN74F174A TI-SN74F174A Datasheet
69Kb / 5P
[Old version datasheet]   HEX D-TYPE FLIP-FLOP WITH CLEAR
logo
Toshiba Semiconductor
TC74HC174AP TOSHIBA-TC74HC174AP Datasheet
274Kb / 7P
   HEX D TYPE FLIP FLOP WITH CLEAR
logo
STMicroelectronics
74ACT174 STMICROELECTRONICS-74ACT174 Datasheet
86Kb / 10P
   HEX D-TYPE FLIP FLOP WITH CLEAR
M74HC174 STMICROELECTRONICS-M74HC174 Datasheet
263Kb / 11P
   HEX D-TYPE FLIP FLOP WITH CLEAR
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com