전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC79L15ABPG 데이터시트(PDF) 2 Page - ON Semiconductor

부품명 MC79L15ABPG
상세설명  100 mA Negative Voltage Regulators
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC79L15ABPG 데이터시트(HTML) 2 Page - ON Semiconductor

  MC79L15ABPG Datasheet HTML 1Page - ON Semiconductor MC79L15ABPG Datasheet HTML 2Page - ON Semiconductor MC79L15ABPG Datasheet HTML 3Page - ON Semiconductor MC79L15ABPG Datasheet HTML 4Page - ON Semiconductor MC79L15ABPG Datasheet HTML 5Page - ON Semiconductor MC79L15ABPG Datasheet HTML 6Page - ON Semiconductor MC79L15ABPG Datasheet HTML 7Page - ON Semiconductor MC79L15ABPG Datasheet HTML 8Page - ON Semiconductor MC79L15ABPG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
MC79L00A Series
www.onsemi.com
2
MAXIMUM RATINGS (TA = +25°C, unless otherwise noted.)
Rating
Symbol
Value
Unit
Input Voltage
(−5 V)
(−12, −15, −18 V)
(−24 V)
VI
−30
−35
−40
Vdc
Power Dissipation
Case 29 (TO−92 Type)
TA = 25°C
Thermal Resistance, Junction−to−Ambient
Thermal Resistance, Junction−to−Case
Case 751 (SOIC−8 Type) (Note 1)
TA = 25°C
Thermal Resistance, Junction−to−Ambient
Thermal Resistance, Junction−to−Case
PD
RqJA
RqJC
PD
RqJA
RqJC
Internally Limited
160
83
Internally Limited
180
45
W
°C/W
°C/W
W
°C/W
°C/W
Storage Temperature Range
Tstg
−65 to +150
°C
Junction Temperature
TJ
+150
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
1. SOIC−8 Junction−to−Ambient Thermal Resistance is for minimum recommended pad size. Refer to Figure 9 for Thermal Resistance variation
versus pad size.
*This device series contains ESD protection and exceeds the following tests:
Human Body Model 2000 V per MIL_STD_883, Method 3015
Machine Model Method 200 V.
ELECTRICAL CHARACTERISTICS (VI = −10 V, IO = 40 mA, CI = 0.33 mF, CO = 0.1 mF, −40°C < TJ +125°C (for MC79LXXAB),
0
°C < TJ < +125°C (for MC79LXXAC)).
MC79L05AC, AB
Characteristics
Symbol
Min
Typ
Max
Unit
Output Voltage (TJ = +25°C)
VO
−4.8
−5.0
−5.2
Vdc
Input Regulation (TJ = +25°C)
−7.0 Vdc
≥ VI ≥ −20 Vdc
−8.0 Vdc
≥ VI ≥ −20 Vdc
Regline
150
100
mV
Load Regulation
TJ = +25°C, 1.0 mA ≤ IO ≤ 100 mA
1.0 mA
≤ IO ≤ 40 mA
Regload
60
30
mV
Output Voltage
−7.0 Vdc
≥ VI ≥ −20 Vdc, 1.0 mA ≤ IO ≤ 40 mA
VI = −10 Vdc, 1.0 mA ≤ IO ≤ 70 mA
VO
−4.75
−4.75
−5.25
−5.25
Vdc
Input Bias Current
(TJ = +25°C)
(TJ = +125°C)
IIB
6.0
5.5
mA
Input Bias Current Change
−8.0 Vdc
≥ VI ≥ −20 Vdc
1.0 mA
≤ IO ≤ 40 mA
IIB
1.5
0.1
mA
Output Noise Voltage (TA = +25°C, 10 Hz ≤ f ≤ 100 kHz)
Vn
40
mV
Ripple Rejection (−8.0
≥ VI ≥ −18 Vdc, f = 120 Hz, TJ = +25°C)
RR
41
49
dB
Dropout Voltage (IO = 40 mA, TJ = +25°C)
|VI−VO|
1.7
Vdc
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.


유사한 부품 번호 - MC79L15ABPG

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC79L15ABPG ONSEMI-MC79L15ABPG Datasheet
133Kb / 11P
   100 mA Negative Voltage Regulators
May, 2008 ??Rev. 9
More results

유사한 설명 - MC79L15ABPG

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC79L00 ONSEMI-MC79L00_06 Datasheet
105Kb / 11P
   100 mA Negative Voltage Regulators
October, 2006 ??Rev. 8
MC79L00 ONSEMI-MC79L00 Datasheet
78Kb / 8P
   100 mA Negative Voltage Regulators
January, 2002 ??Rev. 4
MC79L12ACDR2G ONSEMI-MC79L12ACDR2G Datasheet
133Kb / 11P
   100 mA Negative Voltage Regulators
May, 2008 ??Rev. 9
logo
Suntac Electronic Corp.
STC79L00 SUNTAC-STC79L00 Datasheet
407Kb / 6P
   100 mA Negative Voltage Regulators
logo
ON Semiconductor
MC79M08BDTG ONSEMI-MC79M08BDTG Datasheet
141Kb / 9P
   500 mA Negative Voltage Regulators
July, 2013 ??Rev. 15
MC79M00 ONSEMI-MC79M00 Datasheet
97Kb / 8P
   500 mA Negative Voltage Regulators
August, 2006 ??Rev. 11
logo
List of Unclassifed Man...
GM78L00 ETC1-GM78L00 Datasheet
140Kb / 7P
   100 mA POSITIVE VOLTAGE REGULATORS
logo
ON Semiconductor
MC78L00A ONSEMI-MC78L00A_V01 Datasheet
360Kb / 19P
   Positive Voltage Regulators 100 mA
August, 2021 - Rev. 20
NCV78L00A ONSEMI-NCV78L00A Datasheet
125Kb / 16P
   100 mA Positive Voltage Regulators
May, 2005 ??Rev. 10
MC78L00A ONSEMI-MC78L00A_15 Datasheet
123Kb / 15P
   100 mA Positive Voltage Regulators
September, 2015 ??Rev. 17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com