전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRF250P225 데이터시트(PDF) 1 Page - Infineon Technologies AG

부품명 IRF250P225
상세설명  IR MOSFET - StrongIRFET?
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INFINEON [Infineon Technologies AG]
홈페이지  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IRF250P225 데이터시트(HTML) 1 Page - Infineon Technologies AG

  IRF250P225 Datasheet HTML 1Page - Infineon Technologies AG IRF250P225 Datasheet HTML 2Page - Infineon Technologies AG IRF250P225 Datasheet HTML 3Page - Infineon Technologies AG IRF250P225 Datasheet HTML 4Page - Infineon Technologies AG IRF250P225 Datasheet HTML 5Page - Infineon Technologies AG IRF250P225 Datasheet HTML 6Page - Infineon Technologies AG IRF250P225 Datasheet HTML 7Page - Infineon Technologies AG IRF250P225 Datasheet HTML 8Page - Infineon Technologies AG IRF250P225 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
D
S
G
G
D
S
Gate
Drain
Source
Applications
UPS and Inverter applications
Half-bridge and full-bridge topologies
Resonant mode power supplies
DC/DC and AC/DC converters
OR-ing and redundant power switches
Brushed and BLDC Motor drive applications
Battery powered circuits
Benefits
Improved Gate, Avalanche and Dynamic dv/dt Ruggedness
Fully Characterized Capacitance and Avalanche SOA
Enhanced body diode dv/dt and di/dt Capability
Pb-Free ; RoHS Compliant ; Halogen-Free
Base part number
Package Type
Standard Pack
Form
Quantity
IRF250P225
TO-247AC
Tube
25
IRF250P225
Orderable Part Number
VDSS
250V
RDS(on)typ.
18m
max
22m
ID
69A
 
TO-247AC
IRF250P225
G
D
S
D
Final Datasheet
Please read the important Notice and Warnings at the end of this document
V1.0
www.infineon.com
2017-02-27
IRF250P225
IR MOSFET - StrongIRFET™
 
Figure 1 Typical On-Resistance vs. Gate Voltage
Figure 2 Maximum Drain Current vs. Case Temperature
2
4
6
8
10
12
14
16
18
20
VGS,Gate -to -Source Voltage (V)
5
15
25
35
45
55
65
75
ID = 41A
TJ = 25°C
TJ = 125°C
25
50
75
100
125
150
175
TC , Case Temperature (°C)
0
15
30
45
60
75


유사한 부품 번호 - IRF250P225

제조업체부품명데이터시트상세설명
logo
Inchange Semiconductor ...
IRF250P225 ISC-IRF250P225 Datasheet
334Kb / 2P
   N-Channel MOSFET Transistor
More results

유사한 설명 - IRF250P225

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
IRF200S234 INFINEON-IRF200S234 Datasheet
1Mb / 18P
   IR MOSFET - StrongIRFET?
V2.0 2017-6-30
IRF300P227 INFINEON-IRF300P227 Datasheet
1Mb / 17P
   IR MOSFET - StrongIRFET?
V2.0 2017-11-14
IRF250P224 INFINEON-IRF250P224 Datasheet
1Mb / 17P
   IR MOSFET - StrongIRFET?
V1.0 2017-02-27
IRF200P223 INFINEON-IRF200P223 Datasheet
1Mb / 17P
   IR MOSFET - StrongIRFET?
V1.0 2017-02-27
IRL60SC216 INFINEON-IRL60SC216 Datasheet
1Mb / 11P
   StrongIRFET
Rev.2.2,2020-07-02
IRF300P226 INFINEON-IRF300P226 Datasheet
1Mb / 17P
   StrongIRFET™
V2.2 2020-01-07
IRFP250MPBF INFINEON-IRFP250MPBF Datasheet
1Mb / 9P
   IR MOSFET?
05/28/2020
IRL40T209 INFINEON-IRL40T209 Datasheet
1Mb / 11P
   MOSFET IR MOSFET - StrongIRFETª
Rev. 2.0, 2018-05-05
IRF7749L1TRPBF INFINEON-IRF7749L1TRPBF Datasheet
1Mb / 18P
   IR MOSFET-DirectFET?
V2.2 2019-02-20
logo
KODENSHI_AUK CORP.
KME-M002C KODENSHI-KME-M002C Datasheet
96Kb / 1P
   IR Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com