전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MXA2500EL 데이터시트(PDF) 4 Page - List of Unclassifed Manufacturers

부품명 MXA2500EL
상세설명  Ultra Low Noise, Offset Drift 1 g Dual Axis Accelerometer with Analog Outputs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC - List of Unclassifed Manufacturers

MXA2500EL 데이터시트(HTML) 4 Page - List of Unclassifed Manufacturers

  MXA2500EL Datasheet HTML 1Page - List of Unclassifed Manufacturers MXA2500EL Datasheet HTML 2Page - List of Unclassifed Manufacturers MXA2500EL Datasheet HTML 3Page - List of Unclassifed Manufacturers MXA2500EL Datasheet HTML 4Page - List of Unclassifed Manufacturers MXA2500EL Datasheet HTML 5Page - List of Unclassifed Manufacturers MXA2500EL Datasheet HTML 6Page - List of Unclassifed Manufacturers MXA2500EL Datasheet HTML 7Page - List of Unclassifed Manufacturers MXA2500EL Datasheet HTML 8Page - List of Unclassifed Manufacturers MXA2500EL Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
THEORY OF OPERATION
The MEMSIC device is a complete dual-axis acceleration
measurement system fabricated on a monolithic CMOS IC
process. The device operation is based on heat transfer by
natural convection and operates like other accelerometers
having a proof mass. The stationary element, or ‘proof
mass’, in the MEMSIC sensor is a gas.
A single heat source, centered in the silicon chip is
suspended across a cavity. Equally spaced
aluminum/polysilicon thermopiles (groups of
thermocouples) are located equidistantly on all four sides of
the heat source (dual axis). Under zero acceleration, a
temperature gradient is symmetrical about the heat source,
so that the temperature is the same at all four thermopiles,
causing them to output the same voltage.
Acceleration in any direction will disturb the temperature
profile, due to free convection heat transfer, causing it to be
asymmetrical. The temperature, and hence voltage output
of the four thermopiles will then be different. The
differential voltage at the thermopile outputs is directly
proportional to the acceleration. There are two identical
acceleration signal paths on the accelerometer, one to
measure acceleration in the x-axis and one to measure
acceleration in the y-axis. Please visit the MEMSIC
website at www.memsic.com for a picture/graphic
description of the free convection heat transfer principle.
PIN DESCRIPTIONS
VDD – This is the supply input for the digital circuits and
the sensor heater in the accelerometer. The DC voltage
should be between 3.0volts and 5.25 volts. Refer to the
section on PCB layout and fabrication suggestions for
guidance on external parts and connections recommended.
VDA – This is the power supply input for the analog
amplifiers in the accelerometer. Refer to the section on
PCB layout and fabrication suggestions for guidance on
external parts and connections recommended.
Gnd – This is the ground pin for the accelerometer.
AOUTX – This pin is the output of the x-axis acceleration
sensor. The user should ensure the load impedance is
sufficiently high as to not source/sink >100
µA. While the
sensitivity of this axis has been programmed at the factory
to be the same as the sensitivity for the y-axis, the
accelerometer can be programmed for non-equal
sensitivities on the x- and y-axes. Contact the factory for
additional information on this feature.
AOUTY This pin is the output of the y-axis acceleration
sensor. The user should ensure the load impedance is
sufficiently high as to not source/sink >100
µA. While the
sensitivity of this axis has been programmed at the factory
to be the same as the sensitivity for the x-axis, the
accelerometer can be programmed for non-equal
sensitivities on the x- and y-axes. Contact the factory for
additional information on this feature.
TOUT – This pin is the buffered output of the temperature
sensor. The analog voltage at TOUT is an indication of the
die temperature. This voltage is useful as a differential
measurement of temperature from ambient and not as an
absolute measurement of temperature. After correlating the
voltage at TOUT to 25°C ambient, the change in this voltage
due to changes in the ambient temperature can be used to
compensate for the change over temperature of the
accelerometer offset and sensitivity. Please refer to the
section on Compensation for the Change in Sensitivity
Over Temperature for more information.
Sck – The standard product is delivered with an internal
clock option (800kHz). This pin should be grounded
when operating with the internal clock. An external
clock option can be special ordered from the factory
allowing the user to input a clock signal between 400kHz
and 1.6MHz.
Vref – A reference voltage is available from this pin. It is
set at 2.50V typical and has 100
µA of drive capability.
COMPENSATION FOR THE CHANGE IN
SENSITIVITY OVER TEMPERATURE
All thermal accelerometers display the same sensitivity
change with temperature. The sensitivity change depends
on variations in heat transfer that are governed by the laws
of physics. Manufacturing variations do not influence the
sensitivity change, so there are no unit-to-unit differences
in sensitivity change. The sensitivity change is governed
by the following equation (and shown in Figure 1 in
°C):
Si x Ti
-2.90 = Sf x Tf-2.90
where Si is the sensitivity at any initial temperature Ti, and
Sf is the sensitivity at any other final temperature Tf with
the temperature values in
°K.
0.0
0.5
1.0
1.5
2.0
-40
-20
0
20
40
60
80
100
Temperature (C)
Figure 1: Thermal Accelerometer Sensitivity
MEMSIC MXA2500E Rev C
Page 4 of 9
29/7/2003
In gaming applications where the game or controller is
typically used in a constant temperature environment,
sensitivity might not need to be compensated in hardware


유사한 부품 번호 - MXA2500EL

제조업체부품명데이터시트상세설명
logo
MEMSIC Semiconductor (T...
MXA2500EL MEMSIC-MXA2500EL Datasheet
327Kb / 6P
   Ultra Low Noise, Offset Drift ?? g Dual Axis Accelerometer with Analog Outputs
v1.0
More results

유사한 설명 - MXA2500EL

제조업체부품명데이터시트상세설명
logo
MEMSIC Semiconductor (T...
MXA2500E MEMSIC-MXA2500E Datasheet
327Kb / 6P
   Ultra Low Noise, Offset Drift ?? g Dual Axis Accelerometer with Analog Outputs
v1.0
MXD2020E MEMSIC-MXD2020E Datasheet
227Kb / 8P
   Ultra Low Noise, Low offset Drift 짹1 g Dual Axis Accelerometer with Digital Outputs
Rev H
logo
List of Unclassifed Man...
MXD2020EL ETC1-MXD2020EL Datasheet
583Kb / 8P
   Ultra Low Noise, Low offset Drift 1g, -1g Dual Axis Accelerometer with Digital Outputs
MXA2500U ETC1-MXA2500U Datasheet
321Kb / 8P
   Ultra Low Noise, 1g Dual Axis Accelerometer with Analog Outputs
logo
MEMSIC Semiconductor (T...
MXD2020U MEMSIC-MXD2020U Datasheet
183Kb / 8P
   Ultra Low Noise, 짹1 g Dual Axis Accelerometer with Digital Outputs
Rev.G
logo
List of Unclassifed Man...
MXR7311GL ETC1-MXR7311GL Datasheet
404Kb / 7P
   Low Cost, Low Noise 짹2 g Dual Axis Accelerometer with Ratiometric Analog Outputs
MXR7210G ETC1-MXR7210G Datasheet
104Kb / 8P
   Low Cost, Low Noise 짹10 g Dual Axis Accelerometer with Ratiometric Analog Outputs
MXA6500G ETC1-MXA6500G Datasheet
84Kb / 6P
   Low Cost, Low Noise 짹1 g Dual Axis Accelerometer with Absolute Analog Outputs
MXR7202G ETC1-MXR7202G Datasheet
220Kb / 8P
   Low Cost, Low Noise 짹2 g Dual Axis Accelerometer with Ratiometric Analog Outputs
logo
MEMSIC Semiconductor (T...
MXA2500G MEMSIC-MXA2500G Datasheet
560Kb / 7P
   Improved, Ultra Low Noise ??.7 g Dual Axis Accelerometer with Absolute Outputs
v1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com