전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M9300A 데이터시트(PDF) 1 Page - Keysight Technologies

부품명 M9300A
상세설명  PXI Switchable-Input Programmable Step Attenuator Module,DC to 50 GHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KEYSIGHT [Keysight Technologies]
홈페이지  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

M9300A 데이터시트(HTML) 1 Page - Keysight Technologies

  M9300A Datasheet HTML 1Page - Keysight Technologies M9300A Datasheet HTML 2Page - Keysight Technologies M9300A Datasheet HTML 3Page - Keysight Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Keysight Technologies
M9169E
PXI Switchable-Input Programmable Step Attenuator Module,
DC to 50 GHz
Industries and Applications
– RF signal path attenuation simulation
– Spectrum analyzer input signal conditioning
– RF receiver sensitivity test
– Adjacent channel interference
Product Description
In addition to connectorized standalone attenuators, Keysight Technologies, Inc. also
offers PXI step attenuator modules that operate across a broad frequency range of
DC to 50 GHz. The M9169E is a 3-port PXI programmable step attenuator module
with a switchable path. This is ideal for switching in a calibrator signal (cal input) into
the input of a signal analyzer to improve amplitude accuracy. The M9169E has a 0.03
dB insertion loss repeatability throughout the operating life of up to 5 million cycles
per section. The M9169E has excellent attenuation accuracy across a wide operating
temperature range ensures precise measurements.
Features and Benefits
Product features
Your benefit
0.03 dB insertion loss repeatability
throughout the operating life
Minimize system measurement uncertainty
Long operating life of 5 million cycles
Reduce cost of test and increase reliability
over test system’s life expectancy
High attenuation accuracy and flatness
Superior attenuation accuracy ensures precise
measurements
Port 1
Port 2
Port 3
Schematic diagram for the M9169E


유사한 부품 번호 - M9300A

제조업체부품명데이터시트상세설명
logo
Keysight Technologies
M9300A KEYSIGHT-M9300A Datasheet
1Mb / 10P
   M9300A PXIe Frequency Reference
M9300A KEYSIGHT-M9300A Datasheet
1Mb / 10P
   M9309A PXIe Vector Network Analyzer Synthesizer
M9300A KEYSIGHT-M9300A Datasheet
2Mb / 17P
   M9380A PXIe CW Source
M9300A KEYSIGHT-M9300A Datasheet
2Mb / 29P
   M9381A PXIe Vector Signal Generator
M9300A KEYSIGHT-M9300A Datasheet
1Mb / 13P
   M9389A PXIe Vector Network Analyzer Source
More results

유사한 설명 - M9300A

제조업체부품명데이터시트상세설명
logo
Broadcom Corporation.
AMMC-6640 BOARDCOM-AMMC-6640 Datasheet
766Kb / 10P
   DC-50 GHz Variable Attenuator
logo
Agilent(Hewlett-Packard...
HMMC-1002 HP-HMMC-1002 Datasheet
99Kb / 8P
   DC- 50 GHz Variable Attenuator
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-6640 AVAGO-AMMC-6640 Datasheet
766Kb / 10P
   DC-50 GHz Variable Attenuator
logo
Keysight Technologies
M9170A KEYSIGHT-M9170A Datasheet
1Mb / 8P
   M9170A PXI Attenuator/Switch Driver Module
logo
Analog Devices
HMC-C053 AD-HMC-C053 Datasheet
264Kb / 9P
   Voltage Variable Attenuator Module, DC to 20 GHz
logo
Keysight Technologies
M9149A KEYSIGHT-M9149A Datasheet
8Mb / 27P
   PXI RF Switch Modules DC to 3 GHz
M9147A KEYSIGHT-M9147A Datasheet
8Mb / 27P
   PXI RF Switch Modules DC to 3 GHz
M9153A KEYSIGHT-M9153A Datasheet
8Mb / 27P
   PXI RF Switch Modules DC to 3 GHz
M9146A KEYSIGHT-M9146A Datasheet
8Mb / 27P
   PXI RF Switch Modules DC to 3 GHz
M9151A KEYSIGHT-M9151A Datasheet
8Mb / 27P
   PXI RF Switch Modules DC to 3 GHz
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com