전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M9381A 데이터시트(PDF) 10 Page - Keysight Technologies

부품명 M9381A
상세설명  M9381A PXIe Vector Signal Generator
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KEYSIGHT [Keysight Technologies]
홈페이지  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

M9381A 데이터시트(HTML) 10 Page - Keysight Technologies

Back Button M9381A_17 Datasheet HTML 6Page - Keysight Technologies M9381A_17 Datasheet HTML 7Page - Keysight Technologies M9381A_17 Datasheet HTML 8Page - Keysight Technologies M9381A_17 Datasheet HTML 9Page - Keysight Technologies M9381A_17 Datasheet HTML 10Page - Keysight Technologies M9381A_17 Datasheet HTML 11Page - Keysight Technologies M9381A_17 Datasheet HTML 12Page - Keysight Technologies M9381A_17 Datasheet HTML 13Page - Keysight Technologies M9381A_17 Datasheet HTML 14Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
10 | Keysight | M9381A PXIe Vector Signal Generator – Data Sheet
Technical Specifications and Characteristics
Amplitude (continued)
Absolute level accuracy (ALC off, relative to ALC on) 12
1 MHz to 5 GHz
± 0.25 dB, typical
> 5 to 6 GHz
± 0.62 dB, typical
Power search 13
Time
< 20 ms, nominal
Absolute level accuracy in digital I/Q mode (ALC on, relative to CW) 14
≤ 15 dBm
± 0.7 dB (± 0.25 dB, nominal)
≤ 10 dBm
± 0.2 dB
≤ 0 dBm
± 0.1 dB
Figure 8. Amplitude repeatability at various carrier frequencies. Repeatability measures the ability of the
instrument to return to a given power setting after a random excursion to any other frequency and power setting.
It should not be confused with absolute level accuracy.
Figure 9. Relative level accuracy at various carrier frequencies.
12. After a power search, with a single side-band
signal and with power search blanking on.
13. Power search is an internal alignment routine
that improves level accuracy with ALC off.
14. QPSK waveform 4 MSa/s symbol rate.
Specifications apply within the controlled
temperature range.
-0.05
-0.04
-0.03
-0.02
-0.01
0
0.01
0.02
0.03
0.04
0.05
0
20
40
60
80
100
120
Elapsed Time (minutes)
Amplitude Repeatability +10 dBm ALC On
850 MHz
1900 MHz
2200 MHz
3500 MHz
5800 MHz
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
-120
-100
-80
-60
-40
-20
0
20
Power Level (dBm)
Relative Level Accuracy
CW mode, ALC On
0.85 GHz
1.8 GHz
2 GHz
2.2 GHz
3.5 GHz
5.8 GHz


유사한 부품 번호 - M9381A_17

제조업체부품명데이터시트상세설명
logo
Keysight Technologies
M9381A KEYSIGHT-M9381A Datasheet
2Mb / 29P
   PXIe Vector Signal Generator
M9381A KEYSIGHT-M9381A Datasheet
2Mb / 17P
   M9380A PXIe CW Source
M9381A KEYSIGHT-M9381A Datasheet
1Mb / 10P
   M9300A PXIe Frequency Reference
More results

유사한 설명 - M9381A_17

제조업체부품명데이터시트상세설명
logo
Keysight Technologies
M9381A KEYSIGHT-M9381A Datasheet
2Mb / 29P
   PXIe Vector Signal Generator
M9391A KEYSIGHT-M9391A_17 Datasheet
1Mb / 30P
   M9391A PXIe Vector Signal Analyzer
M9391A KEYSIGHT-M9391A Datasheet
1Mb / 28P
   M9391A PXIe Vector Signal Analyzer
M9393A KEYSIGHT-M9393A_17 Datasheet
3Mb / 39P
   M9393A PXIe Performance Vector Signal Analyzer
logo
National Instruments Co...
PXIE-5673 NI-PXIE-5673 Datasheet
1Mb / 9P
   Vector Signal Generator
logo
Keysight Technologies
M9393A KEYSIGHT-M9393A Datasheet
3Mb / 37P
   M9393A PXIe Performance Vector Signal Analyzer
logo
Agilent(Hewlett-Packard...
E8267D HP-E8267D Datasheet
753Kb / 32P
   Vector Signal Generator
logo
Keysight Technologies
E8267D KEYSIGHT-E8267D Datasheet
4Mb / 37P
   Vector Signal Generator
M9374A KEYSIGHT-M9374A Datasheet
1Mb / 34P
   Keysight PXIe Vector Network Analyzers
M9421A KEYSIGHT-M9421A_18 Datasheet
1Mb / 29P
   M9421A VXT PXIe Vector Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com