전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M9389A 데이터시트(PDF) 9 Page - Keysight Technologies

부품명 M9389A
상세설명  M9485A PXIe Multiport Vector Network Analyzer
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KEYSIGHT [Keysight Technologies]
홈페이지  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

M9389A 데이터시트(HTML) 9 Page - Keysight Technologies

Back Button M9389A Datasheet HTML 5Page - Keysight Technologies M9389A Datasheet HTML 6Page - Keysight Technologies M9389A Datasheet HTML 7Page - Keysight Technologies M9389A Datasheet HTML 8Page - Keysight Technologies M9389A Datasheet HTML 9Page - Keysight Technologies M9389A Datasheet HTML 10Page - Keysight Technologies M9389A Datasheet HTML 11Page - Keysight Technologies M9389A Datasheet HTML 12Page - Keysight Technologies M9389A Datasheet HTML 13Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
09 | Keysight | M9485A PXIe Multiport Vector Network Analyzer 1 MHz/50 MHz to 9 GHz - Data Sheet
Test port input
Description
Typical
Test port noise floor
See M9376A
Compression level
See M9376A
Trace noise
See M9376A
Stability
See M9376A
Dynamic accuracy
See M9376A
Test port damage level
See M9376A
Group delay1
Description
Typical
Supplemental information
Aperture (selectable)
(frequency span)/(number of points - 1)
Maximum aperture
25% of frequency span
Minimum delay
Limited to measuring no more than 180°
of phase change within the minimum
aperture.
Accuracy
See graph below (typical)
1. Group delay is computed by measuring the phase change within a specified step (determined by the frequency span and the number of points per sweep).
The following graph shows group delay accuracy with 3.5 mm connectors, full 2-port
calibration and a 10 Hz IF bandwidth.
– Calibration kit (85033E).
– Insertion loss is assumed to be < 2 dB
In general, the following formula can be used to determine the accuracy, in seconds, of a
specific group delay measurement: ± phase accuracy (degrees)/[360 x aperture (Hz)]


유사한 부품 번호 - M9389A

제조업체부품명데이터시트상세설명
logo
Keysight Technologies
M9389A KEYSIGHT-M9389A Datasheet
1Mb / 13P
   M9389A PXIe Vector Network Analyzer Source
M9389A KEYSIGHT-M9389A Datasheet
1Mb / 10P
   M9309A PXIe Vector Network Analyzer Synthesizer
More results

유사한 설명 - M9389A

제조업체부품명데이터시트상세설명
logo
Keysight Technologies
M9485A KEYSIGHT-M9485A Datasheet
2Mb / 39P
   M9485A PXIe Multiport Vector Network Analyzer
M9389A KEYSIGHT-M9389A Datasheet
1Mb / 13P
   M9389A PXIe Vector Network Analyzer Source
M9309A KEYSIGHT-M9309A Datasheet
1Mb / 10P
   M9309A PXIe Vector Network Analyzer Synthesizer
M9391A KEYSIGHT-M9391A_17 Datasheet
1Mb / 30P
   M9391A PXIe Vector Signal Analyzer
M9391A KEYSIGHT-M9391A Datasheet
1Mb / 28P
   M9391A PXIe Vector Signal Analyzer
N9923A-112 KEYSIGHT-N9923A-112 Datasheet
2Mb / 18P
   Vector Network Analyzer
logo
Mini-Circuits
EVNA-63++ MINI-EVNA-63+ Datasheet
1Mb / 16P
   Vector Network Analyzer
REV. A
logo
Keysight Technologies
N9923A-308 KEYSIGHT-N9923A-308 Datasheet
2Mb / 18P
   Vector Network Analyzer
M9393A KEYSIGHT-M9393A_17 Datasheet
3Mb / 39P
   M9393A PXIe Performance Vector Signal Analyzer
M9393A KEYSIGHT-M9393A Datasheet
3Mb / 37P
   M9393A PXIe Performance Vector Signal Analyzer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com