전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MP1497S 데이터시트(PDF) 10 Page - Monolithic Power Systems

부품명 MP1497S
상세설명  High-Efficiency, 3A, 16V, 500kHz Synchronous, Step-Down Converter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MPS [Monolithic Power Systems]
홈페이지  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1497S 데이터시트(HTML) 10 Page - Monolithic Power Systems

Back Button MP1497S Datasheet HTML 6Page - Monolithic Power Systems MP1497S Datasheet HTML 7Page - Monolithic Power Systems MP1497S Datasheet HTML 8Page - Monolithic Power Systems MP1497S Datasheet HTML 9Page - Monolithic Power Systems MP1497S Datasheet HTML 10Page - Monolithic Power Systems MP1497S Datasheet HTML 11Page - Monolithic Power Systems MP1497S Datasheet HTML 12Page - Monolithic Power Systems MP1497S Datasheet HTML 13Page - Monolithic Power Systems MP1497S Datasheet HTML 14Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
MP1497S – SYNCHRONOUS, STEP-DOWN CONVERTER WITH INTERNAL MOSFETS
MP1497S Rev. 1.01
www.MonolithicPower.com
10
9/7/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
limit threshold. Under-voltage protection (UVP)
triggers if the FB voltage drops below the
under-voltage (UV) threshold—typically 50%
below the reference. Once UVP triggers, the
MP1497S enters hiccup mode to periodically
restart the part. This protection mode is
especially useful when the output is dead-
shorted to ground. The average short-circuit
current falls to alleviate thermal issues and to
protect the regulator. The MP1497S exits
hiccup mode once the over-current condition is
removed.
Thermal Shutdown
Thermal shutdown prevents the chip from
operating at exceedingly high temperatures.
When the silicon die temperature exceeds
150°C, it shuts down the whole chip. When the
temperature drops below its lower threshold
(typically 130°C) the chip is enabled again.
Floating Driver and Bootstrap Charging
An external bootstrap capacitor powers the
floating power MOSFET driver. This floating
driver has its own UVLO protection with a rising
threshold of 2.2V and a hysteresis of 150mV.
The bootstrap capacitor voltage is regulated
internally by VIN through D1, M1, C4, L1 and C2
(Figure 3). If (VIN-VSW) exceed 5V, U1 will
regulate M1 to maintain a 5V BST voltage
across C4. A 10Ω resistor placed between SW
and BST cap is strongly recommended to
reduce SW spike voltage.
Figure 3: Internal Bootstrap Charging Circuit,
Startup and Shutdown
If both VIN and EN exceed their appropriate
thresholds, the chip starts. The reference block
starts first, generating stable reference voltage
and currents, and then the internal regulator is
enabled. The regulator provides stable supply
for the remaining circuitries.
Three events can shut down the chip: EN low,
VIN low, and thermal shutdown. For the
shutdown procedure, the signaling path is first
blocked to avoid any fault triggering. The
COMP voltage and the internal supply rail are
then pulled down. The floating driver is not
subject to this shutdown command.


유사한 부품 번호 - MP1497S

제조업체부품명데이터시트상세설명
logo
Monolithic Power System...
MP1497 MPS-MP1497 Datasheet
504Kb / 15P
   High-Efficiency, 3A, 16V, 500kHz Synchronous, Step-Down Converter
MP1497DJ MPS-MP1497DJ Datasheet
504Kb / 15P
   High-Efficiency, 3A, 16V, 500kHz Synchronous, Step-Down Converter
More results

유사한 설명 - MP1497S

제조업체부품명데이터시트상세설명
logo
Monolithic Power System...
MP1475 MPS-MP1475 Datasheet
756Kb / 16P
   High-Efficiency, 3A, 16V, 500kHz Synchronous, Step-Down Converter
MP1495S MPS-MP1495S Datasheet
929Kb / 17P
   High Efficiency 3A, 16V, 500kHz Synchronous Step-Down Converter
MP1495 MPS-MP1495 Datasheet
462Kb / 15P
   High Efficiency 3A, 16V, 500kHz Synchronous Step Down Converter
MP1497 MPS-MP1497 Datasheet
504Kb / 15P
   High-Efficiency, 3A, 16V, 500kHz Synchronous, Step-Down Converter
MP1475S MPS-MP1475S Datasheet
630Kb / 19P
   High-Efficiency, 3A, 16V, 500kHz Synchronous, Step-Down Converter
logo
ACE Technology Co., LTD...
ACE7316LA ACE-ACE7316LA Datasheet
560Kb / 6P
   500KHz, 16V, 3A Synchronous Step-Down Converter
VER 1.1
ACE7273C ACE-ACE7273C Datasheet
154Kb / 3P
   500KHz, 16V, 3A Synchronous Step-Down Converter
VER 1.2
logo
SHANGHAI BELLING CO., L...
BL8033 BELLING-BL8033 Datasheet
1Mb / 8P
   500KHz, 16V, 3A Synchronous Step-Down Converter
logo
Monolithic Power System...
MP1494 MPS-MP1494 Datasheet
402Kb / 15P
   High-Efficiency, 2A, 16V, 500kHz Synchronous, Step-Down Converter
MP1470B MPS-MP1470B Datasheet
418Kb / 18P
   High Efficiency, 2A, 16V, 500kHz Synchronous, Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com