전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

NCV51460 데이터시트(PDF) 6 Page - ON Semiconductor

부품명 NCV51460
상세설명  20mA Micropower Precision Voltage Reference
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV51460 데이터시트(HTML) 6 Page - ON Semiconductor

Back Button NCV51460 Datasheet HTML 2Page - ON Semiconductor NCV51460 Datasheet HTML 3Page - ON Semiconductor NCV51460 Datasheet HTML 4Page - ON Semiconductor NCV51460 Datasheet HTML 5Page - ON Semiconductor NCV51460 Datasheet HTML 6Page - ON Semiconductor NCV51460 Datasheet HTML 7Page - ON Semiconductor NCV51460 Datasheet HTML 8Page - ON Semiconductor NCV51460 Datasheet HTML 9Page - ON Semiconductor NCV51460 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
NCV51460
www.onsemi.com
6
TYPICAL CHARACTERISTICS
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
0.1
1
10
Figure 16. Output Voltage Noise 0.1 Hz − 10 Hz
f, FREQUENCY (Hz)
VIN = 5.8 V
IOUT = 0 mA,
COUT = 0 mF,
TA = 25°C
0.1 Hz − 10 Hz Integral Noise:
Vn = 2.28 mVrms
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
10
100
1000
10k
100k
1M
Figure 17. Output Voltage Noise 10 Hz − 1 MHz
f, FREQUENCY (Hz)
VIN = 5.8 V
IOUT = 0 mA to 20 mA,
COUT = 0 mF,
TA = 25°C
10 Hz − 1 kHz Integral Noise:
Vn = 18 mVrms
Figure 18. Output Voltage Noise 10 Hz − 1 MHz
COUT = 0.1 mF
f, FREQUENCY (Hz)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
10
100
1000
10k
100k
1M
IOUT = 1 mA
IOUT = 0 mA
IOUT = 10 mA
IOUT = 20 mA
VIN = 5.8 V
IOUT = 0 mA to 20 mA,
COUT = 0.1 mF MLCC,
TA = 25°C
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
10
100
1000
10k
100k
1M
Figure 19. Output Voltage Noise 10 Hz − 1 MHz
COUT = 1 mF
f, FREQUENCY (Hz)
IOUT = 1 mA
IOUT = 0 mA
IOUT = 10 mA
IOUT = 20 mA
VIN = 5.8 V
IOUT = 0 mA to 20 mA,
COUT = 1 mF MLCC,
TA = 25°C
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
10
100
1000
10k
100k
1M
Figure 20. Output Voltage Noise 10 Hz − 1 MHz
COUT = 10 mF
f, FREQUENCY (Hz)
IOUT = 10 mA
IOUT = 20 mA
IOUT = 1 mA
IOUT = 0 mA
VIN = 5.8 V
IOUT = 0 mA to 20 mA,
COUT = 10 mF MLCC,
TA = 25°C
3.10
3.15
3.20
3.25
3.30
3.35
3.40
3.45
Figure 21. Load Transient Response 0 − 10 mA
TIME (20
ms/DIV)
VIN = 0 to 5.8 V, COUT = 0 mF,
trise_fall = 10 mA/1 ms, TA = 25°C
IOUT = 0 mA
IOUT = 10 mA
VOUT


유사한 부품 번호 - NCV51460

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
NCV51400 ONSEMI-NCV51400 Datasheet
261Kb / 9P
   3 Amp VTT Termination Regulator DDR1, DDR2, DDR3, LPDDR3, DDR4
June, 2020 - Rev. 6
NCV51400MNTXG ONSEMI-NCV51400MNTXG Datasheet
168Kb / 7P
   Termination Regulator
June, 2015 ??Rev. 2
NCV51400MNTXG ONSEMI-NCV51400MNTXG Datasheet
140Kb / 7P
   Termination Regulator
May, 2016 ??Rev. 3
NCV51400MNTXG ONSEMI-NCV51400MNTXG Datasheet
261Kb / 9P
   3 Amp VTT Termination Regulator DDR1, DDR2, DDR3, LPDDR3, DDR4
June, 2020 - Rev. 6
NCV51400MWTXG ONSEMI-NCV51400MWTXG Datasheet
168Kb / 7P
   Termination Regulator
June, 2015 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com