전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ACT510X 데이터시트(PDF) 32 Page - Active-Semi, Inc

부품명 ACT510X
상세설명  23V Buck-Boost Converter with Integrated MOSFETs
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ACTIVE-SEMI [Active-Semi, Inc]
홈페이지  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT510X 데이터시트(HTML) 32 Page - Active-Semi, Inc

Back Button ACT510X Datasheet HTML 28Page - Active-Semi, Inc ACT510X Datasheet HTML 29Page - Active-Semi, Inc ACT510X Datasheet HTML 30Page - Active-Semi, Inc ACT510X Datasheet HTML 31Page - Active-Semi, Inc ACT510X Datasheet HTML 32Page - Active-Semi, Inc ACT510X Datasheet HTML 33Page - Active-Semi, Inc ACT510X Datasheet HTML 34Page - Active-Semi, Inc ACT510X Datasheet HTML 35Page - Active-Semi, Inc ACT510X Datasheet HTML 36Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 37 page
background image
ACT510x
Rev 1.0, 04-Apr-2018
32
2
VOUT[2]
1
Y
80 mV
1
VOUT[1]
0
Y
40 mV
0
VOUT[0]
0
Y
20 mV
REG 0x15: RFU (R/W) (NVM)
REG 0x16: RFU (R/W) (NVM)
REG 0x17: Output Current Limit (R/W) (NVM)
Bit
Name
Description
Comment
7
DIS_CC
0
Y
0: Enable
1: Disable
Set 1 to disable the output constant current limit function.
6
CC[6]
1
Y
64%
Output Current Percentage of OLIM Resistor Setting.
Range: 1% (000_0001) to 100% (110_0100)
Setting 110_0100 to 111_1111 = 100%
Setting 000_0000 to 000_0001 = 1%
5
CC[5]
1
Y
32%
4
CC[4]
0
Y
16%
3
CC[3]
0
Y
8%
2
CC[2]
1
Y
4%
1
CC[1]
0
Y
2%
0
CC[0]
0
Y
1%
REG 0x18: RFU (R/W) (NVM)
REG 0x19: RFU (R/W) (NVM)
REG 0x1A: VIN UV OFFSET (R/W) (NVM)
Bit
Name
Description
Comment


유사한 부품 번호 - ACT510X

제조업체부품명데이터시트상세설명
logo
Active-Semi, Inc
ACT510 ACTIVE-SEMI-ACT510 Datasheet
171Kb / 4P
   ActiveQR Quasi-Resonant PWM Controller
05-Dec-12
logo
Aeroflex Circuit Techno...
ACT5101-1 AEROFLEX-ACT5101-1 Datasheet
237Kb / 12P
   ACT5101-1 HIGH VOLTAGE 3-PHASE BRUSHLESS DC MOTOR DRIVE
logo
Active-Semi, Inc
ACT510US-T ACTIVE-SEMI-ACT510US-T Datasheet
171Kb / 4P
   ActiveQR Quasi-Resonant PWM Controller
05-Dec-12
More results

유사한 설명 - ACT510X

제조업체부품명데이터시트상세설명
logo
Active-Semi, Inc
ACT2861QI ACTIVE-SEMI-ACT2861QI Datasheet
4Mb / 91P
   30V Buck-Boost Charger with Integrated MOSFETs and OTG
Rev 2.0, 27-Apr-2018
logo
Lite-On Technology Corp...
LSP5526 LITEON-LSP5526 Datasheet
605Kb / 15P
   2A 23V Synchronous Buck Converter
logo
Diodes Incorporated
LSP5526 DIODES-LSP5526 Datasheet
812Kb / 17P
   2A 23V Synchronous Buck Converter
Rev. 9 - 2 July 2022
logo
Allegro MicroSystems
A4450 ALLEGRO-A4450 Datasheet
680Kb / 34P
   Buck-Boost Controller with Integrated Buck MOSFET
logo
Rohm
BD8306MUV ROHM-BD8306MUV Datasheet
1Mb / 29P
   Integrated 2.0A MOSFET 1ch Buck-Boost Converter
logo
Maxim Integrated Produc...
MAX5073 MAXIM-MAX5073_V01 Datasheet
869Kb / 24P
   2.2MHz, Dual-Output Buck or Boost Converter with Internal Power MOSFETs
2014
MAX5073 MAXIM-MAX5073 Datasheet
473Kb / 25P
   2.2MHz, Dual-Output Buck or Boost Converter with Internal Power MOSFETs
Rev 2; 2/06
logo
Texas Instruments
LM3279 TI1-LM3279_16 Datasheet
1Mb / 37P
[Old version datasheet]   Buck-Boost Converter
logo
Rohm
BD8152FVM ROHM-BD8152FVM_14 Datasheet
1Mb / 27P
   Boost Converter with Integrated FET
logo
uPI Group Inc.
UP6663 UPI-UP6663 Datasheet
774Kb / 17P
   Integrated Boost Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com