전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ACT510X 데이터시트(PDF) 35 Page - Active-Semi, Inc

부품명 ACT510X
상세설명  23V Buck-Boost Converter with Integrated MOSFETs
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ACTIVE-SEMI [Active-Semi, Inc]
홈페이지  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT510X 데이터시트(HTML) 35 Page - Active-Semi, Inc

Back Button ACT510X Datasheet HTML 29Page - Active-Semi, Inc ACT510X Datasheet HTML 30Page - Active-Semi, Inc ACT510X Datasheet HTML 31Page - Active-Semi, Inc ACT510X Datasheet HTML 32Page - Active-Semi, Inc ACT510X Datasheet HTML 33Page - Active-Semi, Inc ACT510X Datasheet HTML 34Page - Active-Semi, Inc ACT510X Datasheet HTML 35Page - Active-Semi, Inc ACT510X Datasheet HTML 36Page - Active-Semi, Inc ACT510X Datasheet HTML 37Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 35 / 37 page
background image
ACT510x
Rev 1.0, 04-Apr-2018
35
1: Masks nIRQ
Setting to 1, masks the fault nIRQ
5
nIRQ_HICCUP
0
Y
0:
Converter enter
Hiccup state nIRQ
1: Masks nIRQ
If set to 0, converter entering hiccup state will active
the nIRQ pin
Setting to 1, masks hiccup mode to nIRQ
4
nIRQ_LL
0
Y
0: Converter enter Light
Load state on nIRQ
1: Masks nIRQ
If set to 0, converter entering Light Load Disable
state will active the nIRQ pin
Setting to 1, masks light load disable state to nIRQ
3
nIRQ_A2D_DATA
0
Y
0: A2D Data Ready
1:
Masks A2D Data
Ready nIRQ
If set to 0, a rising edge on A2D Data Ready will
active the nIRQ pin
Setting to 1, masks the A2D Data Ready to nIRQ
2
nIRQ_HIZ
0
Y
0: Enter HIZ Mode
1:
Masks Enter HIZ
Mode nIRQ
If set to 0, a rising edge when entering HIZ State will
active the nIRQ pin
Setting to 1, masks the HIZ Enter to nIRQ
1
RFU
1
Y
0
RFU
1
Y
REG 0x20: IRQ / Converter Status (R/W) (VM)
Bit
Name
Description
Comment
7
nIRQ_I2C_ERROR
0
Y
0: I2C Fault
1: Masks I2C Fault nIRQ
If set to 0, a fault on the I2C command / I2C bus will
active the nIRQ Pin
Setting to 1, masks the nIRQ
6
INPUT_CC
NA
NA
0: Input not in current limit
1: Input is regulating in
Constant Current Mode
Real Time status
This is the current measured on the VIN side using
ISRP and ISRN controlled by the VIN_ILIM Register
5
OUTPUT_CC
NA
NA
0:
Output
regulating
using voltage loop
1: Output is regulating in
Constant Current Mode
Real Time status
This is the current measured on the VOUT side using
OSRP and OSRN controlled by the CC Register
4
VIN_UV
NA
NA
0: VIN above VIN_UV
1: VIN below VIN_UV
Real time status – For latched fault, see the Fault
Registers
3
VIN_OV
NA
NA
0: VIN below OV
1: VIN above OV
Real time status – For latched fault, see the Fault
Registers


유사한 부품 번호 - ACT510X

제조업체부품명데이터시트상세설명
logo
Active-Semi, Inc
ACT510 ACTIVE-SEMI-ACT510 Datasheet
171Kb / 4P
   ActiveQR Quasi-Resonant PWM Controller
05-Dec-12
logo
Aeroflex Circuit Techno...
ACT5101-1 AEROFLEX-ACT5101-1 Datasheet
237Kb / 12P
   ACT5101-1 HIGH VOLTAGE 3-PHASE BRUSHLESS DC MOTOR DRIVE
logo
Active-Semi, Inc
ACT510US-T ACTIVE-SEMI-ACT510US-T Datasheet
171Kb / 4P
   ActiveQR Quasi-Resonant PWM Controller
05-Dec-12
More results

유사한 설명 - ACT510X

제조업체부품명데이터시트상세설명
logo
Active-Semi, Inc
ACT2861QI ACTIVE-SEMI-ACT2861QI Datasheet
4Mb / 91P
   30V Buck-Boost Charger with Integrated MOSFETs and OTG
Rev 2.0, 27-Apr-2018
logo
Lite-On Technology Corp...
LSP5526 LITEON-LSP5526 Datasheet
605Kb / 15P
   2A 23V Synchronous Buck Converter
logo
Diodes Incorporated
LSP5526 DIODES-LSP5526 Datasheet
812Kb / 17P
   2A 23V Synchronous Buck Converter
Rev. 9 - 2 July 2022
logo
Allegro MicroSystems
A4450 ALLEGRO-A4450 Datasheet
680Kb / 34P
   Buck-Boost Controller with Integrated Buck MOSFET
logo
Rohm
BD8306MUV ROHM-BD8306MUV Datasheet
1Mb / 29P
   Integrated 2.0A MOSFET 1ch Buck-Boost Converter
logo
Maxim Integrated Produc...
MAX5073 MAXIM-MAX5073_V01 Datasheet
869Kb / 24P
   2.2MHz, Dual-Output Buck or Boost Converter with Internal Power MOSFETs
2014
MAX5073 MAXIM-MAX5073 Datasheet
473Kb / 25P
   2.2MHz, Dual-Output Buck or Boost Converter with Internal Power MOSFETs
Rev 2; 2/06
logo
Texas Instruments
LM3279 TI1-LM3279_16 Datasheet
1Mb / 37P
[Old version datasheet]   Buck-Boost Converter
logo
Rohm
BD8152FVM ROHM-BD8152FVM_14 Datasheet
1Mb / 27P
   Boost Converter with Integrated FET
logo
uPI Group Inc.
UP6663 UPI-UP6663 Datasheet
774Kb / 17P
   Integrated Boost Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com