전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ACT2804 데이터시트(PDF) 12 Page - Active-Semi, Inc

부품명 ACT2804
상세설명  5V/3.4A Dual Cell Battery Power Manager
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ACTIVE-SEMI [Active-Semi, Inc]
홈페이지  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT2804 데이터시트(HTML) 12 Page - Active-Semi, Inc

Back Button ACT2804_17 Datasheet HTML 8Page - Active-Semi, Inc ACT2804_17 Datasheet HTML 9Page - Active-Semi, Inc ACT2804_17 Datasheet HTML 10Page - Active-Semi, Inc ACT2804_17 Datasheet HTML 11Page - Active-Semi, Inc ACT2804_17 Datasheet HTML 12Page - Active-Semi, Inc ACT2804_17 Datasheet HTML 13Page - Active-Semi, Inc ACT2804_17 Datasheet HTML 14Page - Active-Semi, Inc ACT2804_17 Datasheet HTML 15Page - Active-Semi, Inc ACT2804_17 Datasheet HTML 16Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
Rev 3, Apr-17-2017
Innovative Power
TM
- 12 -
www.active-semi.com
Copyright © 2017 Active-Semi, Inc.
ACT2804
ACT2804 is a complete battery charging and
discharging
power
management
solution
for
applications of dull-cell lithium-based backup
battery pack or power bank.
With the advanced bidirectional architecture, a
synchronous boost/buck converter is connected
from VOUT to switching node (SW). The converter
could be configured as either boost to charge
battery or buck to discharge battery.
Modes of Operation
ACT2804 has 3 operation modes: charge mode,
discharge mode, and high-impedance (HZ) mode.
High Impedance (HZ) Mode
HZ mode is the default mode. In HZ mode, all the
switches are turned off , only PB circuit alive and
the IC draws less than 10uA current from VBAT.
Discharge Mode
In discharge mode, Buck converter operates in CV/
CC regulation. VOUT1 current limit is set at 1.25A
and VOUT2 current limit is set at 2.65A.
Charge Mode
ACT2804 is configured in charge mode (boost
mode) when VIN is valid. In this mode, a battery is
charged with trickle, preconditioning, fast charge,
top-off and end of charge (EOC). The typical
charge management is shown in Figure 1.
Precondition Charge
When operating in precondition state, the cell is
charged at a reduced current at 15% of the
programmed
maximum
fast
charge
constant
current. Once VBAT reaches the precondition
threshold voltage the state machine jumps to the
fast charge state.
Fast Charge
If
battery
voltage
is
above
preconditioning
threshold, boost converter charges battery with
constant current. In fast charge state, the ACT2804
charges at the current set by the external resistor
connected at the ICST pin. During a normal charge
cycle fast charge continues in CC mode until VBAT
reaches the charge termination voltage, at which
point the ACT2804 charges in top off state.
Top Off
Device transitions from Fast Charge (CC) to Top
Off (CV), and moves to EOC (End of Charge) state
when charging current is less than IEOC.
End of Charge
In Top Off mode, when charges current decreases
to 10% of set fast charge current, the boost
converter goes into end of charge mode and keep
monitoring the battery voltage.
Recharge
In EOC, device would re-charge batteries when
both battery voltage levels drops 5% below VEOC.
Battery Removal
If the battery is removed, boost converter regulates
at the programmed regulation voltage.
Cell Balance
Cell Balance is activated in both Fast Charge and
Top Off modes. Each battery is connected with a
parallel bleeding switch.
Push Button
PB is always watched in HZ mode and discharge
mode. If the push but on PB is pressed for >40mS
in HZ mode, the LED (s) will turn on for 5 seconds.
In the mean time, discharge mode is enabled.
FUNCTIONAL DESCRIPTION
A: PRECONDITION STATE
B: FAST-CHARGE STATE
C: TOP-OFF STATE
D: END-OF-CHARGE STATE
Figure 1. Typical Li+ Charge Profile and ACT2804 Charge States


유사한 부품 번호 - ACT2804_17

제조업체부품명데이터시트상세설명
logo
Active-Semi, Inc
ACT2804 ACTIVE-SEMI-ACT2804_16 Datasheet
1Mb / 20P
   5V/3.4A Dual Cell Backup Battery Power Manager
Rev 2, Feb-04-2016
More results

유사한 설명 - ACT2804_17

제조업체부품명데이터시트상세설명
logo
Active-Semi, Inc
ACT2804 ACTIVE-SEMI-ACT2804 Datasheet
1Mb / 20P
   5V/3.4A Dual Cell Backup Battery Power Manager
Rev 2, Feb-04-2016
ACT2804 ACTIVE-SEMI-ACT2804_16 Datasheet
1Mb / 20P
   5V/3.4A Dual Cell Backup Battery Power Manager
Rev 2, Feb-04-2016
ACT2803 ACTIVE-SEMI-ACT2803 Datasheet
523Kb / 22P
   5V/2.4A Dual Cell Battery Power Manager
Rev 1, May-12-2016
ACT2803 ACTIVE-SEMI-ACT2803_16 Datasheet
523Kb / 22P
   5V/2.4A Dual Cell Battery Power Manager
Rev 1, May-12-2016
ACT2823 ACTIVE-SEMI-ACT2823 Datasheet
1Mb / 25P
   Dual Cell Li-Ion Battery Charger and Power Bank Manager
REV 1, 01-DEC-2016
ACT2823 ACTIVE-SEMI-ACT2823_16 Datasheet
1Mb / 25P
   Dual Cell Li-Ion Battery Charger and Power Bank Manager
REV 1, 01-DEC-2016
logo
Intersil Corporation
ISL94212 INTERSIL-ISL94212 Datasheet
151Kb / 2P
   Multi-Cell Li-Ion Battery Manager
ISL78610 INTERSIL-ISL78610 Datasheet
1Mb / 98P
   Multi-Cell Li-Ion Battery Manager
logo
Dallas Semiconductor
DS2441 DALLAS-DS2441 Datasheet
134Kb / 29P
   1-Cell Li-Ion Battery Manager
logo
Renesas Technology Corp
ISL78600 RENESAS-ISL78600 Datasheet
3Mb / 105P
   Multi-Cell Li-Ion Battery Manager
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com