전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ACT2861QI 데이터시트(PDF) 35 Page - Active-Semi, Inc

부품명 ACT2861QI
상세설명  30V Buck-Boost Charger with Integrated MOSFETs and OTG
Download  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ACTIVE-SEMI [Active-Semi, Inc]
홈페이지  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT2861QI 데이터시트(HTML) 35 Page - Active-Semi, Inc

Back Button ACT2861QI Datasheet HTML 31Page - Active-Semi, Inc ACT2861QI Datasheet HTML 32Page - Active-Semi, Inc ACT2861QI Datasheet HTML 33Page - Active-Semi, Inc ACT2861QI Datasheet HTML 34Page - Active-Semi, Inc ACT2861QI Datasheet HTML 35Page - Active-Semi, Inc ACT2861QI Datasheet HTML 36Page - Active-Semi, Inc ACT2861QI Datasheet HTML 37Page - Active-Semi, Inc ACT2861QI Datasheet HTML 38Page - Active-Semi, Inc ACT2861QI Datasheet HTML 39Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 91 page
background image
ACT2861QI
Rev 2.0, 27-Apr-2018
Innovative PowerTM
www.active-semi.com
ActiveSwitcherTM is a trademark of Active-Semi
Copyright © 2018 Active-Semi, Inc.
35
Battery Charging Profile
The IC follows the standard Li-Ion battery charge profile
with four charging phases: dead battery, precondition-
ing, constant current, and constant voltage. The battery
charge current is a function the battery voltage and the
IC’s hardware and register settings. Table 3 shows
these settings.
Table 3: Charging Current Setting
VBAT
Charging
Current
Current set by
< VBATDEAD
IDBATTERY
Fixed at 10mA
VBATDEAD ~
VBATSHORT
ISHORT
I2C Configurable: 1%, 2%,
4%, 8% of IOLIM current
VBATSHORT ~
VBATLOW
IPRECHG
I2C Configurable: 5% to
20% of IOLIM current
> VBATLOW
ICHG
I2C and Hardware
Configurable
> VTERM
0A
None
Voltage
VBATLOW
Battery Voltage
Charge Current
Trickle
Charge
Pre-
Charge
Fast Charge and Voltage Regulation
IPRECHARGE
ITERM
ISHRT
Dead
Battery
VDBATTERY
VTERM
IDBATTERY
IFASTCHARGE
Regulate VTERM after
charge complete
Current
Figure 10: Battery Charging Profile
Setting Charge Current
The battery charging current, ICHG, is set by a combina-
tion of a current sense resistor, an OLIM resistor, and a
scaling factor defined by I2C bits IFCHG[6:0] in register
0x18h. The maximum allowable charge current is 5A.
Figure 11 shows the hardware circuitry that sets IOLIM.
IOLIM is the maximum charge current set by hardware.
The actual battery charge current, ICHG, can be scaled
from 1% to 100% of IOLIM in 1% steps. The following
equation defines the final charge current.
I
I
∗IFCHG 6: 0
Where IOLIM is the hardware programmed charging cur-
rent and IFCHG[6:0] is the scaling factor. IFCHG[6:0] is
the decimal equivalent value in this register. For exam-
ple, if IOLIM, is programmed to 4A and IFCHG[6:0] =
1001011b (75% decimal), the final charge current = 4A
* 0.75 = 3A.
Note that IFCHG[6:0] is a 7 bit register and can be pro-
grammed between 0x00h and 0x7Fh (0% and 127%). If
a value of 0x00h is written to the register, the register
retains 0x00h, but the IC sets the charge current to 1%.
If a value above 0x64h (100%) is written to the register,
the IC retains the written value, but sets the charge cur-
rent to 100%.
To Battery
RCS_OUT
ROLIM
ROSRN
ROSRP
COSR
OSRN
OSRP
VBAT
OLIM
RCS_COMP
CCS_COMP
Figure 11: Charge Current Circuitry
The current sense resistor and OLIM resistor set the
IOLIM current.
1000
_
Where ROLIM is the resistor from the OLIM pin to AGND
in ohms and RCS_OUT is the current sense resistor value
in ohms. The term 1000V^2/A is a constant with the
units volts^2/Ampere.
The current sense resistor, RCS_OUT, value should be
chosen to give a maximum current sense voltage be-
tween 20mV and 50mV. 50mV is the absolute maximum
allowable voltage. Using lower voltages reduces the re-
sistor’s power dissipation, but decreases accuracy. At
lower charging currents, additional RC compensation
must be placed in parallel with ROLIM. Table 4 gives rec-
ommended resistor values for different values of IOLIM
current. Contact sales@active-semi.com for compensa-
tion information if other configurations are required.


유사한 부품 번호 - ACT2861QI

제조업체부품명데이터시트상세설명
logo
Active-Semi, Inc
ACT2801 ACTIVE-SEMI-ACT2801 Datasheet
614Kb / 23P
   5V/1.5A Backup Battery Pack Manager
Rev 2, 15-Apr-14
ACT2801 ACTIVE-SEMI-ACT2801 Datasheet
2Mb / 25P
   5V/1.5A Backup Battery Pack Manager
Rev 9, 14-Mar-17
ACT2801BQL-T1028 ACTIVE-SEMI-ACT2801BQL-T1028 Datasheet
679Kb / 25P
   5V/1.5A Backup Battery Pack Manager
Rev 8, 01-Nov-16
ACT2801BQL-T1028 ACTIVE-SEMI-ACT2801BQL-T1028 Datasheet
2Mb / 25P
   5V/1.5A Backup Battery Pack Manager
Rev 9, 14-Mar-17
ACT2801CQL-T ACTIVE-SEMI-ACT2801CQL-T Datasheet
614Kb / 23P
   5V/1.5A Backup Battery Pack Manager
Rev 2, 15-Apr-14
More results

유사한 설명 - ACT2861QI

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL9237 INTERSIL-ISL9237 Datasheet
864Kb / 40P
   Buck-Boost Narrow VDC Battery Charger with SMBus Interface and USB OTG
July 7, 2016
logo
Renesas Technology Corp
ISL9238 RENESAS-ISL9238 Datasheet
192Kb / 2P
   Buck-Boost Narrow VDC Battery Charger with SMBus Interface and USB OTG
Jul 19, 2019
ISL9238C RENESAS-ISL9238C Datasheet
82Kb / 2P
   Buck-Boost Narrow VDC Battery Charger with SMBus Interface and USB OTG
Aug 19, 2021
ISL9237 RENESAS-ISL9237 Datasheet
1Mb / 40P
   Buck-Boost Narrow VDC Battery Charger with SMBus Interface and USB OTG
logo
Intersil Corporation
ISL9238 INTERSIL-ISL9238 Datasheet
1Mb / 45P
   Buck-Boost Narrow VDC Battery Charger with SMBus Interface and USB OTG
November 9, 2016
logo
Renesas Technology Corp
ISL9238B RENESAS-ISL9238B Datasheet
213Kb / 3P
   Buck-Boost Narrow VDC Battery Charger with SMBus Interface and USB OTG
Jul 9, 2019
ISL9238A RENESAS-ISL9238A Datasheet
2Mb / 45P
   Buck-Boost Narrow VDC Battery Charger with SMBus Interface and USB OTG
Nov 30, 2017
logo
Active-Semi, Inc
ACT510X ACTIVE-SEMI-ACT510X Datasheet
578Kb / 37P
   23V Buck-Boost Converter with Integrated MOSFETs
Rev 1.0, 24-Apr-2018
logo
Linear Technology
LTC3558 LINER-LTC3558 Datasheet
406Kb / 32P
   Linear USB Battery Charger with Buck and Buck-Boost Regulators
LTC3558 LINER-LTC3558_15 Datasheet
404Kb / 32P
   Linear USB Battery Charger with Buck and Buck-Boost Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com