전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ACT8870QJ-T 데이터시트(PDF) 20 Page - Active-Semi, Inc

부품명 ACT8870QJ-T
상세설명  Advanced PMU for Microcontrollers and Solid State Drive Applications
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ACTIVE-SEMI [Active-Semi, Inc]
홈페이지  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8870QJ-T 데이터시트(HTML) 20 Page - Active-Semi, Inc

Back Button ACT8870QJ-T Datasheet HTML 16Page - Active-Semi, Inc ACT8870QJ-T Datasheet HTML 17Page - Active-Semi, Inc ACT8870QJ-T Datasheet HTML 18Page - Active-Semi, Inc ACT8870QJ-T Datasheet HTML 19Page - Active-Semi, Inc ACT8870QJ-T Datasheet HTML 20Page - Active-Semi, Inc ACT8870QJ-T Datasheet HTML 21Page - Active-Semi, Inc ACT8870QJ-T Datasheet HTML 22Page - Active-Semi, Inc ACT8870QJ-T Datasheet HTML 23Page - Active-Semi, Inc ACT8870QJ-T Datasheet HTML 24Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 43 page
background image
ACT8870QJ-T
Rev 3.0, 02-Oct-2017
Innovative PowerTM
www.active-semi.com
ActiveSwitcherTM is a trademark of Active-Semi.
Copyright © 2016-2017 Active-Semi, Inc.
I2CTM is a trademark of NXP
20
I2C INTERFACE ELECTRICAL CHARACTERISTICS
(VIO_IN = 1.8V, TA = 25°C, unless otherwise specified.)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SCL, SDA Input Low
VIO_IN = 1.8V
0.4
V
SCL, SDA Input High
VIO_IN = 1.8V
1.25
V
SCL, SDA Input Low
VIO_IN = 3.3V
1.0
V
SCL, SDA Input High
VIO_IN = 3.3V
2.3
V
SDA Leakage Current
SDA=5V
1
µA
SDA Output Low
IOL = 5mA
0.35
V
SCL Clock Frequency, fSCL
0
1000
kHz
SCL Low Period, tLOW
0.5
µs
SCL High Period, tHIGH
0.26
µs
SDA Data Setup Time, tSU
50
ns
SDA Data Hold Time, tHD
(Note1)
0
ns
Start Setup Time, tST
For Start Condition
260
ns
Stop Setup Time, tSP
For Stop Condition
260
ns
Capacitance on SCL or SDA Pin
10
pF
SDA Fall Time SDA, Tof
Device requirement
120
ns
Pulse Width of spikes must be suppressed
on SCL and SDA
0
50
ns
Note1: Comply to I2C timings for 1MHz operation - “Fast Mode Plus”.
Note2: No internal timeout for I2C operations, however, I2C communication state machine will be reset when entering RESET, IDLE, OVUVFLT, and
THERMAL states to clear any transactions that may have been occurring when entering the above states.
Note3: This is an I2C system specification only. Rise and fall time of SCL & SDA not controlled by the device.
Note4: Device Address is 7’h5A
Figure 2: I2C Data Transfer
SDA
SCL
tST
tSU
tHD
tSP
tSCL
Start
condition
Stop
condition


유사한 부품 번호 - ACT8870QJ-T

제조업체부품명데이터시트상세설명
logo
Active-Semi, Inc
ACT8870QJ101-T ACTIVE-SEMI-ACT8870QJ101-T Datasheet
3Mb / 38P
   Advanced PMU for Microcontrollers and Solid State Drive Applications
REV 0 23-DEC-2016
More results

유사한 설명 - ACT8870QJ-T

제조업체부품명데이터시트상세설명
logo
Active-Semi, Inc
ACT88430QJ-T ACTIVE-SEMI-ACT88430QJ-T Datasheet
1Mb / 42P
   Advanced PMU for Microcontrollers and Solid State Drive Applications
Rev 1.0, 24-Oct-2018
ACT8870 ACTIVE-SEMI-ACT8870 Datasheet
3Mb / 38P
   Advanced PMU for Microcontrollers and Solid State Drive Applications
REV 0 23-DEC-2016
logo
Texas Instruments
TPS65835 TI1-TPS65835_16 Datasheet
2Mb / 67P
[Old version datasheet]   Advanced PMU
logo
Active-Semi, Inc
ACT8933 ACTIVE-SEMI-ACT8933 Datasheet
102Kb / 2P
   Advanced PMU for CoreLogic LUCY
04-Nov-10
ACT8896 ACTIVE-SEMI-ACT8896 Datasheet
88Kb / 2P
   Advanced PMU for Samsung S3C6410
29-Nov-10
ACT8933 ACTIVE-SEMI-ACT8933_14 Datasheet
723Kb / 44P
   Advanced PMU for CoreLogic LUCY
Rev 3, 15-Nov-12
ACT8935 ACTIVE-SEMI-ACT8935_10 Datasheet
98Kb / 2P
   Advanced PMU for SiRF Prima and Atlas IV
05-Nov-10
ACT8935 ACTIVE-SEMI-ACT8935_14 Datasheet
710Kb / 46P
   Advanced PMU for SiRF PrimaTM and Atlas IVTM
Rev 4, 17-Sep-13
ACT8895 ACTIVE-SEMI-ACT8895 Datasheet
114Kb / 2P
   Advanced PMU for SiRF Prima and Atlas IV
29-Nov-10
ACT8895 ACTIVE-SEMI-ACT8895_14 Datasheet
119Kb / 3P
   Advanced PMU for SiRF PrimaTM and Atlas IVTM
16-Aug-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com