전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ACT8892 데이터시트(PDF) 18 Page - Active-Semi, Inc

부품명 ACT8892
상세설명  Advanced Power Management Unit
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ACTIVE-SEMI [Active-Semi, Inc]
홈페이지  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8892 데이터시트(HTML) 18 Page - Active-Semi, Inc

Back Button ACT8892_17 Datasheet HTML 14Page - Active-Semi, Inc ACT8892_17 Datasheet HTML 15Page - Active-Semi, Inc ACT8892_17 Datasheet HTML 16Page - Active-Semi, Inc ACT8892_17 Datasheet HTML 17Page - Active-Semi, Inc ACT8892_17 Datasheet HTML 18Page - Active-Semi, Inc ACT8892_17 Datasheet HTML 19Page - Active-Semi, Inc ACT8892_17 Datasheet HTML 20Page - Active-Semi, Inc ACT8892_17 Datasheet HTML 21Page - Active-Semi, Inc ACT8892_17 Datasheet HTML 22Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
ACT8892
Rev 2, 01-Jul-15
Innovative PowerTM
- 18 -
www.active-semi.com
Copyright © 2015-2017 Active-Semi, Inc.
ActivePMUTM is a trademark of Active-Semi.
I2CTM is a trademark of NXP.
Push-Button Response (First Power-Up)
(TA = 25°C, unless otherwise specified.)
TYPICAL PERFORMANCE CHARACTERISTICS CONT’D
CH1
CH2
CH3
Manual Reset Response
CH1
CH2
CH3
CH1: VnPBIN, 2V/div
CH2: VnHIB, 2V/div
CH3: VnPBSTAT, 2V/div
CH4: VnRSTO, 2V/div
TIME: 20ms/div
nPBIN Resistor = 50kΩ
CH1: VnPBIN, 2V/div
CH2: VnPBSTAT, 2V/div
CH3:VnRSTO , 2V/div
TIME: 30ms/div
nPBIN Resistor = 0Ω
CH4
REG1 Efficiency vs. Output Current
100
80
60
40
20
0
Output Current (mA)
1
10
100
1000
VOUT = 1.8V
VIN = 3.6V
VIN = 4.2V
VIN = 5.0V
REG2 Efficiency vs. Output Current
Output Current (mA)
1
10
100
1000
100
80
60
40
20
0
VOUT = 3.3V
VIN = 3.6V
VIN = 4.2V
VIN = 5.0V
REG3 Efficiency vs. Output Current
100
80
60
40
20
0
Output Current (mA)
1
10
100
1000
VOUT = 1.3V V
IN = 3.6V
VIN=5.0V
VIN = 4.2V


유사한 부품 번호 - ACT8892_17

제조업체부품명데이터시트상세설명
logo
Active-Semi, Inc
ACT8892 ACTIVE-SEMI-ACT8892 Datasheet
88Kb / 2P
   Advanced Power Management Unit
05-Dec-12
More results

유사한 설명 - ACT8892_17

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPS658623 TI-TPS658623 Datasheet
363Kb / 8P
[Old version datasheet]   Advanced Power Management Unit
TPS658622A TI-TPS658622A Datasheet
291Kb / 7P
[Old version datasheet]   Advanced Power Management Unit
TPS658623 TI-TPS658623 Datasheet
363Kb / 8P
[Old version datasheet]   Advanced Power Management Unit
TPS658621A TI-TPS658621A_1 Datasheet
3Mb / 107P
[Old version datasheet]   Advanced Power Management Unit
TPS658629-Q1 TI1-TPS658629-Q1 Datasheet
849Kb / 9P
[Old version datasheet]   Advanced Power Management Unit
TPS658620 TI-TPS658620 Datasheet
4Mb / 104P
[Old version datasheet]   Advanced Power Management Unit
TPS658622B TI-TPS658622B Datasheet
287Kb / 7P
[Old version datasheet]   Advanced Power Management Unit
TPS658643 TI-TPS658643_V01 Datasheet
804Kb / 9P
[Old version datasheet]   Advanced Power Management Unit
TPS658621A TI-TPS658621A Datasheet
3Mb / 105P
[Old version datasheet]   Advanced Power Management Unit
TPS658621C TI-TPS658621C Datasheet
368Kb / 8P
[Old version datasheet]   Advanced Power Management Unit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com