전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PAC5255 데이터시트(PDF) 23 Page - Active-Semi, Inc

부품명 PAC5255
상세설명  Power Application Controller
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ACTIVE-SEMI [Active-Semi, Inc]
홈페이지  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

PAC5255 데이터시트(HTML) 23 Page - Active-Semi, Inc

Back Button PAC5255_18 Datasheet HTML 19Page - Active-Semi, Inc PAC5255_18 Datasheet HTML 20Page - Active-Semi, Inc PAC5255_18 Datasheet HTML 21Page - Active-Semi, Inc PAC5255_18 Datasheet HTML 22Page - Active-Semi, Inc PAC5255_18 Datasheet HTML 23Page - Active-Semi, Inc PAC5255_18 Datasheet HTML 24Page - Active-Semi, Inc PAC5255_18 Datasheet HTML 25Page - Active-Semi, Inc PAC5255_18 Datasheet HTML 26Page - Active-Semi, Inc PAC5255_18 Datasheet HTML 27Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 74 page
background image
PAC5255
Power Application Controller
The MMSS detects and selects between high-side and low-side mode during start up based on the placement of the current
sense resistor and the CSM pin voltage. It employs a safe start up mode with 9.5kHz switching frequency until VP exceeds
4.3V under-voltage-lockout threshold, then transitions to the 45kHz default switching frequency for at least 6ms to bring VP
close to the target voltage, before enabling the linear regulators. Any extra load should only be applied after the supplies are
available and the microprocessor has initialized. The switching frequency can be reconfigured by the microprocessor to be
181kHz to 500kHz in the high switching frequency mode for battery-based applications, and to be 45kHz to 125kHz in the
low switching frequency mode for AC applications. Upon initialization, the microcontroller must reconfigure the MMSS to
the desired settings for VP regulation voltage, switching mode, switching frequency, and VHM clamp. Refer to the PAC
application notes and user guide for MMSS controller design and programming.
If a stable external 4.5V to 18V power source is available, it can power the VP main supply and all the linear regulators
directly without requiring the MMSS controller to operate. In such applications, VHM can be connected directly to VP and
the microcontroller should disable the MMSS upon initialization to reduce power loss.
10.3.2. Linear Regulators
The MMPM includes up to four linear regulators. The system supply regulator is a medium voltage regulator that takes the
VP supply and sources up to 200mA at REGO until VSYS, externally coupled to REGO, reaches 5V. This allows a properly
rated external resistor to be connected from REGO to VSYS to close the current loop and offload power dissipation between
VP and VSYS. Once VSYS is above 4V, the three additional 40mA linear regulators for VCCIO, VCC33, and VCC18 supplies
sequentially power up. Figure 10-5 shows typical circuit connections for the linear regulators. For 5V I/O systems, short the
VCCIO pin to VSYS to bypass the VCCIO regulator. For 3.3V I/O systems, the VCCIO regulator generates 3.3V. The VCC33 and
VCC18 regulators generate 3.3V and 1.8V, respectively. When VSYS, VCCIO, VCC33, and VCC18 are all above their respective
power good threshold, and the configurable power on reset duration has expired, the microcontroller is initialized.
- 23 -
Rev 1.10‒March 3, 2018
Figure 10-4. AC/DC Flyback Mode
PAC5255
VHM
DRM
CSM
VP
V
P
(12V default)
V
AC
(120V/230V)


유사한 부품 번호 - PAC5255_18

제조업체부품명데이터시트상세설명
logo
Active-Semi, Inc
PAC5255QF ACTIVE-SEMI-PAC5255QF Datasheet
746Kb / 71P
   Power Application Controller
Rev 1.1-April 15, 2016
More results

유사한 설명 - PAC5255_18

제조업체부품명데이터시트상세설명
logo
Active-Semi, Inc
PAC5250_17 ACTIVE-SEMI-PAC5250_17_06 Datasheet
808Kb / 74P
   Power Application Controller
Rev 1.14-June 15, 2017
PAC5220 ACTIVE-SEMI-PAC5220_17 Datasheet
841Kb / 69P
   Power Application Controller
Rev 1.5-April 17, 2016
PAC5250 ACTIVE-SEMI-PAC5250 Datasheet
769Kb / 70P
   Power Application Controller
Rev 1.6-January 28, 2016
PAC5223 ACTIVE-SEMI-PAC5223 Datasheet
832Kb / 67P
   Power Application Controller
Rev 1.10 -January 28, 2016
PAC5210 ACTIVE-SEMI-PAC5210_16 Datasheet
728Kb / 66P
   Power Application Controller
Rev 1.6-April 15, 2016
PAC5250 ACTIVE-SEMI-PAC5250_17 Datasheet
739Kb / 70P
   Power Application Controller
Rev 1.7-April 15, 2016
PAC5253 ACTIVE-SEMI-PAC5253_17 Datasheet
799Kb / 71P
   Power Application Controller
Rev 1.18-December 29, 2016
PAC5232 ACTIVE-SEMI-PAC5232 Datasheet
1Mb / 66P
   Power Application Controller
Rev 1.1 6-Jan-2018
PAC5523 ACTIVE-SEMI-PAC5523 Datasheet
1Mb / 89P
   Power Application Controller
Rev 1.1 - May 30, 2018
PAC5220 ACTIVE-SEMI-PAC5220 Datasheet
1Mb / 73P
   Power Application Controller
Rev 1.0-February 25, 2014
PAC5253 ACTIVE-SEMI-PAC5253 Datasheet
762Kb / 68P
   Power Application Controller
Rev 1.10-January 28, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com