전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MP2228 데이터시트(PDF) 14 Page - Monolithic Power Systems

부품명 MP2228
상세설명  High-Efficiency, 2A, 16V, 800kHz Synchronous, Step-Down Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MPS [Monolithic Power Systems]
홈페이지  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2228 데이터시트(HTML) 14 Page - Monolithic Power Systems

Back Button MP2228 Datasheet HTML 8Page - Monolithic Power Systems MP2228 Datasheet HTML 9Page - Monolithic Power Systems MP2228 Datasheet HTML 10Page - Monolithic Power Systems MP2228 Datasheet HTML 11Page - Monolithic Power Systems MP2228 Datasheet HTML 12Page - Monolithic Power Systems MP2228 Datasheet HTML 13Page - Monolithic Power Systems MP2228 Datasheet HTML 14Page - Monolithic Power Systems MP2228 Datasheet HTML 15Page - Monolithic Power Systems MP2228 Datasheet HTML 16Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
MP2228 – SYNCHRONOUS STEP-DOWN CONVERTER
MP2228 Rev. 1.1
www.MonolithicPower.com
14
8/20/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
TYPICAL APPLICATION CIRCUITS
MP2228
SS
191
1V/2A
20.5
84.5
49.9
2.2
Figure 7: 12VIN, 1V/2A Output
MP2228
SS
178
1.2V/2A
30.1
61.9
33
2.2
Figure 8: 12VIN, 1.2V/2A Output
MP2228
SS
160
1.8V/2A
40.2
32.4
15
3.3
Figure 9: 12VIN, 1.8V/2A Output


유사한 부품 번호 - MP2228

제조업체부품명데이터시트상세설명
logo
Monolithic Power System...
MP2228DJ MPS-MP2228DJ Datasheet
253Kb / 5P
   High-Efficiency, 2A, 16V, 800kHz Sync. Step-Down Switch Evaluation Board
More results

유사한 설명 - MP2228

제조업체부품명데이터시트상세설명
logo
Monolithic Power System...
MP2234S MPS-MP2234S Datasheet
722Kb / 19P
   High-Efficiency, 2A, 16V, 800kHz Synchronous, Step-Down Converter
MP2234 MPS-MP2234 Datasheet
1Mb / 21P
   High-Efficiency, 2A, 16V, 800kHz Synchronous, Step-Down Converter
MP2235 MPS-MP2235 Datasheet
1Mb / 21P
   High-Efficiency, 3A, 16V, 800kHz Synchronous, Step-Down Converter
MP2240 MPS-MP2240 Datasheet
567Kb / 16P
   High-Efficiency, 3A, 16V, 800kHz Synchronous, Step-Down Converter
MP1494 MPS-MP1494 Datasheet
402Kb / 15P
   High-Efficiency, 2A, 16V, 500kHz Synchronous, Step-Down Converter
MP1496S MPS-MP1496S Datasheet
584Kb / 15P
   High-Efficiency, 2A, 16V, 500kHz Synchronous, Step-Down Converter
MP1496 MPS-MP1496 Datasheet
585Kb / 15P
   High-Efficiency, 2A, 16V, 500kHz Synchronous, Step-Down Converter
MP1498 MPS-MP1498 Datasheet
628Kb / 18P
   High-Efficiency, 2A, 16V, 1.4MHz Synchronous, Step-Down Converter
MP1470B MPS-MP1470B Datasheet
418Kb / 18P
   High Efficiency, 2A, 16V, 500kHz Synchronous, Step-Down Converter
MP1494S MPS-MP1494S Datasheet
1Mb / 17P
   High Efficiency 2A, 16V, 500kHz Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com