전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ACT8946AQJ203-T 데이터시트(PDF) 32 Page - Active-Semi, Inc

부품명 ACT8946AQJ203-T
상세설명  Advanced PMU for Hisilicon Processors
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ACTIVE-SEMI [Active-Semi, Inc]
홈페이지  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8946AQJ203-T 데이터시트(HTML) 32 Page - Active-Semi, Inc

Back Button ACT8946AQJ203-T Datasheet HTML 28Page - Active-Semi, Inc ACT8946AQJ203-T Datasheet HTML 29Page - Active-Semi, Inc ACT8946AQJ203-T Datasheet HTML 30Page - Active-Semi, Inc ACT8946AQJ203-T Datasheet HTML 31Page - Active-Semi, Inc ACT8946AQJ203-T Datasheet HTML 32Page - Active-Semi, Inc ACT8946AQJ203-T Datasheet HTML 33Page - Active-Semi, Inc ACT8946AQJ203-T Datasheet HTML 34Page - Active-Semi, Inc ACT8946AQJ203-T Datasheet HTML 35Page - Active-Semi, Inc ACT8946AQJ203-T Datasheet HTML 36Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 37 page
background image
ACT8946AQJ203-T
Rev 1.0, 08-Jul-16
ActivePMU and ActivePath are trademarks of Active-Semi.
-
32 -
www.active-semi.com
Copyright © 2016 Active-Semi, Inc.
the Precondition Timer expires. Set the TIMRTOT[ ]
bit to 1 and TIMRSTAT[ ] bit to 1 to generate an
interrupt when the Total-Charge Timer expires.
TIMRDAT[ ] indicates the status of the charge
timers. A value of 1 indicates a precondition time-
out or a total charge time-out occurs, a value of 0
indicates other cases.
When an interrupt is generated by the charge
timers, reading the TIMRSTAT[ ] returns a value of
1. TIMRSTAT[ ] is automatically cleared to 0 upon
reading. When no interrupt is generated by the
charge timers, reading the TIMRSTAT[ ] returns a
value of 0.
Table 8: PRECONDITION Safety Timer Setting
Table 9: Total Safety Timer Setting
Charge Status Indicator
The charger provides a charge-status indicator
output, nSTAT. nSTAT is an open-drain output
which sinks current when the charger is in an
active-charging state, and is high-Z otherwise.
nSTAT features an internal 8mA current limit, and is
capable of directly driving a LED without the need
of a current-limiting resistor or other external
circuitry. To drive an LED, simply connect the LED
between nSTAT pin and an appropriate supply,
such as VSYS. For a logic-level charge status
indication, simply connect a resistor from nSTAT to
an appropriate voltage supply.
Table 10: Charging Status Indication
Reverse-Current Protection
The charger includes internal reverse-current
protection circuitry that eliminates the need for
blocking diodes, reducing solution size and cost as
well as dropout voltage relative to conventional
battery chargers. When the voltage at CHGIN falls
below VBAT, the charger automatically reconfigures
its power switch to minimize current drawn from the
battery.
Battery Temperature Monitoring
In a typical application, the TH pin is connected to
the battery pack's thermistor input, as shown in
Figure 3. The charger continuously monitors the
temperature of the battery pack by injecting a
102μA (typ) current into the thermistor (via the TH
pin) and sensing the voltage at TH. The voltage at
TH is continuously monitored, and charging is
suspended if the voltage at TH exceeds either of
the internal VTHH and VTHL thresholds of 0.5V and
2.51V, respectively.
Figure 3: Simple Configuration
The net resistance (from TH to GA) required to
cross the thresholds are given by:
102μA × RNOM × kHOT = 0.5V → RNOM × kHOT
≈ 5kΩ
102μA × RNOM × kCOLD = 2.51V → RNOM ×
kCOLD ≈ 25kΩ
where RNOM is the nominal thermistor resistance
at room temperature, and kHOT and kCOLD
represent the ratios of the thermistor's resistance at
the desired hot and cold thresholds, respectively, to
the resistance at 25°C.
Battery Temperature Interrupts
In order to ease detecting the status of the battery
temperature, the charger features the ability to
generate interrupts based upon the status of the
battery temperature. Set the TEMPOUT[ ] bit to 1
and TEMPSTAT[ ] bit to 1 to generate an interrupt
when battery temperature goes out of the valid
temperature range. Set the TEMPIN[ ] bit to 1 and
TEMPSTAT[ ] bit to 1 to generate an interrupt when
battery temperature returns to the valid range.
TEMPDAT[ ] indicates the status of the battery
temperature. A value of
1 indicates the battery
PRETIMO[1]
PRETIMO[0]
PRECONDITION
TIME-OUT PERIOD
0
0
40 mins
0
1
60 mins
1
0
80 mins
1
1
Disabled
TOTTIMO[1]
TOTTIMO[0]
TOTAL TIME-OUT
PERIOD
0
0
3 hrs
0
1
4 hrs
1
0
5 hrs
1
1
Disabled
STATE
nSTAT
PRECONDITION
Active
FAST-CHARGE
Active
TOP-OFF
Active
END-OF-CHARGE
High-Z
SUSPEND
High-Z
TEMPERATURE FAULT
High-Z
TIME-OUT-FAULT
High-Z
+
+
TH
VTHH
VTHL
102µA
Li
+ Battery
Pack
+
NTC
ACT8946A


유사한 부품 번호 - ACT8946AQJ203-T

제조업체부품명데이터시트상세설명
logo
Active-Semi, Inc
ACT8946AQJ203-T ACTIVE-SEMI-ACT8946AQJ203-T Datasheet
1Mb / 37P
   Advanced PMU for Hisilicon Processors
Rev 1.0, 08-Jul-16
More results

유사한 설명 - ACT8946AQJ203-T

제조업체부품명데이터시트상세설명
logo
Active-Semi, Inc
ACT8946A ACTIVE-SEMI-ACT8946A Datasheet
1Mb / 37P
   Advanced PMU for Hisilicon Processors
Rev 1.0, 08-Jul-16
ACT8847 ACTIVE-SEMI-ACT8847 Datasheet
83Kb / 2P
   Advanced PMU for Multi-core Application Processors
05-Dec-12
ACT8847 ACTIVE-SEMI-ACT8847_14 Datasheet
763Kb / 38P
   Advanced PMU for Multi-core Application Processors
Rev 5, 15-Nov-12
ACT8846 ACTIVE-SEMI-ACT8846 Datasheet
81Kb / 2P
   Advanced PMU for Multi-core Application Processors
22-Oct-12
ACT8846 ACTIVE-SEMI-ACT8846_16 Datasheet
977Kb / 40P
   Advanced PMU for Multi-core Application Processors
Rev 4, 25-May-16
ACT8847 ACTIVE-SEMI-ACT8847_17 Datasheet
2Mb / 39P
   Advanced PMU for Multi-core Application Processors
REV 8, 17-JAN-2017
ACT8846 ACTIVE-SEMI-ACT8846_17 Datasheet
1Mb / 44P
   Advanced PMU for Multi-core Application Processors
Rev 7.0, 06-Dec-2017
ACT8846 ACTIVE-SEMI-ACT8846_14 Datasheet
674Kb / 40P
   Advanced PMU for Multi-core Application Processors
Rev 1, 15-May-13
ACT8848 ACTIVE-SEMI-ACT8848_14 Datasheet
599Kb / 37P
   Advanced PMU for Multi-core Application Processors
Rev 2, 15-Nov-12
ACT8840 ACTIVE-SEMI-ACT8840_15 Datasheet
724Kb / 38P
   Advanced PMU for Single-core Application Processors
Rev 2, 29-Jan-15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com