전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SFH314 데이터시트(PDF) 2 Page - OSRAM GmbH

부품명 SFH314
상세설명  Silicon NPN Phototransistor Version 1.3
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OSRAM [OSRAM GmbH]
홈페이지  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH314 데이터시트(HTML) 2 Page - OSRAM GmbH

  SFH314 Datasheet HTML 1Page - OSRAM GmbH SFH314 Datasheet HTML 2Page - OSRAM GmbH SFH314 Datasheet HTML 3Page - OSRAM GmbH SFH314 Datasheet HTML 4Page - OSRAM GmbH SFH314 Datasheet HTML 5Page - OSRAM GmbH SFH314 Datasheet HTML 6Page - OSRAM GmbH SFH314 Datasheet HTML 7Page - OSRAM GmbH SFH314 Datasheet HTML 8Page - OSRAM GmbH SFH314 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2016-01-04
2
Version 1.3
SFH 314
Maximum Ratings (TA = 25 °C)
Characteristics (TA = 25 °C)
Parameter
Symbol
Values
Unit
Operating and storage temperature range
T
op; Tstg
-40 ... 100
°C
Collector-emitter voltage
V
CE
70
V
Collector current
I
C
50
mA
Collector surge current
(τ < 10 µs)
I
CS
100
mA
Emitter-collector voltage
VEC
7
V
Total Power dissipation
Ptot
200
mW
Thermal resistance
RthJA
375
K / W
ESD withstand voltage
(acc. to ANSI/ ESDA/ JEDEC JS-001 - HBM)
VESD
2000
V
Parameter
Symbol
Values
Unit
Wavelength of max. sensitivity
(typ)
λ
S max
850
nm
Spectral range of sensitivity
(typ)
λ
10%
(typ) 460
... 1080
nm
Radiant sensitive area
(typ)
A
0.55
mm
2
Dimensions of chip area
(typ)
L x W
(typ) 1 x 1 mm x
mm
Half angle
(typ)
ϕ
± 40
°
Capacitance
(V
CE = 5 V, f = 1 MHz, E = 0)
(typ)
CCE
10
pF
Dark current
(V
CE = 10 V, E = 0)
(typ (max)) I
CE0
3 (≤ 200)
nA
Rise and fall time
(IC = 1 mA, VCC = 5 V, RL = 1 kΩ)
(typ)
t
r, tf
11
µs


유사한 부품 번호 - SFH314

제조업체부품명데이터시트상세설명
logo
Siemens Semiconductor G...
SFH314 SIEMENS-SFH314 Datasheet
45Kb / 5P
   .Neu: NPN-Silizium-Fototransistor New: Silicon NPN Phototransistor
SFH314-2 SIEMENS-SFH314-2 Datasheet
45Kb / 5P
   .Neu: NPN-Silizium-Fototransistor New: Silicon NPN Phototransistor
SFH314-3 SIEMENS-SFH314-3 Datasheet
45Kb / 5P
   .Neu: NPN-Silizium-Fototransistor New: Silicon NPN Phototransistor
SFH314FA SIEMENS-SFH314FA Datasheet
45Kb / 5P
   .Neu: NPN-Silizium-Fototransistor New: Silicon NPN Phototransistor
logo
OSRAM GmbH
SFH314FA OSRAM-SFH314FA Datasheet
219Kb / 10P
   Silicon NPN Phototransistor Version 1.3
More results

유사한 설명 - SFH314

제조업체부품명데이터시트상세설명
logo
OSRAM GmbH
SFH314FA OSRAM-SFH314FA Datasheet
219Kb / 10P
   Silicon NPN Phototransistor Version 1.3
LPT80A OSRAM-LPT80A Datasheet
204Kb / 9P
   Silicon NPN Phototransistor Version 1.3
BPX-43 OSRAM-BPX-43 Datasheet
574Kb / 10P
   Silicon NPN Phototransistor Version 1.3
SFH310FA OSRAM-SFH310FA Datasheet
273Kb / 10P
   Silicon NPN Phototransistor Version 1.3
BPX-38 OSRAM-BPX-38 Datasheet
389Kb / 10P
   Silicon NPN Phototransistor Version 1.3
BPY-62 OSRAM-BPY-62 Datasheet
518Kb / 10P
   Silicon NPN Phototransistor Version 1.3
BPX-85 OSRAM-BPX-85 Datasheet
331Kb / 11P
   Silicon NPN Phototransistor Arrays Version 1.3
SFH3410R OSRAM-SFH3410R Datasheet
598Kb / 12P
   Silicon NPN Phototransistor with V貫 Characteristics Version 1.3
SFH3716 OSRAM-SFH3716 Datasheet
374Kb / 12P
   Silicon NPN Phototransistor with V貫 Characteristics Version 1.3
SFH325FA OSRAM-SFH325FA Datasheet
396Kb / 14P
   Silicon NPN Phototransistor in SMT SIDELED짰-Package Version 1.3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com