전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STPS40L15CW 데이터시트(PDF) 5 Page - International Rectifier

부품명 STPS40L15CW
상세설명  The STPS40L15CW center tap Schottky rectifier module has been optimized for ultra low forward voltage drop specifically for the OR-ing of parallel power supplies.
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

STPS40L15CW 데이터시트(HTML) 5 Page - International Rectifier

  STPS40L15CW Datasheet HTML 1Page - International Rectifier STPS40L15CW Datasheet HTML 2Page - International Rectifier STPS40L15CW Datasheet HTML 3Page - International Rectifier STPS40L15CW Datasheet HTML 4Page - International Rectifier STPS40L15CW Datasheet HTML 5Page - International Rectifier STPS40L15CW Datasheet HTML 6Page - International Rectifier STPS40L15CW Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
STPS40L15CW
Bulletin PD-20622 rev. B 10/06
Conform to JEDEC outline TO-247AC (TO-3P)
Dimensions in millimeters and (inches)
Outline Table
Marking Information
LOT CODE
ASSEMBLY
INTERNATIONAL
RECTIFIER
LOGO
EXAMPLE: THIS IS A STPS40L15CW
ASSEMBLED ON WW 35, 2000
IN ASSEMBLY LINE "H"
WITH ASSEMBLY
LOT CODE 5657
YEAR 0 = 2000
PART NUMBER
WEEK 35
LINE H
STPS40L15CW
035H
56
57
DATE CODE
Document Number: 93480
www.vishay.com
5


유사한 부품 번호 - STPS40L15CW

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STPS40L15CW STMICROELECTRONICS-STPS40L15CW Datasheet
84Kb / 5P
   LOW DROP OR-ing POWER SCHOTTKY DIODE
logo
Vishay Siliconix
STPS40L15CW VISHAY-STPS40L15CW Datasheet
110Kb / 6P
   Schottky Rectifier, 2 x 20 A
Revision: 21-Aug-08
STPS40L15CW VISHAY-STPS40L15CW Datasheet
113Kb / 6P
   Schottky Rectifier, 2 x 20 A
Revision: 14-Aug-08
logo
STMicroelectronics
STPS40L15CW STMICROELECTRONICS-STPS40L15CW Datasheet
83Kb / 5P
   LOW DROP OR-ing POWER SCHOTTKY DIODE
STPS40L15CW STMICROELECTRONICS-STPS40L15CW Datasheet
112Kb / 8P
   Low drop OR-ing power Schottky diode
July 2011 Rev 6
More results

유사한 설명 - STPS40L15CW

제조업체부품명데이터시트상세설명
logo
International Rectifier
STPS40L40CW IRF-STPS40L40CW Datasheet
257Kb / 7P
   The STPS40L40CW center tap Schottky rectifier has been optimized for very low forward voltage drop, with moderate leakage.
STPS30L60CW IRF-STPS30L60CW Datasheet
221Kb / 7P
   The STPS30L60CW center tap Schottky rectifier has been optimized for very low forward voltage drop, with moderate leakage.
logo
Kersemi Electronic Co.,...
MBR3045CTP KERSEMI-MBR3045CTP Datasheet
1Mb / 5P
   This center tap Schottky rectifier has been optimized for low
logo
International Rectifier
12CWQ10G IRF-12CWQ10G Datasheet
162Kb / 7P
   The 12CWQ10G surface mount, center tap, Schottky rectifier series has been designed for applications requiring low for forward
203CNQ IRF-203CNQ Datasheet
172Kb / 5P
   The 203CNQ... (R) center tap Schottky rectifier module series has been optimized for low reverse leakage at high temperature.
163CNQ IRF-163CNQ Datasheet
126Kb / 6P
   The 163CNQ isolated center tap Schottky rectifier module series has been optimized for low reverse leakage at high temperature.
163CMQ IRF-163CMQ Datasheet
105Kb / 5P
   The 163CMQ isolated center tap Schottky rectifier module series has been optimized for low reverse leakage at high temperature.
163CNQ100 IRF-163CNQ100 Datasheet
120Kb / 6P
   The 163CNQ isolated center tap Schottky rectifier module series has been optimized for low reverse leakage at high temperature
400DMQ IRF-400DMQ Datasheet
71Kb / 5P
   The 400DMQ high current, Schottky rectifier doubler module series has been optimized for very low forward voltage drop, with moderate leakage.
logo
Kersemi Electronic Co.,...
MBR4045CT KERSEMI-MBR4045CT Datasheet
2Mb / 5P
   This center tap Schottky rectifier has been optimized for low reverse leakage at high temperature.
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com