전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

ADLQM87HD 데이터시트(PDF) 2 Page - ADL Embedded Solutions

부품명 ADLQM87HD
부품 상세설명  Radar and sonar processing
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ADL [ADL Embedded Solutions]
홈페이지  http://www.adl-usa.com
Logo ADL - ADL Embedded Solutions

ADLQM87HD 데이터시트(HTML) 2 Page - ADL Embedded Solutions

  ADLQM87HD_18 Datasheet HTML 1Page - ADL Embedded Solutions ADLQM87HD_18 Datasheet HTML 2Page - ADL Embedded Solutions ADLQM87HD_18 Datasheet HTML 3Page - ADL Embedded Solutions ADLQM87HD_18 Datasheet HTML 4Page - ADL Embedded Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ADLQM87HD 3.5" SBC
4th Generation Intel® Core™ Quad / DC i5 / i7
ADL Corporate: 4411 Morena Blvd. Suite 101 | San Diego, CA 92117-4345
T: 858.490.0597
F: 858.490.0599
sales@adl-usa.com
www.adl-usa.com
ADL Germany: Eiserfelder Straße 316 | D-57080 Siegen, Germany
T: +49 (0) 271.250.810.0
F: +49 (0) 271.250.810.20
sales@adl-europe.com
www.adl-europe.com
TECHNICAL SPECIFICATIONS - ADLQM87HD
FEATURE
FUNCTION
REMARKS
OPTIONS
CPU
CPU Class
4th Generation Intel Core i5 / i7
See ordering guide on page 4
CPU Option / Performance (GHz) / L3 Cache
See ordering guide on page 4
Max. No. of Cores
4
See ordering guide on page 4
Soldered (or Socket Name)
BGA1364
Chipset
North Bridge (GMCH)
Intel QM87 PCH
South Bridge (ICH)
Intel QM87 PCH
Super IO1
SMSC SCH3114
Hardware monitoring
Memory
Type
SODIMM204-1.35V / DDR3L
DDR3L 1333/1600 MHz
Size max (MB)
16GB
8GB x 2 (Dual Channel)
Graphic
Controller
CPU integrated
Memory max. up to 512MB DVMT
CRT
Yes
2048 x 1536 max. res.
CRT or DVI-I is cabling
option
DVI / HDMI / DisplayPort
DVI x2 /HDMI
Max res all digital video - 1920 x
1200
HDMI or DVI-D is cabling
option
LCD LVDS 18/24/36/48
--
--
--
BIOS
Power Management APM/ACPI
APM/ACPI
Power States : S0/S1/S4/S5
Hardware Monitoring
ADL-SST API
BIOS Setup
Audio
Controller and Codec
Intel QM87 / Codec ALC889 (HDA)
2/6/8 channel support
LAN
LAN1 Controller
Intel QM87 / i218 Phy
10/100/1000 Mbit, RPL/PXE/WOL
support
Jumbo Framing supported
LAN2 Controller
Intel i210 (MAC/Phy)
10/100/1000 Mbit, RPL/PXE/WOL
support
Jumbo Framing supported
Buses
PCIe x1 / x4
Configurable one x4 or four x1
Custom 2 x 40-pin header
Specials/Options
Mini-PCI socket (mPCI)
SATA Interfaces
SATA Channels
4
2x SATA 3G, 2x SATA 6G
RAID 0/1/5/10
USB Interfaces
USB-Channels
11
8x USB 2.0; 3x USB 3.0
Boot options: HD/FDD/
CDROM/FD/ZIP
*Data subject to change without notice.


유사한 부품 번호 - ADLQM87HD_18

제조업체부품명데이터시트부품 상세설명
ADL Embedded Solutions
ADL Embedded Solutions
ADLQM87HD ADL-ADLQM87HD Datasheet
816Kb / 2P
   discrete 8-bit gpio port
More results

유사한 설명 - ADLQM87HD_18

제조업체부품명데이터시트부품 상세설명
ADL Embedded Solutions
ADL Embedded Solutions
ADLQM67PC-3517UE ADL-ADLQM67PC-3517UE_18 Datasheet
346Kb / 4P
   Radar and sonar processing
Renesas Technology Corp
Renesas Technology Corp
MR2001_RD RENESAS-MR2001_RD Datasheet
246Kb / 2P
   radar transceiver with integrated signal processing
List of Unclassifed Manufacturers
List of Unclassifed Man...
SRM400 ETC2-SRM400 Datasheet
108Kb / 2P
   Sonar Ranging Module
Texas Instruments
Texas Instruments
TL851CDR TI1-TL851CDR Datasheet
585Kb / 13P
[Old version datasheet]   SONAR RANGING CONTROL
Murata Manufacturing Co., Ltd.
Murata Manufacturing Co...
MA58MF14-7N MURATA-MA58MF14-7N Datasheet
186Kb / 3P
   Back sonar for automotive
Texas Instruments
Texas Instruments
TL851CDR TI-TL851CDR Datasheet
585Kb / 13P
[Old version datasheet]   SONAR RANGING CONTROL
TL851 TI-TL851 Datasheet
82Kb / 6P
[Old version datasheet]   SONAR RANGING CONTROL
TL852 TI1-TL852_12 Datasheet
586Kb / 12P
[Old version datasheet]   SONAR RANGING RECEIVER
List of Unclassifed Manufacturers
List of Unclassifed Man...
PW0268 ETC2-PW0268 Datasheet
534Kb / 14P
   Ultrasonic Sonar Ranging IC
Amkor Technology
Amkor Technology
WLCSP AMKOR-WLCSP Datasheet
474Kb / 2P
   Wafer Level Processing and Die Processing Services
More results


Html Pages

1  2  3  4 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com