전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

ADLQM87HD 데이터시트(PDF) 3 Page - ADL Embedded Solutions

부품명 ADLQM87HD
부품 상세설명  Radar and sonar processing
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ADL [ADL Embedded Solutions]
홈페이지  http://www.adl-usa.com
Logo ADL - ADL Embedded Solutions

ADLQM87HD 데이터시트(HTML) 3 Page - ADL Embedded Solutions

  ADLQM87HD_18 Datasheet HTML 1Page - ADL Embedded Solutions ADLQM87HD_18 Datasheet HTML 2Page - ADL Embedded Solutions ADLQM87HD_18 Datasheet HTML 3Page - ADL Embedded Solutions ADLQM87HD_18 Datasheet HTML 4Page - ADL Embedded Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ADLQM87HD 3.5" SBC
4th Generation Intel® Core™ Quad / DC i5 / i7
ADL Corporate: 4411 Morena Blvd. Suite 101 | San Diego, CA 92117-4345
T: 858.490.0597
F: 858.490.0599
sales@adl-usa.com
www.adl-usa.com
ADL Germany: Eiserfelder Straße 316 | D-57080 Siegen, Germany
T: +49 (0) 271.250.810.0
F: +49 (0) 271.250.810.20
sales@adl-europe.com
www.adl-europe.com
TECHNICAL SPECIFICATIONS - ADLQM87HD
FEATURE
FUNCTION
REMARKS
OPTIONS
Interfaces
Serial COM Ports
RS232
1x onboard D-sub, 2x cable header
PS/2 Keyboard/Mouse
Yes
Watchdog
Yes
Specials/Options
8-Bit GPIO
Discrete port
Power Supply
Supply Voltage
5V/5VS req’d for CPU; 12V req’d for FAN
Power Consumption (typical*)
--
Contact a
Sales Engineer for more
information on “typical” configuration
Cooling
Passive / Active
Operating Temperature (ambient)
-25 to 70 °C
Requires ADLES Thermal Solution and
proper installation
Extended Temperature
-40 to 85º C
Requires ADL-ET and approved Thermal
Solution
Storage Temperature
-40 to 85 °C
Dimensions
Dimensions
102mm x 147mm (4” x 5.8”)
*Data subject to change without notice.


유사한 부품 번호 - ADLQM87HD_18

제조업체부품명데이터시트부품 상세설명
ADL Embedded Solutions
ADL Embedded Solutions
ADLQM87HD ADL-ADLQM87HD Datasheet
816Kb / 2P
   discrete 8-bit gpio port
More results

유사한 설명 - ADLQM87HD_18

제조업체부품명데이터시트부품 상세설명
ADL Embedded Solutions
ADL Embedded Solutions
ADLQM67PC-3517UE ADL-ADLQM67PC-3517UE_18 Datasheet
346Kb / 4P
   Radar and sonar processing
Renesas Technology Corp
Renesas Technology Corp
MR2001_RD RENESAS-MR2001_RD Datasheet
246Kb / 2P
   radar transceiver with integrated signal processing
List of Unclassifed Manufacturers
List of Unclassifed Man...
SRM400 ETC2-SRM400 Datasheet
108Kb / 2P
   Sonar Ranging Module
Texas Instruments
Texas Instruments
TL851CDR TI1-TL851CDR Datasheet
585Kb / 13P
[Old version datasheet]   SONAR RANGING CONTROL
Murata Manufacturing Co., Ltd.
Murata Manufacturing Co...
MA58MF14-7N MURATA-MA58MF14-7N Datasheet
186Kb / 3P
   Back sonar for automotive
Texas Instruments
Texas Instruments
TL851CDR TI-TL851CDR Datasheet
585Kb / 13P
[Old version datasheet]   SONAR RANGING CONTROL
TL851 TI-TL851 Datasheet
82Kb / 6P
[Old version datasheet]   SONAR RANGING CONTROL
TL852 TI1-TL852_12 Datasheet
586Kb / 12P
[Old version datasheet]   SONAR RANGING RECEIVER
List of Unclassifed Manufacturers
List of Unclassifed Man...
PW0268 ETC2-PW0268 Datasheet
534Kb / 14P
   Ultrasonic Sonar Ranging IC
Amkor Technology
Amkor Technology
WLCSP AMKOR-WLCSP Datasheet
474Kb / 2P
   Wafer Level Processing and Die Processing Services
More results


Html Pages

1  2  3  4 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com