전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

ADLQM87HD 데이터시트(PDF) 4 Page - ADL Embedded Solutions

부품명 ADLQM87HD
부품 상세설명  Radar and sonar processing
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ADL [ADL Embedded Solutions]
홈페이지  http://www.adl-usa.com
Logo ADL - ADL Embedded Solutions

ADLQM87HD 데이터시트(HTML) 4 Page - ADL Embedded Solutions

  ADLQM87HD_18 Datasheet HTML 1Page - ADL Embedded Solutions ADLQM87HD_18 Datasheet HTML 2Page - ADL Embedded Solutions ADLQM87HD_18 Datasheet HTML 3Page - ADL Embedded Solutions ADLQM87HD_18 Datasheet HTML 4Page - ADL Embedded Solutions  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
ADLQM87HD 3.5" SBC
4th Generation Intel® Core™ Quad / DC i5 / i7
ADL Corporate: 4411 Morena Blvd. Suite 101 | San Diego, CA 92117-4345
T: 855.727.4200
F: 858.490.0599
sales@adl-usa.com
www.adl-usa.com
ADL Germany: Eiserfelder Straße 316 | D-57080 Siegen, Germany
T: +49 (0) 271.250.810.0
F: +49 (0) 271.250.810.20
sales@adl-europe.com
www.adl-europe.com
ITEM CODE
PART #
DESCRIPTION
3.5-inch Board
ADLQM87HD-i7-4700EQ
294756
4th Generation Intel Core i7 2.4GHz 4C, 6M, 47W
ADLQM87HD-i5-4400E
294758
4th Generation Intel Core i5 2.7GHz 2C, 3M, 37W
Memory
DDR3L-DRAM4096-1600
997600
DDR3L-1600MHz 4GB Standard Temperature
DDR3L-DRAM8192-1600
997601
DDR3L-1600MHz 8GB Standard Temperature
DDR3L-DRAM4096-1600-EX
997602
DDR3L-1600MHz 4GB Extended Temperature
DDR3L-DRAM8192-1600-EX
997604
DDR3L-1600MHz 8GB Extended Temperature
Other memory options available
Options and Accessories
ADL-ET
290000
Extended Temp Screen (-40º to +85º C)
ADLQM87HD-CK
294875
Standard Cable kit for ADLQM87HD
ADLCOM-ISOL1
299941
Galvanically Isolated RS232 COM
ADLCOM-ISOL2
299942
Galvanically Isolated RS485 COM
Thermal Solutions
ADLQM87HD-SPREADER
294863
Chassis / Bulkhead mount heat spreader for ADLQM87HD For Quad and Dual Core variants
ADL35-BBHS
294152
Large Heatsink for bench testing; requires ADL35-LFAN
ADL35-LFAN
294154
Large Fan for ADL35-BBHS
ADL35-SOSET
294156
Stand-Off Set for ADL35-BBHS, M3, 6mm, 37mm
*Data subject to change without notice.
ORDERING INFORMATION


유사한 부품 번호 - ADLQM87HD_18

제조업체부품명데이터시트부품 상세설명
ADL Embedded Solutions
ADL Embedded Solutions
ADLQM87HD ADL-ADLQM87HD Datasheet
816Kb / 2P
   discrete 8-bit gpio port
More results

유사한 설명 - ADLQM87HD_18

제조업체부품명데이터시트부품 상세설명
ADL Embedded Solutions
ADL Embedded Solutions
ADLQM67PC-3517UE ADL-ADLQM67PC-3517UE_18 Datasheet
346Kb / 4P
   Radar and sonar processing
Renesas Technology Corp
Renesas Technology Corp
MR2001_RD RENESAS-MR2001_RD Datasheet
246Kb / 2P
   radar transceiver with integrated signal processing
List of Unclassifed Manufacturers
List of Unclassifed Man...
SRM400 ETC2-SRM400 Datasheet
108Kb / 2P
   Sonar Ranging Module
Texas Instruments
Texas Instruments
TL851CDR TI1-TL851CDR Datasheet
585Kb / 13P
[Old version datasheet]   SONAR RANGING CONTROL
Murata Manufacturing Co., Ltd.
Murata Manufacturing Co...
MA58MF14-7N MURATA-MA58MF14-7N Datasheet
186Kb / 3P
   Back sonar for automotive
Texas Instruments
Texas Instruments
TL851CDR TI-TL851CDR Datasheet
585Kb / 13P
[Old version datasheet]   SONAR RANGING CONTROL
TL851 TI-TL851 Datasheet
82Kb / 6P
[Old version datasheet]   SONAR RANGING CONTROL
TL852 TI1-TL852_12 Datasheet
586Kb / 12P
[Old version datasheet]   SONAR RANGING RECEIVER
List of Unclassifed Manufacturers
List of Unclassifed Man...
PW0268 ETC2-PW0268 Datasheet
534Kb / 14P
   Ultrasonic Sonar Ranging IC
Amkor Technology
Amkor Technology
WLCSP AMKOR-WLCSP Datasheet
474Kb / 2P
   Wafer Level Processing and Die Processing Services
More results


Html Pages

1  2  3  4 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com