전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TLE6217 데이터시트(PDF) 9 Page - Infineon Technologies AG

부품명 TLE6217
상세설명  Smart Quad Channel Low-Side Switch
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INFINEON [Infineon Technologies AG]
홈페이지  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6217 데이터시트(HTML) 9 Page - Infineon Technologies AG

Back Button TLE6217 Datasheet HTML 5Page - Infineon Technologies AG TLE6217 Datasheet HTML 6Page - Infineon Technologies AG TLE6217 Datasheet HTML 7Page - Infineon Technologies AG TLE6217 Datasheet HTML 8Page - Infineon Technologies AG TLE6217 Datasheet HTML 9Page - Infineon Technologies AG TLE6217 Datasheet HTML 10Page - Infineon Technologies AG TLE6217 Datasheet HTML 11Page - Infineon Technologies AG TLE6217 Datasheet HTML 12Page - Infineon Technologies AG TLE6217 Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Preliminary Datasheet TLE 6217
V5
Page 9 of 20
30. 07. 2002
Open load is detected for all four channels in on and off mode.
In the on mode the load current is monitored. If it drops below the specified threshold value IQU then an
open load condition is detected.
In the off mode, the output voltage is monitored. An open load condition is detected when the output
voltage of a given channel is below the threshold VDS(OL), which is typ. 33 % of the supply voltage VS. To
prevent an open load diagnosis in case of transient Voltages on the outputs the open load detection in
off mode uses a filter of typ. 30µs.
Status output at pulse width operation
If the input is operated with a pulsed signal, the status does not follow each single pulse of the input sig-
nal. An internal delay tD of typ. 1.2ms (min 500
µs) enables a continuous status output signal. See the
timing diagrams on the following pages for further information.
This internal status delay simplifies diagnostic software for pwm applications.
Diagnostic Table
In general the status follows the input signal in normal operating conditions.
If any error is detected the status is inverted.
Operating Condition
Standby
Input
Enable
Input
Control
Input
Power
Output
Status
Output
STBY
ENA
IN
Q
ST
Standby
L
X
X
off
H
Normal function
H
H
H
L
H
H
X
L
H
off
off
ON
L
L
H
Open load or short to ground
H
H
H
H
L
L
H
H
L
H
L
H
off
off
off
ON
H
H
H
L
Overload or short to supply
1)
reset latch
2)
H
H
H
H
H
L
H
H
→ L
X
off
off
off
L
L
L
Overtemperature
1)
reset latch
2)
H
H
H
H
H
L
H
H
→ L
X
off
off
off
L
L
L
Note 1) : overload/short-to-supply/overtemperature - events shorter than min. time tDSO specified in 2.10
will not be latched and not reported at the status pin.


유사한 부품 번호 - TLE6217

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
TLE6217G INFINEON-TLE6217G_08 Datasheet
391Kb / 19P
   Smart Quad Channel Low-Side Switch
Rev. 6.1, 2008-04
More results

유사한 설명 - TLE6217

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
TLE6216G INFINEON-TLE6216G Datasheet
267Kb / 17P
   Smart Quad Channel Low-Side Switch
V7.1 18.10.02
TLE6228GP INFINEON-TLE6228GP_10 Datasheet
1Mb / 19P
   Smart Quad Channel Low-Side Switch
V4.1 2010-07-10
TLE6217G INFINEON-TLE6217G_08 Datasheet
391Kb / 19P
   Smart Quad Channel Low-Side Switch
Rev. 6.1, 2008-04
TLE6228GP INFINEON-TLE6228GP Datasheet
753Kb / 18P
   Smart Quad Channel Low-Side Switch?
V3.1 26. Aug. 2002 1
logo
Siemens Semiconductor G...
TLE5216G SIEMENS-TLE5216G Datasheet
88Kb / 17P
   Smart Quad Channel Low-Side Switch
TLE5226G SIEMENS-TLE5226G Datasheet
196Kb / 13P
   Smart Quad Channel Low-Side Switch
logo
Infineon Technologies A...
TLE6228 INFINEON-TLE6228_10 Datasheet
1Mb / 19P
   Smart Quad Channel Low-Side Switch
V4.1 2010-07-10
Q67006-A9315 INFINEON-Q67006-A9315 Datasheet
740Kb / 17P
   Smart Quad Low-Side Switch
V1.1 26.Aug. 2002
TLE6220GP INFINEON-TLE6220GP Datasheet
739Kb / 17P
   Smart Quad Low-Side Switch???
V1.1 26.Aug. 2002
TLE6220GP INFINEON-TLE6220GP_09 Datasheet
378Kb / 19P
   Smart Quad Low-Side Switch
V2.2 2009-11-18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com