전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FSBS10CH60 데이터시트(PDF) 1 Page - Fairchild Semiconductor

부품명 FSBS10CH60
상세설명  Smart Power Module
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSBS10CH60 데이터시트(HTML) 1 Page - Fairchild Semiconductor

  FSBS10CH60 Datasheet HTML 1Page - Fairchild Semiconductor FSBS10CH60 Datasheet HTML 2Page - Fairchild Semiconductor FSBS10CH60 Datasheet HTML 3Page - Fairchild Semiconductor FSBS10CH60 Datasheet HTML 4Page - Fairchild Semiconductor FSBS10CH60 Datasheet HTML 5Page - Fairchild Semiconductor FSBS10CH60 Datasheet HTML 6Page - Fairchild Semiconductor FSBS10CH60 Datasheet HTML 7Page - Fairchild Semiconductor FSBS10CH60 Datasheet HTML 8Page - Fairchild Semiconductor FSBS10CH60 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
©2005 Fairchild Semiconductor Corporation
1
www.fairchildsemi.com
FSBS10CH60 Rev. C
April 2005
SPMTM
FSBS10CH60
Smart Power Module
Features
• UL Certified No.E209204(SPM27-BA package)
• 600V-10A 3-phase IGBT inverter bridge including control ICs
for gate driving and protection
• Divided negative dc-link terminals for inverter current sensing
applications
• Single-grounded power supply due to built-in HVIC
• Isolation rating of 2500Vrms/min.
• Very low leakage current due to using ceramic substrate
Applications
• AC 100V ~ 253V three-phase inverter drive for small power
ac motor drives
• Home appliances applications like air conditioner and wash-
ing machine
General Description
It is an advanced smart power module (SPMTM) that Fairchild
has newly developed and designed to provide very compact
and high performance ac motor drives mainly targeting low-
power inverter-driven application like air conditioner and wash-
ing machine. It combines optimized circuit protection and drive
matched to low-loss IGBTs. System reliability is further
enhanced by the integrated under-voltage lock-out and short-
circuit protection. The high speed built-in HVIC provides opto-
coupler-less single-supply IGBT gate driving capability that fur-
ther reduce the overall size of the inverter system design. Each
phase current of inverter can be monitored separately due to
the divided negative dc terminals.
Bottom View
Top View
26.8mm
44mm
Bottom View
Top View
26.8mm
44mm
Figure 1.


유사한 부품 번호 - FSBS10CH60

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FSBS15CH60 FAIRCHILD-FSBS15CH60 Datasheet
555Kb / 16P
   Smart Power Module
FSBS15CH60F FAIRCHILD-FSBS15CH60F Datasheet
299Kb / 16P
   Smart Power Module
logo
List of Unclassifed Man...
FSBS15CH60L ETC2-FSBS15CH60L Datasheet
559Kb / 16P
   UL Certified No.E209204(SPM27-BA package)
More results

유사한 설명 - FSBS10CH60

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FSB32560 FAIRCHILD-FSB32560 Datasheet
264Kb / 16P
   Smart Power Module
FSBB20CH60L FAIRCHILD-FSBB20CH60L Datasheet
251Kb / 16P
   Smart Power Module
FSBF10CH60BT FAIRCHILD-FSBF10CH60BT Datasheet
402Kb / 17P
   Smart Power Module
FSBF15CH60BT FAIRCHILD-FSBF15CH60BT Datasheet
429Kb / 17P
   Smart Power Module
FSBF5CH60B FAIRCHILD-FSBF5CH60B Datasheet
404Kb / 17P
   Smart Power Module
FNA40560 FAIRCHILD-FNA40560 Datasheet
920Kb / 15P
   Smart Power Module
FNB41560 FAIRCHILD-FNB41560 Datasheet
910Kb / 15P
   Smart Power Module
logo
ON Semiconductor
FSB50250AB ONSEMI-FSB50250AB Datasheet
1Mb / 12P
   Smart Power Module
January 2012 Rev. A
logo
Fairchild Semiconductor
FNA41060_1010 FAIRCHILD-FNA41060_1010 Datasheet
1Mb / 16P
   Smart Power Module
FNA40860 FAIRCHILD-FNA40860 Datasheet
920Kb / 15P
   Smart Power Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com