전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MTB050P03KN3-0-T1-G 데이터시트(PDF) 1 Page - Cystech Electonics Corp.

부품명 MTB050P03KN3-0-T1-G
상세설명  -30V P-Channel Enhancement Mode MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CYSTEKEC [Cystech Electonics Corp.]
홈페이지  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTB050P03KN3-0-T1-G 데이터시트(HTML) 1 Page - Cystech Electonics Corp.

  MTB050P03KN3-0-T1-G Datasheet HTML 1Page - Cystech Electonics Corp. MTB050P03KN3-0-T1-G Datasheet HTML 2Page - Cystech Electonics Corp. MTB050P03KN3-0-T1-G Datasheet HTML 3Page - Cystech Electonics Corp. MTB050P03KN3-0-T1-G Datasheet HTML 4Page - Cystech Electonics Corp. MTB050P03KN3-0-T1-G Datasheet HTML 5Page - Cystech Electonics Corp. MTB050P03KN3-0-T1-G Datasheet HTML 6Page - Cystech Electonics Corp. MTB050P03KN3-0-T1-G Datasheet HTML 7Page - Cystech Electonics Corp. MTB050P03KN3-0-T1-G Datasheet HTML 8Page - Cystech Electonics Corp. MTB050P03KN3-0-T1-G Datasheet HTML 9Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
CYStech Electronics Corp.
Spec. No. : C017N3
Issued Date : 2018.03.16
Revised Date :
Page No. : 1/9
MTB050P03KN3
CYStek Product Specification
-30V P-Channel Enhancement Mode MOSFET
MTB050P03KN3
Features
• For load switch application only
• Compact and low profile SOT-23 package
• Advanced trench process technology
• High density cell design for ultra low on resistance
• ESD protected gate , HBM≥5kV
• Pb-free lead plating package
Symbol
Outline
Ordering Information
Device
Package
Shipping
MTB050P03KN3-0-T1-G
SOT-23
(Pb-free lead plating and halogen-free package)
3000 pcs / tape & reel
MTB050P03KN3
SOT-23
G:Gate S:Source D:Drain
BVDSS
-30V
ID @ VGS=-10V, TA=25°C
-3.8A
RDSON@VGS=-10V, ID=-4A
51.3mΩ(typ)
RDSON@VGS=-4.5V,ID=-3A
67.5mΩ(typ)
Environment friendly grade : S for RoHS compliant products, G for RoHS compliant
and green compound products
Packing spec, T1 : 3000 pcs / tape & reel, 7” reel
Product rank, zero for no rank products
Product name
D
G
S


유사한 부품 번호 - MTB050P03KN3-0-T1-G

제조업체부품명데이터시트상세설명
logo
Cystech Electonics Corp...
MTB050P10E3 CYSTEKEC-MTB050P10E3 Datasheet
275Kb / 8P
   P-Channel Enhancement Mode Power MOSFET
MTB050P10E3-0-UB-S CYSTEKEC-MTB050P10E3-0-UB-S Datasheet
275Kb / 8P
   P-Channel Enhancement Mode Power MOSFET
MTB050P10F3 CYSTEKEC-MTB050P10F3 Datasheet
396Kb / 9P
   P-Channel Enhancement Mode Power MOSFET
MTB050P10F3-0-T7-S CYSTEKEC-MTB050P10F3-0-T7-S Datasheet
396Kb / 9P
   P-Channel Enhancement Mode Power MOSFET
MTB050P10FP CYSTEKEC-MTB050P10FP Datasheet
260Kb / 8P
   P-Channel Enhancement Mode Power MOSFET
More results

유사한 설명 - MTB050P03KN3-0-T1-G

제조업체부품명데이터시트상세설명
logo
TECH PUBLIC Electronics...
IRF7316 TECHPUBLIC-IRF7316 Datasheet
2Mb / 5P
   -30V PP-Channel Enhancement Mode MOSFET
logo
Zetex Semiconductors
ZXM64P03X ZETEX-ZXM64P03X_05 Datasheet
331Kb / 7P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM4835 TSC-TSM4835 Datasheet
172Kb / 5P
   30V P-Channel Enhancement Mode MOSFET
logo
Cystech Electonics Corp...
MTP452M3 CYSTEKEC-MTP452M3 Datasheet
285Kb / 8P
   30V P-CHANNEL Enhancement Mode MOSFET
logo
Diodes Incorporated
DMP32D4S DIODES-DMP32D4S_15 Datasheet
335Kb / 6P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
TY Semiconductor Co., L...
DMG3401LSN TYSEMI-DMG3401LSN Datasheet
100Kb / 2P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Formosa MS
FMS2303 FORMOSA-FMS2303 Datasheet
1Mb / 8P
   30V P-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
ZXMP3A16N8 DIODES-ZXMP3A16N8 Datasheet
159Kb / 8P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Zetex Semiconductors
ZXM64P03X ZETEX-ZXM64P03X Datasheet
205Kb / 7P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Pan Jit International I...
PJA87P03 PANJIT-PJA87P03 Datasheet
2Mb / 6P
   30V P-Channel ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
DMP3008SFGQ DIODES-DMP3008SFGQ Datasheet
543Kb / 8P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com