전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GS1522 데이터시트(PDF) 5 Page - Gennum Corporation

부품명 GS1522
상세설명  HDTV Serial Digital Serializer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GENNUM [Gennum Corporation]
홈페이지  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS1522 데이터시트(HTML) 5 Page - Gennum Corporation

  GS1522 Datasheet HTML 1Page - Gennum Corporation GS1522 Datasheet HTML 2Page - Gennum Corporation GS1522 Datasheet HTML 3Page - Gennum Corporation GS1522 Datasheet HTML 4Page - Gennum Corporation GS1522 Datasheet HTML 5Page - Gennum Corporation GS1522 Datasheet HTML 6Page - Gennum Corporation GS1522 Datasheet HTML 7Page - Gennum Corporation GS1522 Datasheet HTML 8Page - Gennum Corporation GS1522 Datasheet HTML 9Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
GENNUM CORPORATION
522 - 26 - 00
5
PIN DESCRIPTIONS
NUMBER
SYMBOL
LEVEL
TYPE
DESCRIPTION
1, 95
VEE3
Power
Input
Negative Supply. Most negative power supply connection, for
input stage.
2
PCLK_IN
TTL
Input
Parallel Data Clock. 74.25 or 74.25/1.001MHz
3, 4, 5, 6, 7, 8,
9, 11, 12, 14,
19, 20, 32, 33,
34, 35, 36, 37,
38, 39, 40, 41,
42, 43,46, 50,
51, 52, 56, 60,
61, 62, 65, 66,
67, 68, 69, 70,
71, 72, 73, 80,
81, 83, 93, 97,
98, 99, 100,
101, 102, 108,
109, 116, 117,
120, 121
NC
No Connect. These pins are not used internally. These pins
should be floating.
10
BUF_VEE
Power
TEST
Negative Supply/Test Pin. Most negative power supply
connection. For buffer for oscillator/divider for test purposes only.
Leave floating for normal operation.
13
XDIV20
TTL
TEST
Test Pin. Test block output. Leave floating for normal operation.
15
PLL_LOCK
TTL
Output
Status Signal Output. Indicates when the GS1522 is phase locked
to the incoming PCLK_IN clock signal. LOGIC HIGH indicates
PLL is in Lock. LOGIC LOW indicates PLL is out of Lock.
16
BYPASS
TTL
Input
Control Signal Input. Used to bypass the scrambling function if
data is already scrambled by GS1501 or if non-SMPTE encoded
data stream such as 8b/10b is to be transmitted. When BYPASS is
LOW, the SMPTE scrambler and NRZ(I) encoder are enabled.
When BYPASS is HIGH, the SMPTE scrambler and NRZ(I) encoder
are bypassed.
17
RESET
TTL
Input
Control Signal Input. Used to reset the SMPTE scrambler. For
logic HIGH; Resets the SMPTE scrambler and NRZ(I) encoder.
For logic LOW: normal SMPTE scrambler and NRZ(I) encoder
operation.
18, 26, 27, 28,
29, 30, 59
VEE2
Power
Input
Negative Supply. Most negative power supply connection. For
Cable Driver outputs and all other digital circuitry excluding input
stage and PLL stage.
21, 22, 23, 24,
25, 45, 57
VCC2
Power
Input
Positive Supply. Most positive power supply connection. For
Cable Driver outputs and all other digital circuitry excluding input
stage and PLL stage.
31
SDO1_EN
Power
Input
Control Signal Input. Used to enable or disable the second serial
data output stage. This signal must be tied to GND to enable this
stage. Do not connect to a logic low.
44
RSET1
Input
Control Signal Input. External resistor is used to set the data
output amplitude for SDO1 and SDO1. Use a ±1% resistor.
47, 49
SDO1+, SDO1-
Analog
Output
Serial Data Output Signal. Current mode serial data output #1.
Use 75
Ω ±1% pull up resistors to V
CC2
.
48, 54
SDO_NC
No Connect. Not used internally. This pin must be left floating.
53, 55
SDO0+, SDO0-
Analog
Output
Serial Data Output Signal. Current mode serial data output #0.
Use 75
Ω ± 1% pull up resistors to V
CC2
.


유사한 부품 번호 - GS1522

제조업체부품명데이터시트상세설명
logo
Gennum Corporation
GS1522 GENNUM-GS1522 Datasheet
449Kb / 20P
   HDTV Serial Digital Serializer
GS1522-CQR GENNUM-GS1522-CQR Datasheet
449Kb / 20P
   HDTV Serial Digital Serializer
GS1522-CQRE3 GENNUM-GS1522-CQRE3 Datasheet
449Kb / 20P
   HDTV Serial Digital Serializer
GS1522 GENNUM-GS1522_04 Datasheet
449Kb / 20P
   HDTV Serial Digital Serializer
More results

유사한 설명 - GS1522

제조업체부품명데이터시트상세설명
logo
Gennum Corporation
GS1522 GENNUM-GS1522_04 Datasheet
449Kb / 20P
   HDTV Serial Digital Serializer
GS1510 GENNUM-GS1510 Datasheet
106Kb / 11P
   HDTV Serial Digital Deformatter
GS1515 GENNUM-GS1515 Datasheet
336Kb / 17P
   HDTV Serial Digital Reclocker
GS1545 GENNUM-GS1545_04 Datasheet
279Kb / 19P
   HDTV Serial Digital Equalizing Receiver
GS1545 GENNUM-GS1545 Datasheet
198Kb / 19P
   HDTV Serial Digital Equalizing Receiver
GS1540 GENNUM-GS1540_04 Datasheet
238Kb / 17P
   HDTV Serial Digital Non-Equalizing Receiver
GS1540 GENNUM-GS1540 Datasheet
180Kb / 16P
   HDTV Serial Digital Non-Equalizing Receiver
GS1500 GENNUM-GS1500 Datasheet
146Kb / 17P
   HDTV Serial Digital Deformatter with ANC FIFOs
GS1501 GENNUM-GS1501 Datasheet
184Kb / 15P
   HDTV Serial Digital Formatter with ANC FIFOs
GS1511 GENNUM-GS1511 Datasheet
131Kb / 9P
   HD-LINX -TM GS1511 HDTV Serial Digital Formatter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com