전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GS1522 데이터시트(PDF) 2 Page - Gennum Corporation

부품명 GS1522
상세설명  HDTV Serial Digital Serializer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GENNUM [Gennum Corporation]
홈페이지  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS1522 데이터시트(HTML) 2 Page - Gennum Corporation

  GS1522 Datasheet HTML 1Page - Gennum Corporation GS1522 Datasheet HTML 2Page - Gennum Corporation GS1522 Datasheet HTML 3Page - Gennum Corporation GS1522 Datasheet HTML 4Page - Gennum Corporation GS1522 Datasheet HTML 5Page - Gennum Corporation GS1522 Datasheet HTML 6Page - Gennum Corporation GS1522 Datasheet HTML 7Page - Gennum Corporation GS1522 Datasheet HTML 8Page - Gennum Corporation GS1522 Datasheet HTML 9Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
GENNUM CORPORATION
522 - 26 - 00
2
ABSOLUTE MAXIMUM RATINGS
PARAMETER
VALUE
Supply Voltage (VS)5.5V
Input Voltage Range (any input)
VEE – 0.5 < VIN < VCC+ 0.5
DC Input Current (any input)
TBD
Power Dissipation (VCC = 5.25V)
TBD
Input ESD Voltage
TBD
Die Temperature
125°C
Operating Temperature Range
0°C
≤ T
A ≤ 70°C
Storage Temperature Range
-40°C
≤ T
S ≤ 150°C
Lead Temperature (soldering 10 seconds)
260
°C
AC ELECTRICAL CHARACTERISTICS
VCC = 5V, VEE = 0V, TA = 0°C to 70°C unless otherwise specified.
PARAMETER
CONDITIONS
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Serial data bit rate
SMPTE 292M
BRSDO
-
1.485
-
Gb/s
1.485/1.001Gb/s also
Digital Serial Data
Outputs
Differential outputs
VSDO
750
800
850
mV p-p
With 52.3
Ω 1% R
SET
Resistor
Rise/Fall times, 20-80%
tr, tf
-
150
270
ps
Overshoot
-
0
7
%
Output Return Loss @
1.485GHz
ORL
15
17
-
dB
As per SMPTE292M
(5MHz to clock
frequency), using
Gennum Evaluation
Board, recommended
layout and components.
Lock Time
Worst case
tLOCK
-
200
250
ms
Typical Loop Bandwidth
≤ 0.1dB peaking,
1.485Gb/s
-
0.200
1.5
MHz
Intrinsic Jitter
Pseudo-random
PRBS (2
23-1)
(200kHz LBW)
tIJR
-
-
100
ps p-p
Pathological
PRBS (2
23-1)
(200kHz LBW)
tIJP
-
-
100
ps p-p
Pseudo-random
(1.5 MHz LBW)
tIJR
-
-
100
ps p-p
Pathological
(1.5 MHz LBW)
tIJP
-
-
100
ps p-p


유사한 부품 번호 - GS1522

제조업체부품명데이터시트상세설명
logo
Gennum Corporation
GS1522 GENNUM-GS1522 Datasheet
449Kb / 20P
   HDTV Serial Digital Serializer
GS1522-CQR GENNUM-GS1522-CQR Datasheet
449Kb / 20P
   HDTV Serial Digital Serializer
GS1522-CQRE3 GENNUM-GS1522-CQRE3 Datasheet
449Kb / 20P
   HDTV Serial Digital Serializer
GS1522 GENNUM-GS1522_04 Datasheet
449Kb / 20P
   HDTV Serial Digital Serializer
More results

유사한 설명 - GS1522

제조업체부품명데이터시트상세설명
logo
Gennum Corporation
GS1522 GENNUM-GS1522_04 Datasheet
449Kb / 20P
   HDTV Serial Digital Serializer
GS1510 GENNUM-GS1510 Datasheet
106Kb / 11P
   HDTV Serial Digital Deformatter
GS1515 GENNUM-GS1515 Datasheet
336Kb / 17P
   HDTV Serial Digital Reclocker
GS1545 GENNUM-GS1545_04 Datasheet
279Kb / 19P
   HDTV Serial Digital Equalizing Receiver
GS1545 GENNUM-GS1545 Datasheet
198Kb / 19P
   HDTV Serial Digital Equalizing Receiver
GS1540 GENNUM-GS1540_04 Datasheet
238Kb / 17P
   HDTV Serial Digital Non-Equalizing Receiver
GS1540 GENNUM-GS1540 Datasheet
180Kb / 16P
   HDTV Serial Digital Non-Equalizing Receiver
GS1500 GENNUM-GS1500 Datasheet
146Kb / 17P
   HDTV Serial Digital Deformatter with ANC FIFOs
GS1501 GENNUM-GS1501 Datasheet
184Kb / 15P
   HDTV Serial Digital Formatter with ANC FIFOs
GS1511 GENNUM-GS1511 Datasheet
131Kb / 9P
   HD-LINX -TM GS1511 HDTV Serial Digital Formatter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com