전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GW-KAHJB1.CM 데이터시트(PDF) 9 Page - OSRAM GmbH

부품명 GW-KAHJB1.CM
상세설명  chip-on-board
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OSRAM [OSRAM GmbH]
홈페이지  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GW-KAHJB1.CM 데이터시트(HTML) 9 Page - OSRAM GmbH

Back Button GW-KAHJB1.CM Datasheet HTML 5Page - OSRAM GmbH GW-KAHJB1.CM Datasheet HTML 6Page - OSRAM GmbH GW-KAHJB1.CM Datasheet HTML 7Page - OSRAM GmbH GW-KAHJB1.CM Datasheet HTML 8Page - OSRAM GmbH GW-KAHJB1.CM Datasheet HTML 9Page - OSRAM GmbH GW-KAHJB1.CM Datasheet HTML 10Page - OSRAM GmbH GW-KAHJB1.CM Datasheet HTML 11Page - OSRAM GmbH GW-KAHJB1.CM Datasheet HTML 12Page - OSRAM GmbH GW-KAHJB1.CM Datasheet HTML 13Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
GW KAHJB1.EM
40
42
44
46
48
50
VF [V]
0
100
200
300
400
500
600
700
IF [mA]
GW KAHJB1.EM
0
10
0
200
300
40
0
500
600
70
0
IF [mA]
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
ΦV
ΦV(500mA)
GW KAHJB1.CM
IF [mA]
0,40
0,41
0,42
0,43
0,44
Cx
Cy
: Cx - White
: Cy - White
3
12


유사한 부품 번호 - GW-KAHJB1.CM

제조업체부품명데이터시트상세설명
logo
OSRAM GmbH
GW-KAHJB1.EM OSRAM-GW-KAHJB1.EM Datasheet
321Kb / 19P
   chip-on-board
More results

유사한 설명 - GW-KAHJB1.CM

제조업체부품명데이터시트상세설명
logo
OSRAM GmbH
GWKAGHB3.EM OSRAM-GWKAGHB3.EM Datasheet
1Mb / 18P
   Chip-on-Board
GWKAGLB2.CM OSRAM-GWKAGLB2.CM Datasheet
1Mb / 18P
   Chip-on-Board
GWKAHLB2.CM OSRAM-GWKAHLB2.CM Datasheet
3Mb / 18P
   Chip-on-Board
GW-KAGJB2-EM OSRAM-GW-KAGJB2-EM Datasheet
1Mb / 17P
   Chip-on-Board
GW-KAGGB3.CM OSRAM-GW-KAGGB3.CM Datasheet
773Kb / 17P
   Chip-on-Board
GW-KAFGB3.CM OSRAM-GW-KAFGB3.CM Datasheet
1Mb / 17P
   Chip-on-Board
GWKAGHB2.EM OSRAM-GWKAGHB2.EM Datasheet
598Kb / 18P
   Chip-on-Board
GW-KAGMB3.EM OSRAM-GW-KAGMB3.EM Datasheet
1Mb / 18P
   Chip-on-Board
GW-KAHLB1.EM OSRAM-GW-KAHLB1.EM Datasheet
407Kb / 19P
   Chip-on-Board
GW-KAHLB2.DM OSRAM-GW-KAHLB2.DM Datasheet
2Mb / 18P
   Chip-on-Board
GW-KAHLB2.EM OSRAM-GW-KAHLB2.EM Datasheet
2Mb / 18P
   Chip-on-Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com