전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GW-KAHNB1.EM 데이터시트(PDF) 6 Page - OSRAM GmbH

부품명 GW-KAHNB1.EM
상세설명  chip-on-board
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OSRAM [OSRAM GmbH]
홈페이지  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GW-KAHNB1.EM 데이터시트(HTML) 6 Page - OSRAM GmbH

Back Button GW-KAHNB1.EM Datasheet HTML 2Page - OSRAM GmbH GW-KAHNB1.EM Datasheet HTML 3Page - OSRAM GmbH GW-KAHNB1.EM Datasheet HTML 4Page - OSRAM GmbH GW-KAHNB1.EM Datasheet HTML 5Page - OSRAM GmbH GW-KAHNB1.EM Datasheet HTML 6Page - OSRAM GmbH GW-KAHNB1.EM Datasheet HTML 7Page - OSRAM GmbH GW-KAHNB1.EM Datasheet HTML 8Page - OSRAM GmbH GW-KAHNB1.EM Datasheet HTML 9Page - OSRAM GmbH GW-KAHNB1.EM Datasheet HTML 10Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
2700K
3000K
3500K
4000K
4500K
5000K
5700K
6500K
0.300
0.320
0.340
0.360
0.380
0.400
0.420
0.440
0.300
0.320
0.340
0.360
0.380
0.400
0.420
0.440
0.460
0.480
0.500
Cy
Cx
Coordinates in reference to CIE 1931 (cx cy)
warm white
neutral white
cool white
Coordinates in reference to CIE 1931 (cx cy)
warm white
neutral white
cool white
27S3
30S3
35S3
40S3
45S3
50S3
57S3
65S3


유사한 부품 번호 - GW-KAHNB1.EM

제조업체부품명데이터시트상세설명
logo
OSRAM GmbH
GW-KAHNB1.CM OSRAM-GW-KAHNB1.CM Datasheet
1Mb / 18P
   Chip-on-Board
More results

유사한 설명 - GW-KAHNB1.EM

제조업체부품명데이터시트상세설명
logo
OSRAM GmbH
GWKAGHB3.EM OSRAM-GWKAGHB3.EM Datasheet
1Mb / 18P
   Chip-on-Board
GWKAGLB2.CM OSRAM-GWKAGLB2.CM Datasheet
1Mb / 18P
   Chip-on-Board
GWKAHLB2.CM OSRAM-GWKAHLB2.CM Datasheet
3Mb / 18P
   Chip-on-Board
GW-KAGJB2-EM OSRAM-GW-KAGJB2-EM Datasheet
1Mb / 17P
   Chip-on-Board
GW-KAGGB3.CM OSRAM-GW-KAGGB3.CM Datasheet
773Kb / 17P
   Chip-on-Board
GW-KAFGB3.CM OSRAM-GW-KAFGB3.CM Datasheet
1Mb / 17P
   Chip-on-Board
GWKAGHB2.EM OSRAM-GWKAGHB2.EM Datasheet
598Kb / 18P
   Chip-on-Board
GW-KAGMB3.EM OSRAM-GW-KAGMB3.EM Datasheet
1Mb / 18P
   Chip-on-Board
GW-KAHLB1.EM OSRAM-GW-KAHLB1.EM Datasheet
407Kb / 19P
   Chip-on-Board
GW-KAHLB2.DM OSRAM-GW-KAHLB2.DM Datasheet
2Mb / 18P
   Chip-on-Board
GW-KAHLB2.EM OSRAM-GW-KAHLB2.EM Datasheet
2Mb / 18P
   Chip-on-Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com