전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GW-T3LMF1.EM 데이터시트(PDF) 4 Page - OSRAM GmbH

부품명 GW-T3LMF1.EM
상세설명  Chip-on-Board
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OSRAM [OSRAM GmbH]
홈페이지  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GW-T3LMF1.EM 데이터시트(HTML) 4 Page - OSRAM GmbH

  GW-T3LMF1.EM Datasheet HTML 1Page - OSRAM GmbH GW-T3LMF1.EM Datasheet HTML 2Page - OSRAM GmbH GW-T3LMF1.EM Datasheet HTML 3Page - OSRAM GmbH GW-T3LMF1.EM Datasheet HTML 4Page - OSRAM GmbH GW-T3LMF1.EM Datasheet HTML 5Page - OSRAM GmbH GW-T3LMF1.EM Datasheet HTML 6Page - OSRAM GmbH GW-T3LMF1.EM Datasheet HTML 7Page - OSRAM GmbH GW-T3LMF1.EM Datasheet HTML 8Page - OSRAM GmbH GW-T3LMF1.EM Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
2016-07-19
4
Version 1.4
GW T3LMF1.EM
Characteristics (TA = 25 °C; IF = 10 mA)
Kennwerte
Parameter
Symbol
Values
Unit
Bezeichnung
Symbol
Werte
Einheit
Viewing angle at 50 % I
V
Abstrahlwinkel bei 50 % I
V
(typ.)
360
°
Forward voltage
Durchlassspannung
(min.)
(typ.)
(max.)
VF
VF
VF
54
60
64
V
V
V
Color rendering index
Farbwiedergabe Index
(2200K - 4000K)
(min.)
Ra
80
-
R
R
46
55
K/W
K/W
Note:
Individual forward voltage groups see next page
Anm.:
Durchlassspannungsgruppen siehe nächste Seite
(typ.)
(max.)
5
) Seite 17
5
) page 17
Electrical" thermal resistance junction / ambient
(Helium Condition)
"Elektrischer" Wärmewiderstand Sperrschicht / Umgebung
(Helium-Zustand)
th JA elec
th JA elec


유사한 부품 번호 - GW-T3LMF1.EM

제조업체부품명데이터시트상세설명
logo
OSRAM GmbH
GW-T3LRF1.EM OSRAM-GW-T3LRF1.EM Datasheet
1Mb / 18P
   Chip-on-Board
GW-T3LSF1.EM OSRAM-GW-T3LSF1.EM Datasheet
1Mb / 18P
   Chip-on-Board
More results

유사한 설명 - GW-T3LMF1.EM

제조업체부품명데이터시트상세설명
logo
OSRAM GmbH
GWKAGHB3.EM OSRAM-GWKAGHB3.EM Datasheet
1Mb / 18P
   Chip-on-Board
GWKAGLB2.CM OSRAM-GWKAGLB2.CM Datasheet
1Mb / 18P
   Chip-on-Board
GWKAHLB2.CM OSRAM-GWKAHLB2.CM Datasheet
3Mb / 18P
   Chip-on-Board
GW-KAGJB2-EM OSRAM-GW-KAGJB2-EM Datasheet
1Mb / 17P
   Chip-on-Board
GW-KAGGB3.CM OSRAM-GW-KAGGB3.CM Datasheet
773Kb / 17P
   Chip-on-Board
GW-KAFGB3.CM OSRAM-GW-KAFGB3.CM Datasheet
1Mb / 17P
   Chip-on-Board
GWKAGHB2.EM OSRAM-GWKAGHB2.EM Datasheet
598Kb / 18P
   Chip-on-Board
GW-KAGMB3.EM OSRAM-GW-KAGMB3.EM Datasheet
1Mb / 18P
   Chip-on-Board
GW-KAHLB1.EM OSRAM-GW-KAHLB1.EM Datasheet
407Kb / 19P
   Chip-on-Board
GW-KAHLB2.DM OSRAM-GW-KAHLB2.DM Datasheet
2Mb / 18P
   Chip-on-Board
GW-KAHLB2.EM OSRAM-GW-KAHLB2.EM Datasheet
2Mb / 18P
   Chip-on-Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com