전자부품 데이터시트 검색엔진 |
|
ST083S08PFN1 데이터시트(PDF) 7 Page - International Rectifier |
|
ST083S08PFN1 데이터시트(HTML) 7 Page - International Rectifier |
7 / 9 page ST083S Series Fig. 9 - Reverse Recovered Charge Characteristics Fig. 10 - Reverse Recovery Current Characteristics Fig. 7 - On-state Voltage Drop Characteristics Fig. 8 - Thermal Impedance Z thJC Characteristic Fig. 5 - Maximum Non-repetitive Surge Current Fig. 6 - Maximum Non-repetitive Surge Current 1000 1200 1400 1600 1800 2000 2200 1 10 100 Number Of Equal Amplitude Ha lf Cyc le Current Pulses (N) Initial T = 125°C @60 Hz 0.0083 s @50 Hz 0.0100 s J ST083SSeries At Any Rated Load Condition And With Rated V Applied Following Surge. RRM 1000 1200 1400 1600 1800 2000 2200 2400 2600 0.01 0.1 1 Pulse Train Duration (s) VersusPulse Train Duration. Control Of Conduction May Not Be Maintained. Initial T = 125°C No Voltage Reapplied Rated V Reapplied RRM J ST083SSeries Maximum Non Repetitive Surge Current 100 1000 10000 1 1.5 2 2.533.544.555.566.5 T = 25°C J Instantaneous On-state Voltage (V) T = 125°C J ST083SSeries 0.01 0.1 1 0.001 0.01 0.1 1 10 Square Wave Pulse Duration (s) ST083SSeries Steady State Value R = 0.195 K/ W (DC Operation) thJC 10 20 30 40 50 60 70 80 90 100 110 120 10 20 30 40 50 60 70 80 90 100 Rate Of Fall Of Forward Current - di/ dt (A/µs) ST083SSeries T = 125 °C I = 500 A 300 A 200 A J 100 A 50 A TM 20 40 60 80 100 120 140 160 10 20 30 40 50 60 70 80 90 100 ST083SSeries T = 125 °C I = 500 A 300 A 200 A J 100 A 50 A Rate Of Fall Of On-state Current - di/d t (A/ µs) TM To Order Next Data Sheet Index Previous Datasheet |
유사한 부품 번호 - ST083S08PFN1 |
|
유사한 설명 - ST083S08PFN1 |