전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GW-DASPA1.EC 데이터시트(PDF) 3 Page - OSRAM GmbH

부품명 GW-DASPA1.EC
상세설명  SMT package
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OSRAM [OSRAM GmbH]
홈페이지  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GW-DASPA1.EC 데이터시트(HTML) 3 Page - OSRAM GmbH

  GW-DASPA1.EC Datasheet HTML 1Page - OSRAM GmbH GW-DASPA1.EC Datasheet HTML 2Page - OSRAM GmbH GW-DASPA1.EC Datasheet HTML 3Page - OSRAM GmbH GW-DASPA1.EC Datasheet HTML 4Page - OSRAM GmbH GW-DASPA1.EC Datasheet HTML 5Page - OSRAM GmbH GW-DASPA1.EC Datasheet HTML 6Page - OSRAM GmbH GW-DASPA1.EC Datasheet HTML 7Page - OSRAM GmbH GW-DASPA1.EC Datasheet HTML 8Page - OSRAM GmbH GW-DASPA1.EC Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
Version 1.6 (not for new design)
GW DASPA1.EC
2018-01-15
3
Maximum Ratings
Grenzwerte
Parameter
Symbol
Values
Unit
Bezeichnung
Symbol
Werte
Einheit
Operating temperature range
Betriebstemperatur
T
op
-40 ... 120
°C
Storage temperature range
Lagertemperatur
Tstg
-40 ... 120
°C
Junction temperature absolute *
Sperrschichttemperatur absolut *
Tj, abs
170
°C
Junction temperature
Sperrschichttemperatur
T
j
125
°C
Forward current
Durchlassstrom
(TJ = 25 °C)
I
F
30 ... 250
mA
Reverse current
Sperrstrom
IR
200
mA
ESD withstand voltage
ESD Festigkeit
(acc. to ANSI/ESDA/JEDEC JS-001 - HBM, Class
3B)
VESD
8
kV
Note:
* This is verified by testing 30 pieces. Pass criteria: No catastrophic failures allowed, luminous flux must be better than
L70B50 after 1000 h.
Anm:
* Dieser Wert wird durch den Test von 30 Bauteilen abgesichert. Dabei dürfen keine Totalausfälle auftreten und der
Lichtstrom muß nach 1000 h über L70B50 liegen.
2) page 25
2) Seite 25


유사한 부품 번호 - GW-DASPA1.EC

제조업체부품명데이터시트상세설명
logo
OSRAM GmbH
GW-DASPA1.UC OSRAM-GW-DASPA1.UC Datasheet
1Mb / 19P
   Optimized for high efficacies under application conditions
More results

유사한 설명 - GW-DASPA1.EC

제조업체부품명데이터시트상세설명
logo
OSRAM GmbH
GW-DASPA2.EC OSRAM-GW-DASPA2.EC Datasheet
1Mb / 25P
   SMT package
GD-DASPA2.14 OSRAM-GD-DASPA2.14 Datasheet
1Mb / 21P
   SMT package
GF-DASPA2.24 OSRAM-GF-DASPA2.24 Datasheet
1Mb / 21P
   SMT package
GR-DASPA2.23 OSRAM-GR-DASPA2.23 Datasheet
1Mb / 21P
   SMT package
GY-DASPA2.23 OSRAM-GY-DASPA2.23 Datasheet
1Mb / 21P
   SMT package
LWVH8G-Q2OO-4M6N-1 OSRAM-LWVH8G-Q2OO-4M6N-1 Datasheet
964Kb / 23P
   SMT package
GWDASPA2.EC OSRAM-GWDASPA2.EC Datasheet
1Mb / 25P
   SMT package
GB-DASPA1.13 OSRAM-GB-DASPA1.13 Datasheet
1Mb / 22P
   SMT package
GR-DASPA1.23 OSRAM-GR-DASPA1.23 Datasheet
566Kb / 22P
   SMT package
GT-DASPA1.13 OSRAM-GT-DASPA1.13 Datasheet
1Mb / 22P
   SMT package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com