전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LA-CN5M 데이터시트(PDF) 7 Page - OSRAM GmbH

부품명 LA-CN5M
상세설명  SMD ceramic package with silicon resin with lens
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OSRAM [OSRAM GmbH]
홈페이지  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LA-CN5M 데이터시트(HTML) 7 Page - OSRAM GmbH

Back Button LA-CN5M Datasheet HTML 3Page - OSRAM GmbH LA-CN5M Datasheet HTML 4Page - OSRAM GmbH LA-CN5M Datasheet HTML 5Page - OSRAM GmbH LA-CN5M Datasheet HTML 6Page - OSRAM GmbH LA-CN5M Datasheet HTML 7Page - OSRAM GmbH LA-CN5M Datasheet HTML 8Page - OSRAM GmbH LA-CN5M Datasheet HTML 9Page - OSRAM GmbH LA-CN5M Datasheet HTML 10Page - OSRAM GmbH LA-CN5M Datasheet HTML 11Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Vorläufige Daten / Preliminary Data
LA CN5M; LY CN5M
2009-12-01
7
Durchlassstrom
2) Seite 16
Forward Current
2) page 16
I
F = f (VF); TA = 25 °C; amber
Relative Lichtstrom
2) 7) Seite 16
Relative Luminous Flux
2) 7) page 16
Φ
VV(140 mA) = f (I
F); TA = 25 °C; amber
Durchlassstrom
2) Seite 16
Forward Current
2) page 16
I
F = f (VF); TA = 25 °C; yellow
Relative Lichtstrom
2) 7) Seite 16
Relative Luminous Flux
2) 7) page 16
Φ
VV(140 mA) = f (I
F); TA = 25 °C; yellow


유사한 부품 번호 - LA-CN5M

제조업체부품명데이터시트상세설명
logo
OSRAM GmbH
LA-C9SM OSRAM-LA-C9SM Datasheet
276Kb / 15P
   SMD ceramic package with silicon resin
LA-CP7P OSRAM-LA-CP7P Datasheet
884Kb / 20P
   SMT ceramic package with silicone resin and silicone lens
LA-CPDP OSRAM-LA-CPDP Datasheet
1Mb / 23P
   SMT ceramic package with silicone resin and silicone lens
More results

유사한 설명 - LA-CN5M

제조업체부품명데이터시트상세설명
logo
OSRAM GmbH
LACPDP OSRAM-LACPDP Datasheet
416Kb / 20P
   SMD ceramic package with silicon resin with lens
LCWCPDP.PC OSRAM-LCWCPDP.PC Datasheet
475Kb / 19P
   SMD ceramic package with silicon resin with lens
LCW-CQ7P.CC OSRAM-LCW-CQ7P.CC Datasheet
559Kb / 22P
   SMD ceramic package with silicon resin with lens
LCW-CQAR.PC OSRAM-LCW-CQAR.PC Datasheet
197Kb / 10P
   SMD ceramic package with silicon resin with lens
LUW-CP7P OSRAM-LUW-CP7P Datasheet
450Kb / 18P
   SMD ceramic package with silicon resin with lens
LCWCQ7P.CC OSRAM-LCWCQ7P.CC Datasheet
559Kb / 22P
   SMD ceramic package with silicon resin with lens
LCW-CP7P OSRAM-LCW-CP7P Datasheet
565Kb / 21P
   SMD ceramic package with silicon resin with lens
LACP7P OSRAM-LACP7P Datasheet
419Kb / 20P
   SMD ceramic package with silicon resin with lens
LDCP7P OSRAM-LDCP7P Datasheet
405Kb / 19P
   SMD ceramic package with silicon resin with lens
LHCPDP OSRAM-LHCPDP Datasheet
363Kb / 17P
   SMD ceramic package with silicon resin with lens
LUW-CPDP OSRAM-LUW-CPDP Datasheet
509Kb / 21P
   SMD ceramic package with silicon resin with lens
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com